Part Number Hot Search : 
20133 M2052 2SK4125 F1145ER GBU10 SMCJ16A SW6502 MMBD7000
Product Description
Full Text Search
 

To Download TS1610-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s s h h e e n n z z h h e e n n t t e e c c h h s s t t a a r r e e l l e e c c t t r r o o n n i i c c s s c c o o . . , , l l t t d d lcd module specification ver1.0 page 1 of 6 1 specification for lcd module TS1610-1
s s h h e e n n z z h h e e n n t t e e c c h h s s t t a a r r e e l l e e c c t t r r o o n n i i c c s s c c o o . . , , l l t t d d lcd module specification ver1.0 page 2 of 6 2 TS1610-1 lcd module 1. features y display mode: fstn, positive, reflective y display formate: 16 character x 1 line y viewing direction: 6 o? c lock y input data: 4-bits or 8-bits interface avaliable y display font : 5 x 8 dots y power supply : single power supply (5v10%) y driving scheme : 1/16duty,1/5bias 2. absolute maximum item symbol min. max. unit power supply for logic vdd -0.3 +7.0 v power supply for lcd drive vlcd vdd-11.5 vdd+0.3 v input voltage vi -0.3 vdd+0.3 v operating temperature ta 0 +50 storage temperature tstg -10 +60 3. electrical characteristics (ta=25 ;vdd=3.0v10%,otherwise specified) item symbol test condition min. typ. max. unit power supply for logic vdd -- 4.7 5.0 5.5 v operating voltage for lcd vdd-vo -- -- 5.0 -- v input h igh  voltage vih -- 2.2 -- vdd v input l ow  voltage vil -- -0.3 -- 0.6 v output h igh  voltage voh -ioh=0.2ma 2.4 -- -- v output l ow  voltage vol iol=1.2ma -- -- 0.4 v power supply current idd vdd=3.0v -- 1.1 -- ma 4. mechanical parameters item description unit pcb dimension 80.0x36.0 mm view dimension mm
s s h h e e n n z z h h e e n n t t e e c c h h s s t t a a r r e e l l e e c c t t r r o o n n i i c c s s c c o o . . , , l l t t d d lcd module specification ver1.0 page 3 of 6 3 5. pin assignment no. s y mbol level function 1 vss -- 0v 2 vdd -- + 5v power supply 3 v0 -- for lcd 4 rs h/l register select: h:data input l:instruction input 5 r/w h/l h -- read l -- write 6 e h,h - l enable signal 7 db0 h/l 8 db1 h/l 9 db2 h/l data bus used in 8 bit transfer 10 db3 h/l 11 db4 h/l 12 db5 h/l data bus for both 4 and 8 bit transfer 13 db6 h/l 14 db7 h/l 15 bla -- blacklight + 16 blk -- blacklight - 6. system block diagram vss db7-db0 16(com) (common) e r/w 40(segment) rs v0 vdd 7. ac characteristics (vdd=5v10%,vss=0v ta=25 ) (1)write mode(writing data from micom to ks0070b) characteristic symbol min. typ. max. unit test pin e c y cle time t c 500 -- -- ns e e rise time t r -- -- 25 ns e e fall time t f -- -- 25 ns e e p ulse width ( hi g h , low ) t w 220 -- -- ns e r/w and rs set-u p time t su1 40 -- -- ns r/w , rs r/w and rs hold time t h1 10 -- -- ns r/w , rs data set-u p time t su2 60 -- -- ns db0~db7 data hold time t h2 10 -- -- ns db0~db7 lcd panel dot matrix lcd controller
s s h h e e n n z z h h e e n n t t e e c c h h s s t t a a r r e e l l e e c c t t r r o o n n i i c c s s c c o o . . , , l l t t d d lcd module specification ver1.0 page 4 of 6 4 (2) read mode(reading data from ks0066 to micom) characteristic s y mbol min. t yp . max. unit test p in e c y cle time t c 500 -- -- ns e e rise time t r -- -- 25 ns e e fall time t f -- -- 25 ns e e p ulse width ( hi g h , low ) t w 220 -- -- ns e r/w and rs set-u p time t su1 40 -- -- ns r/w , rs r/w and rs hold time t h1 10 -- -- ns r/w , rs data set-u p time t su2 -- -- 120 ns db0~db7 data hold time t h2 20 -- -- ns db0~db7
s s h h e e n n z z h h e e n n t t e e c c h h s s t t a a r r e e l l e e c c t t r r o o n n i i c c s s c c o o . . , , l l t t d d lcd module specification ver1.0 page 5 of 6 5 8. control and display command command rs r/w db7 db6 db 5 db4 db3 db2 db1 db0 remark display clear l l l l l l l l l h return home l l l l l l l l h x cursor move to first digit entry mode set l l l l l l l h i/d sh i/d:set cursor move direction h-increase l-decrease sh:specifies shift of display h-display is shifted l-display is not shifted display on/off l l l l l l h d c b d:display(h-on,l-off) c:cursor(h- on,l-off) b:blinking(h-on,l-off) shift l l l l l h s/c r/l x x sc:( h-display shift,l-cursir move) r/l:(h-right shift,l-left shift) set function l l l l h dl n f x x dl:(h-8 bits interface,l-4 bits interface) n:(h-2 line display,l-1 line display) f:(h-5 x 10 dots,l-5 x 7 dots) set cg ram address l l l h cg ram address (corresponds to address) cg ram data is sent and received after this setting set dd ram address l l h dd ram address dd ram data is sent and received after this setting read busy flag & address l h bf address counter used for both dd cg ram address bf:(h-busy ,l-ready) --reads bf indication internal operating is being performed --reads address counter contents write data h l write data write data into dd or cg ram read data h h read data read data from dd or cgram
s s h h e e n n z z h h e e n n t t e e c c h h s s t t a a r r e e l l e e c c t t r r o o n n i i c c s s c c o o . . , , l l t t d d lcd module specification ver1.0 page 6 of 6 6 ? assembly diagram 123456789 10 11 12 13 141516 vss vcc rs vee r/w e db0 db1 led- led+ db7 db6 db4 db5 db3 db2 tpey r&el *1 4.5 11.0 *2 led 7.6 14.0 1.6 *2max *1


▲Up To Search▲   

 
Price & Availability of TS1610-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X