Part Number Hot Search : 
STRT71X TIC206A BZX55B39 LV5806 MO8651 BYV15 W1T1G CTLZ6V8
Product Description
Full Text Search
 

To Download SKM300GA12E40906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skm300ga12e4 ? by semikron rev. 2 ? 16.06.2009 1 semitrans ? 4 ga igbt4 modules skm300ga12e4 features ? igbt4 = 4. generation (trench)igbt ? vcesat with positive temperature coefficient ? high short circuit capability, self limiting to 6 x i cnom ? soft switching 4. generation cal diode (cal4) typical applications ? ac inverter drives ?ups ? electronic welders at fsw up to 20 khz remarks ? case temperature limited to t c = 125c max, recomm. t op = -40 ... +150c, product rel. results valid for t j = 150 absolute maximum ratings symbol conditions values unit igbt v ces 1200 v i c t j = 175 c t c =25c 422 a t c =80c 324 a i cnom 300 a i crm i crm = 3xi cnom 900 a v ges -20 ... 20 v t psc v cc = 800 v v ge 15 v v ces 1200 v t j = 150 c 10 s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 353 a t c =80c 264 a i fnom 300 a i frm i frm = 3xi fnom 900 a i fsm t p = 10 ms, sin 180, t j =25c 1548 a t j -40 ... 175 c module i t(rms) 500 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =300a v ge =15v chiplevel t j =25c 1.85 2.1 v t j = 150 c 2.25 2.45 v v ce0 t j =25c 0.8 0.9 v t j = 150 c 0.7 0.8 v r ce v ge =15v t j =25c 3.5 4.0 m ? t j = 150 c 5.2 5.5 m ? v ge(th) v ge =v ce , i c =12ma 5 5.8 6.5 v i ces v ge =0v v ce = 1200 v t j =25c 0.1 0.3 ma t j = 150 c ma c ies v ce =25v v ge =0v f=1mhz 17.6 n f c oes f=1mhz 1.16 nf c res f=1mhz 0.94 nf q g v ge =- 8 v...+ 15 v 1700 nc r gint t j =25c 2.5 ? t d(on) v cc = 600 v i c =300a v ge =15v r g on =1.4 ? r g off =1.5 ? di/dt on = 6100 a/s di/dt off = 3000 a/s t j = 150 c 220 n s t r t j = 150 c 51 ns e on t j = 150 c 23.4 mj t d(off) t j = 150 c 515 n s t f t j = 150 c 105 n s e off t j = 150 c 35 mj r th(j-c) per igbt 0.11 k/w
skm300ga12e4 2 rev. 2 ? 16.06.2009 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i f =300a v ge =0v chip t j =25c 2.17 2.49 v t j = 150 c 2.11 2.42 v v f0 t j =25c 1.3 1.5 v t j = 150 c 0.9 1.1 v r f t j =25c 2.9 3.3 m ? t j = 150 c 4.0 4.4 m ? i rrm i f =300a di/dt off = 7300 a/s v ge =15v v cc = 600 v t j = 150 c 345 a q rr t j = 150 c 54 c e rr t j = 150 c 22.2 mj r th(j-c) per diode 0.17 k/w module l ce 15 20 nh r cc'+ee' terminal-chip t c =25c 0.18 m ? t c = 125 c 0.22 m ? r th(c-s) per module 0.02 0.038 k/w m s to heat sink m6 3 5 nm m t to terminals m6, m4 2.5 5 nm nm w 330 g semitrans ? 4 ga igbt4 modules skm300ga12e4 features ? igbt4 = 4. generation (trench)igbt ? vcesat with positive temperature coefficient ? high short circuit capability, self limiting to 6 x i cnom ? soft switching 4. generation cal diode (cal4) typical applications ? ac inverter drives ?ups ? electronic welders at fsw up to 20 khz remarks ? case temperature limited to t c = 125c max, recomm. t op = -40 ... +150c, product rel. results valid for t j = 150
skm300ga12e4 ? by semikron rev. 2 ? 16.06.2009 3 fig. 1: typ. output ch aracteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
skm300ga12e4 4 rev. 2 ? 16.06.2009 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching times vs. gate resistor r g fig. 9: transient thermal impedance fig. 10: cal diode forward characteristic fig. 11: cal diode peak reverse recovery current fig. 12: typ. cal diode peak reverse recovery charge
skm300ga12e4 ? by semikron rev. 2 ? 16.06.2009 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix. this technical information specifies semiconductor devices but promises no characteristics. no warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. semitrans 4 ga


▲Up To Search▲   

 
Price & Availability of SKM300GA12E40906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X