Part Number Hot Search : 
C882P 5KP78A A225M P2805 TCA3388 432MH MMBTH10 F30NC15M
Product Description
Full Text Search
 

To Download SBT2907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5c054-000 1 SBT2907 pnp silicon transistor pin connection sot-23 descriptions ? general purpose application ? switching application features ? low leakage current ? low collector saturation voltage enabling low voltage operation ? complementary pair with sbt2222 ordering information type no. marking package code SBT2907 2b sot-23 device code year&week code absolute maximum ratings ta =2 5 c characteristic symbol ratings unit collector-base voltage v cbo -60 v collector-emitter voltage v ceo -40 v emitter-base voltage v ebo -5 v collector current i c -600 ma collector dissipation p c * 350 mw junction temperature t j 150 c storage temperature range t stg -55~150 c * : package mounted on 99.5% alumina 10 8 0.6mm 1 2 3
ksd-t5c054-000 2 SBT2907 electrical characteristics ta=25 c characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =-10 a, i e =0 -60 - - v collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -40 - - v emitter-base breakdown voltage bv ebo i e =-10 a, i c =0 -5 - - v collector cut-off current i cbo v cb =-40v, i e =0 - - -20 na dc current gain h fe v ce =-10v, i c =-10ma 100 - - - collector-emitter saturation voltage v ce(sat) i c =-150ma, i b =-15ma - - -0.4 v transition frequency f t v ce =-5.0v, i c =-20ma, f=100mhz 200 - - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - - 8 pf tu r n - o n t i m e t on - - 45 ns delay time t d - - 10 ns rise time t r v cc =-30v dc ,i c =-150ma dc , i b1 =-15ma dc - - 40 ns turn-off time t off - - 100 ns storage time t s - - 80 ns fall time t f v cc =-6.0v dc ,i c =-150ma dc , i b1 =i b2 =-15ma dc - - 30 ns
ksd-t5c054-000 3 SBT2907 electrical characteristic curves fig. 4 c ob -v cb fig. 2 h fe- i c fig. 1 p c- t a fig. 3 v ce(sat) -i c
ksd-t5c054-000 4 SBT2907 outline dimension recommend pcb solder land [unit: mm]
ksd-t5c054-000 5 SBT2907 the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SBT2907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X