|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
absolute maximum ratings at t a = 25c power dissipation ???????? ?????????????.???.??..... 72mw reverse voltage (<100 a) ??..?????..?????????.?.??..????... 5.0v max forward current ??????????????...??????.?.?.??? 30ma peak forward current (1/10 duty cycle, 0.1ms pulse width)... ?.???????.????.. 100ma operating temperature range ??????????????..?.???.. -25c to +85c storage temperature range..????.???????...???..??....? -40c to +100c soldering temperature (1.6mm below body) ....??????????.??. 260c for 5 seconds pl16 series 5mm (t1?) led features *popular t1 3/4 lens style with flange *algainp ultra bright red chip used *narrow viewing angle *high intensity *ultra high light output *rohs compliant electrical & optical characteristics at t a = 25c part number emitting color chip material peak wave length viewing angle 2 ? forward voltage @20ma (v) luminous intensity @20ma (mcd) water clear lens nm deg typ max min typ PL16D-WCR23 deep red alingap 650 20 1.9 2.4 622 1200 dominant wave length nm 639 all dimensions are in millimeters . tolerance is 0.25mm unless otherwise specified. an epoxy meniscus may extend about 1mm down the leads. 8 . 7 2 4 . 0 m i n . 1 . 5 t y p . 2.54 0.1 1 . 0 0.5 square 5 . 9 anode 5 . 0 01-14-08 rev 0 rs tel:(800)688-0613 tel:(719) 589 3122 fax:(719) 589 3592 www.p-tec.net sales@p-tec.net p-tec corp. 2405 commerce circle alamosa co. 81101
|
Price & Availability of PL16D-WCR23 |