Part Number Hot Search : 
EUR2620M 4148W XP0279A NTD6416 1608X7 60N321 NSR01 1N523
Product Description
Full Text Search
 

To Download PI74AVC16823K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ps8489 07/24/00 1 oe 1 clr 2 1 clken 1 q 1 1 1 clk 55 56 v ce c1 r 1d 54 1 d 1 2 oe 2 clr 27 2 clken 2 q 1 28 2 clk 30 29 v ce c1 r 1d 42 2 d 1 15 8 8 3 product description pericom semiconductor?s pi74avc + series of logic circuits are produced using the company?s advanced submicron cmos technology, achieving industry leading speed. the 18-bit pi74avc + 16823 bus-interface flip-flop is designed for 1.65v to 3.6v v cc operation. it features 3-state outputs designed specifically for driving highly capacitive or relatively low-impedance loads. this device is particularly suitable for implementing wider buffer registers, i/o ports, bidirectional bus drivers with parity, and working registers. the device can be used as two 9-bit flip-flops or one 18-bit flip-flop. with the clock enable (clken) input low, the d-type flip-flops enter data on the low-to-high transitions of the clock. taking clken high disables the clock buffer, thus latching the outputs. taking the clear (clr) input low causes the q outputs to go low independently of the clock. a buffered output enable (oe) input can be used to place the nine outputs in either a normal logic state (high or low logic levels) or high-impedance state. in the high-impedance state, the outputs neither load n or drive the bus lines significantly. the high- impedance state and increased drive provide the capability to drive bus lines without need for interface or pullup components. the output enable (oe) input does not affect the internal operation of the flip-flops. old data can be retained or new data can be entered while the outputs are in the high-impedance state. to ensure the high-impedance state during power up or power down, oe should be tied to v cc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1 2345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012 12345678901 2 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi74avc+16823 2.5v 18-bit bus interface flip-flop with 3-state outputs logic block diagram product features ? pi74avc + 16823 is designed for low voltage operation, v cc = 1.65v to 3.6v  true 24ma balanced drive @ 3.3v  i off supports partial power-down operation  3.6v i/o tolerant inputs and outputs  all outputs contain a patented ddc (dynamic drivecontrol) circuit that reduces noise without degrading propagation delay.  industrial operation at ?40c to +85c  available packages: ? 56-pin 240 mil wide plastic tssop (a) ? 56-pin 173 mil wide plastic tvsop (k)
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 2 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1 1clr 1oe 1q1 gnd 1q2 1q3 v cc 1q4 1q5 1q6 gnd 1q7 1q8 1q9 2q1 2q2 2q3 gnd 2q4 2q5 2q6 v cc 2q7 2q8 gnd 2q9 2oe 2clr 1clk 1clken 1d1 gnd 1d2 1d3 v cc 1d4 1d5 1d6 gnd 1d7 1d8 1d9 2d1 2d2 2d3 gnd 2d4 2d5 2d6 v cc 2d7 2d8 gnd 2d9 2clken 2clk 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 25 26 27 28 32 31 30 29 pin name description oe output enable input (active low) clr clear input (active low) clken clock enable input (active low) clk clock input (active high) dx data inputs qx 3-state outputs gnd ground v cc power inputs output oe clr clken clk d q ll x x x l lh l hh lh l ll lh l l x q 0 lh h x x q 0 hx x x x z product pin description truth table (1) note: 1. h = high signal level l = low signal level x = irrelevant z = high impedance = low-to-high transition product pin configuration 56-pin a, k
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 3 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 recommended operating conditions (1) notes: 1. all unused inputs must be held at v cc or gnd to ensure proper device operation. . n i m. x a ms t i n u v c c e g a t l o v y l p p u s g n i t a r e p o5 6 . 16 . 3 v y l n o n o i t n e t e r a t a d2 . 1 v h i e g a t l o v t u p n i l e v e l - h g i h v c c v 2 . 1 =v c c v c c v 5 9 . 1 o t v 5 6 . 1 =x 5 6 . 0v c c v c c v 7 . 2 o t v 3 . 2 =7 . 1 v c c v 6 . 3 o t v 3 =2 v l i e g a t l o v t u p n i l e v e l - w o l v c c v 2 . 1 =d n g v c c v 5 9 . 1 o t v 5 6 . 1 =x 5 3 . 0v c c v c c v 7 . 2 o t v 3 . 2 =7 . 0 v c c v 6 . 3 o t v 3 =8 . 0 v i e g a t l o v t u p n i 06 . 3 v o e g a t l o v t u p t u o e t a t s e v i t c a0v c c e t a t s - 306 . 3 i h o t n e r r u c t u p t u o l e v e l - h g i h v c c v 5 9 . 1 o t v 5 6 . 1 =6 ? a m v c c v 7 . 2 o t v 3 . 2 =2 1 ? v c c v 6 . 3 o t v 3 =4 2 ? i l o t n e r r u c t u p t u o l e v e l - w o l v c c v 5 9 . 1 o t v 5 6 . 1 =6 v c c v 7 . 2 o t v 3 . 2 =2 1 v c c v 6 . 3 o t v 3 =4 2 ? t ? e t a r l l a f r o e s i r n o i t i s n a r t t u p n i v v c c v 6 . 3 o t v 5 6 . 1 =5v / s n t a e r u t a r e p m e t r i a - e e r f g n i t a r e p o 0 4 ? 5 8c note: stresses greater than those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. maximum ratings (above which the useful life may be impaired. for user guidelines, not tested.) supply voltage range, v cc .................................................................. ? 0.5v to +4.6v input voltage range, v i ........................................................................... ? 0.5v to +4.6v voltage range applied to any output in the high-impedance or power-off state, v o (1) ..................................... ? 0.5v to +4.6v voltage range applied to any output in the high or low state, v o (1,2) ............................................................. ? 0.5v to v cc +0.5v input clamp current, i ik (v i <0) ........................................................... ? 50ma output clamp current, i ok (v o <0) ..................................................... ? 50ma continuous output current, i o ............................................................................. 50ma continuous current through each v cc or gnd ................................. 100ma package thermal impedance, ja (3) : package a .................................. 64 c/w package k ................................... 48 c/w storage temperature range, t stg ........................................ ? 65 c to 150 c notes: 1. input & output negative-voltage ratings may be exceeded if the input and output curent rating are observed. 2. output positive-voltage rating may be exceeded up to 4.6v maximum if theoutput current rating is observed. 3. the package thermal impedance is calculated in accordance with jesd 51.
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 4 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 s r e t e m a r a ps n o i t i d n o c t s e t ) 1 ( v c c . n i m. p y t. x a ms t i n u v h o i h o 0 0 1 ? =a v 6 . 3 o t v 5 6 . 1v c c v 2 . 0 ? v i h o 6 ? =m v a h i v 7 0 . 1 =v 5 6 . 12 . 1 i h o 2 1 ? =m v a h i v 7 . 1 =v 3 . 25 7 . 1 i h o 4 2 ? =m v a h i v 2 =v 30 . 2 v l o i l o 0 0 1 =a v 6 . 3 o t v 5 6 . 12 . 0 i l o 6 =m v a h i v 7 5 . 0 =v 5 6 . 15 4 . 0 i l o 2 1 =m v a h i v 7 . 0 =v 3 . 25 5 . 0 i l o 4 2 =m v a h i v 8 . 0 =v 38 . 0 i i s t u p n i l o r t n o cv i v = c c d n g r ov 6 . 35 . 2 a i f f o v i v r o o v 6 . 3 =0 0 1 i z o v i v = c c d n g r ov 6 . 30 1 i c c v o v = c c i d n g r o o 0 =v 6 . 30 4 c i s t u p n i l o r t n o c v i v = c c d n g r o v 5 . 24 f p v 3 . 34 s t u p n i a t a d v 5 . 26 v 3 . 36 c o s t u p t u ov o v = c c d n g r o v 5 . 28 v 3 . 38 note: typical values are measured at t a = 25 c. dc electrical characteristics (over the operating range, t a = ? 40 c + 85 c)
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 5 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 r e t e m a r a p m o r f ) t u p n i ( o t ) t u p t u o ( v c c v 2 . 1 = v c c v 5 . 1 = v 1 . 0 v c c v 8 . 1 = v 5 1 . 0 v c c v 5 . 2 = v 2 . 0 v c c v 3 . 3 = v 3 . 0 s t i n u n i mx a mn i mx a mn i mx a mn i mx a mn i mx a m f x a m 0 5 10 8 10 8 1z h m t d p k l c q 0 . 47 . 23 . 2 s n r l c7 . 38 . 24 . 2 t n e e o 9 . 37 . 23 . 2 t s i d 5 . 35 . 27 . 2 timing requirements over recommended operating free-air temperature range (unless otherwise noted, see figures 1 thru 4) switching characteristics over recommended operating free-air temperature range (unless otherwise noted, see figures 1 thru 4) operating characteristics, t a = 25 c s r e t e m a r a ps n o i t i d n o c t s e t v c c v 8 . 1 = v 5 1 . 0 v c c v 5 . 2 = v 2 . 0 v c c v 3 . 3 = v 3 . 0 s t i n u l a c i p y tl a c i p y tl a c i p y t n o i t a p i s s i d r e w o p d p c e c n a t i c a p a c d e l b a n e s t u p t u o c l , f p 0 = z h m 0 1 = f 5 20 37 3 f p d e l b a s i d s t u p t u o0 12 18 1 f k c o l c y c n e u q e r f k c o l c v c c v 2 . 1 = v c c v 5 . 1 = v 1 . 0 v c c v 8 . 1 = v 5 1 . 0 v c c v 5 . 2 = v 2 . 0 v c c v 3 . 3 = v 3 . 0 s t i n u n i mx a mn i mx a mn i mx a mn i mx a mn i mx a m 0 5 10 8 10 8 1z h m t w n o i t a r u d e s l u p w o l r l c4 . 30 . 30 . 3 s n w o l r o h g i h k l c4 . 30 . 30 . 3 t u s e m i t p u t e s w o l r l c8 . 01 . 06 . 0 w o l a t a d8 . 00 . 12 . 1 h g i h a t a d2 . 10 . 18 . 0 e k l c w o l0 . 26 . 12 . 1 t h e m i t d l o h a t a dw o l4 . 04 . 04 . 0 a t a dh g i h6 . 06 . 06 . 0 w o l n e k l c4 . 04 . 04 . 0
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 6 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 parameter measurement information v cc = 1.2v and 1.5v 0.1v load circuit voltage waveforms propagation delay times voltage waveforms enable and disable times voltage waveforms pulse duration t s e t1 s t d p t z l p t / l z p t z h p t / h z p n e p o v x 2 c c d n g notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input impulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 ? , t r 2.0ns, t f 2.0ns. d. the outputs are measured one at a time with one transition per measurement. e. t plz and t phz are the same as t dis f. t pzl and t pzh are the same as t en g. t plh and t phl are the same as t pd figure 1. load circuit and voltage waveforms 2 ? 2 ? 2xv cc open gnd s1 from output under test cl = 15pf (see note a) t pzl output control (low level enabling) 0v v cc /2 v cc /2 v cc /2 v cc /2 t plz t phz v ol v cc 0v t pzh +0.1v ?0.1v output waveform 1 s1 at 2 x v cc (see note b) output waveform 2 s1 at gnd (see note b) v oh v oh v ol v cc input t plh t phl 0v output v oh v ol v cc /2 v cc /2 v cc /2 v cc v cc /2 input t w v cc /2 v cc v cc /2 0v data input t su t h v cc /2 v cc v cc /2 0v v cc 0v timing input v cc /2 voltage waveforms setup and hold times
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 7 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 parameter measurement information v cc = 1.8v 0.15v load circuit voltage waveforms propagation delay times voltage waveforms enable and disable times voltage waveforms pulse duration t s e t1 s t d p t z l p t / l z p t z h p t / h z p n e p o v x 2 c c d n g notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input impulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 ? , t r 2.0ns, t f 2.0ns. d. the outputs are measured one at a time with one transition per measurement. e. t plz and t phz are the same as t dis f. t pzl and t pzh are the same as t en g. t plh and t phl are the same as t pd figure 2. load circuit and voltage waveforms 2 ? 2 ? 2xv cc open gnd s1 from output under test cl = 15pf (see note a) t pzl output control (low level enabling) 0v v cc /2 v cc /2 v cc /2 v cc /2 t plz t phz v ol v cc 0v t pzh +0.1v ? 0.1v output waveform 1 s1 at 2 x v cc (see note b) output waveform 2 s1 at gnd (see note b) v oh v oh v ol v cc input t plh t phl 0v output v oh v ol v cc /2 v cc /2 v cc /2 v cc v cc /2 input t w v cc /2 v cc v cc /2 0v data input t su t h v cc /2 v cc v cc /2 0v v cc 0v timing input v cc /2 voltage waveforms setup and hold times 1 k ? 1 k ? 0.15v 0.15v 30
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 8 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 parameter measurement information v cc = 2.5v 0.2v load circuit voltage waveforms propagation delay times voltage waveforms enable and disable times voltage waveforms pulse duration t s e t1 s t d p t z l p t / l z p t z h p t / h z p n e p o v x 2 c c d n g notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input impulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 ? , t r 2.0ns, t f 2.0ns. d. the outputs are measured one at a time with one transition per measurement. e. t plz and t phz are the same as t dis f. t pzl and t pzh are the same as t en g. t plh and t phl are the same as t pd figure 3. load circuit and voltage waveforms 2 ? 2 ? 2xv cc open gnd s1 from output under test cl = 15pf (see note a) t pzl output control (low level enabling) 0v v cc /2 v cc /2 v cc /2 v cc /2 t plz t phz v ol v cc 0v t pzh +0.15v ? 0.15v output waveform 1 s1 at 2 x v cc (see note b) output waveform 2 s1 at gnd (see note b) v oh v oh v ol v cc input t plh t phl 0v output v oh v ol v cc /2 v cc /2 v cc /2 v cc v cc /2 input t w v cc /2 v cc v cc /2 0v data input t su t h v cc /2 v cc v cc /2 0v v cc 0v timing input v cc /2 voltage waveforms setup and hold times 500 ? 500 ? 30
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 9 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 parameter measurement information v cc = 3.3v 0.3v load circuit voltage waveforms propagation delay times voltage waveforms enable and disable times voltage waveforms pulse duration t s e t1 s t d p t z l p t / l z p t z h p t / h z p n e p o v x 2 c c d n g notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input impulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 ? , t r 2.0ns, t f 2.0ns. d. the outputs are measured one at a time with one transition per measurement. e. t plz and t phz are the same as t dis f. t pzl and t pzh are the same as t en g. t plh and t phl are the same as t pd figure 4. load circuit and voltage waveforms 2 ? 2 ? 2xv cc open gnd s1 from output under test cl = 15pf (see note a) t pzl output control (low level enabling) 0v v cc /2 v cc /2 v cc /2 v cc /2 t plz t phz v ol v cc 0v t pzh +0.1v ? 0.1v output waveform 1 s1 at 2 x v cc (see note b) output waveform 2 s1 at gnd (see note b) v oh v oh v ol v cc input t plh t phl 0v output v oh v ol v cc /2 v cc /2 v cc /2 v cc v cc /2 input t w v cc /2 v cc v cc /2 0v data input t su t h v cc /2 v cc v cc /2 0v v cc 0v timing input v cc /2 voltage waveforms setup and hold times 500 ? 500 ? 0.3v 0.3v 30
pi74avc + 16823 2.5v 18-bit bus interface flip-flop with 3-state outputs 10 ps8489 07/24/00 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pericom semiconductor corporation 2380 bering drive ? san jose, ca 95131  1-800-435-2336  fax (408) 435-1100  http://www.pericom.com .002 .006 seating plane .007 .011 .004 .008 1 56 .236 .244 0.50 0.17 0.27 0.05 0.15 0.09 0.20 x.xx x.xx denotes dimensions in millimeters .018 .030 0.45 0.75 .047 max. 1.20 6.0 6.2 .547 .555 13.9 14.1 .319 8.1 .0197 bsc bsc .047 .031 .041 seating plane .016 bsc 1 56 .169 .177 11.20 11.40 4.30 4.50 1.20 0.40 0.13 0.23 0.80 1.05 x.xx x.xx denotes dimensions in millimeters .002 .006 0.05 0.15 .0035 .008 0.09 0.20 .018 .030 0.45 0.75 6.4 .252 bsc .005 .009 .441 .449 max. packaging mechanical - 56-pin tssop (a-package) packaging mechanical - 56-pin tvsop (k-package) . o f n i g n i r e d r on o i t p i r c s e d a 3 2 8 6 1 + c v a 4 7 i pp o s s t c i t s a l p e d i w l i m - 0 4 2 , n i p - 6 5 k 3 2 8 6 1 + c v a 4 7 i pp o s s t c i t s a l p e d i w l i m - 3 7 1 , n i p - 6 5


▲Up To Search▲   

 
Price & Availability of PI74AVC16823K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X