Part Number Hot Search : 
2SK546 PCD5090 DS1007 X0403 AD7934 LTC455BU KIC6981F 238GB35
Product Description
Full Text Search
 

To Download NRWX222M10V125X25F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  152 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors +125 c wide temperature range, radial leads, polarized features ? -55 c ~ +125 c extended operating temperature range ? low impedance and high ripple current at high frequency nrwx series characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 10 ~ 50vdc capacitance range 1.0 ~ 4,700 f operating temperature range -55 ~ +125c capacitance tolerance 20% (m) max. leakage current @ 20c 0.01cv or 3 a, whichever is greater after 2 minutes max. tan @ 120hz/20c (add 0.02 for every 1,000 f for values above 1,000 f w.v. (vdc) 10 16 25 35 50 tan 0.20 0.16 0.14 0.12 0.10 low temperature stability impedance ratio @ 120hz z-25c/z+20c 2 2 2 2 2 z-40c/z+20c 4 3 3 3 3 load life test at rated w.v. +125c 2,000 hours: > 10mm dia +125c 1,000 hours: 8mm dia capacitance change within 25% of intial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum vlaue cap. ( f) code working voltage (vdc) 10 16 25 35 50 1.01r0---- 8x11.5 2.22r2---- 8x11.5 3.33r3---- 8x11.5 4.74r7---- 8x11.5 1010---- 8x11.5 22220---- 8x11.5 33330---- 8x12.5 47 470 - - - 8x12.5 8x12.5 100 101 - 8x11.5 8x12.5 10x12.5 10x12.5 220 221 8x12.5 10x12.5 10x12.5 10x16 10x20 330 331 10x12.5 10x12.5 10x16 10x20 12.5x20 470 471 10x12.5 10x16 10x20 12.5x20 12.5x20 1000 102 10x20 12.5x20 12.5x25 16x25 16x31.5 2200 222 12.5x25 16x25 16x31.5 - - 3300 332 16x25 16x31.5 - - - 4700 472 16x31.5 ---- standard product and case size d x l (mm) diameter and leadspace (mm) = l< 20mm=1.5mm, l > 20mm=2.0mm d d 0.05 insulation sleeve f 0.5 4mm min. 15mm min. l + max. polarity marking case dia. (d ) 8 10 12.5 16 lead dia. (d ) 0.6 0.6 0.8 0.8 lead spacing (f) 3.5 5.0 5.0 7.5 dim. 0.5 1.0 *see part number system for details rohs compliant includes all homogeneous materials part numbering system nrwx 331 m 25v 10x16 tb f . rohs compliant tb = tape & box* case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi? cant, third character is multiplier series *see tape speci? cation for details
153 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nrwx series part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +125c/100khz max. esr ( ) +20c/100khz load life hours @+125c nrwx221m10v8x12.5f 220 10 0.20 280 0.26 1,000 nrwx331m10v10x12.5f 330 0.20 350 0.20 2,000 nrwx471m10v10x12.5f 470 0.20 380 0.17 2,000 nrwx102m10v10x20f 1000 0.20 580 0.12 2,000 nrwx222m10v12.5x25f 2200 0.20 1050 0.05 2,000 nrwx332m10v16x25f 3300 0.20 1150 0.04 2,000 nrwx472m10v16x31.5f 4700 0.20 1500 0.03 2,000 nrwx101m16v8x11.5f 100 16 0.16 250 0.39 1,000 nrwx221m16v10x12.5f 220 0.16 350 0.20 2,000 nrwx331m16v10x12.5f 330 0.16 380 0.17 2,000 nrwx471m16v10x16f 470 0.16 490 0.15 2,000 nrwx102m16v12.5x20f 1000 0.16 770 0.07 2,000 nrwx222m16v16x25f 2200 0.16 1150 0.04 2,000 nrwx332m16v16x31.5f 3300 0.16 1500 0.03 2,000 nrwx101m25v8x12.5f 100 25 0.14 280 0.26 1,000 nrwx221m25v10x12.5f 220 0.14 380 0.17 2,000 nrwx331m25v10x16f 330 0.14 480 0.15 2,000 nrwx471m25v10x20f 470 0.14 580 0.12 2,000 nrwx102m25v12.5x25f 1000 0.14 1050 0.05 2,000 nrwx222m25v16x31.5f 2200 0.14 1500 0.03 2,000 nrwx470m35v8x12.5f 47 35 0.12 230 0.45 1,000 nrwx101m35v10x12.5f 100 0.12 315 0.35 2,000 nrwx221m35v10x16f 220 0.12 420 0.29 2,000 nrwx331m35v10x20f 330 0.12 580 0.20 2,000 nrwx471m35v12.5x20f 470 0.12 630 0.12 2,000 nrwx102m35v16x25f 1000 0.12 980 0.06 2,000 nrwx1r0m50v8x11.5f 1.0 50 0.10 28 2.0 1,000 nrwx2r2m50v8x11.5f 2.2 0.10 42 1.8 1,000 nrwx3r3m50v8x11.5f 3.3 0.10 49 1.5 1,000 nrwx4r7m50v8x11.5f 4.7 0.10 70 1.15 1,000 nrwx100m50v8x11.5f 10 0.10 150 0.95 1,000 nrwx220m50v8x11.5f 22 0.10 210 0.65 1,000 nrwx330m50v8x12.5f 33 0.10 230 0.45 1,000 nrwx470m50v8x12.5f 47 0.10 230 0.45 1,000 nrwx101m50v10x12.5f 100 0.10 315 0.35 2,000 nrwx221m50v10x20f 220 0.10 560 0.20 2,000 nrwx331m50v12.5x20f 330 0.10 630 0.12 2,000 nrwx471m50v12.5x20f 470 0.10 770 0.10 2,000 nrwx102m50v16x31.5f 1000 0.10 1200 0.045 2,000 ripple current correction factor frequency (hz) 100hz ~ <1khz 1khz ~ <10khz > 10k c < 4.7 f 0.4 0.7 1.0 4.7 f < c < 100 f 0.50 0.73 0.92 100 f < c < 1000 f 0.55 0.77 0.94 1000 f < c 0.60 0.80 0.96 standard values, specifications and case sizes (mm)
181 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?rn?or ?bn? standard radial taping (5mm lead spacing, formed leads) tr, tb case dia. (d ) 10 12.5 case size all all dim. d ?.05 0.6 0.6 h ?.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p ?.0 25.4* p 0 12.7 ?.2 p 1 3.85 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d ) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 3.85 ?.5 (at end of tape) p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tr, tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
182 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping trst, tbst special radial taping (2.5mm lead spacing, formed leads) trf1, tbf1 case dia. (d ) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p ?.0 12.7 ?.2 p 0 12.7 ?.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d ) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d ?.05 0.45 0.45 0.5 h ?.75 17.5 17.5 18.5 h 0 ?.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 5.1 ?.5 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 t 0.7 ?.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
183 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf, tbst size of box and component quantity *special taping consult factory for availability reel packages (tape & reel) tr, trf1, trst size of reel and component quantity *special taping consult factory for availability seperator paper reel dimensions (mm) ? 360 max. ? 30 a b unit : o cardboard ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61 case dia (d ) or case size q'ty per box (pcs) dim. a dim. b 4 1,800 42 52 5 1,500 42 52 6.3 1,000 42 52 8 800 42 52 10x12.5* 600 42 52 10x16* 600 48 56 10x20* 600 52 60 12.x20* 250 52 60 12.5x25* 250 56 64


▲Up To Search▲   

 
Price & Availability of NRWX222M10V125X25F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X