Part Number Hot Search : 
P1052 64N3664 PC3500 30A01C SG17311 2SC2086 3N800 22U10LG
Product Description
Full Text Search
 

To Download MDU-18-V-25-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hl16 led light engine features & benefits: w easy plug and play wiring options w long operating life typically 50,000 hours w optimised thermal management w onboard driver option w selectable beam angles w full range of light output colours w low heat w no uv application: dialight's hl16 modules feature 3 high flux leds complete with heatsink. comparable to a traditional mr16 size, the hl16 modules can also be easily retrofitted into existing mr16 housings. the hl16 works well in exterior architecture, landscape, accent and display case applications mechanical information container dimensions: diameter = 50.0mm (1.97) height = 36.0mm (1.42), 37.5mm (1.48) with sub lens attached lead length = 150mm (5.91 container weight: 94g mounting: mr16 type housings (supplied by others) electrical specifications power consumption: 3.6 watts operating temperature: -10oc to +40oc drive current: 350ma housing: die cast heatsink lens: acrylic lens photometric information cct: 6,500k (cool white) 3,200k (neutral white intial lumen output: cool white - 300lm warm white - 180lm all values typical unless otherwise stated www.dialight.com order codes: 50mm part number description hl16-w led light engine, cool white hl16-ww led light engine, warm white 35.5mm 4.0mm 31.5mm 46mm compatible drivers: part number maximum number of hl16s supply voltage dimming dimensions mdu93570 3 110-240vac x 100 x 40 x 25 mm mld8-c-35170 2 230vac x 111 x 52 x 23.5 mm MDU-18-V-25-100 4 230vac via 0-10v dimmer 110 x 49 x 25 mm mnd70 3 110 C 240vac trailing edge dimmer 99 x 39 x 23.5mm hl16 with wide lens
dialight reserves the right to make changes at any time in order to supply the best product possible. the most current version of this document will always be available at: www.dialight.com/assets/brochures_and_catalogs/illumination/mdexlumhl16.pdf www.dialight.com mdexlumhl16_d typical wiring examples operating characteristics wide optic spot optic


▲Up To Search▲   

 
Price & Availability of MDU-18-V-25-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X