Part Number Hot Search : 
BCM53 ISL12032 30N20D TEA1024 477M00 STPS6 1545CTG MPS651
Product Description
Full Text Search
 

To Download M3366G-S08-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd m3366 preliminary linear integrated circuit www.unisonic.com.tw 1 of 6 copyright ? 2011 unisonic technologies co., ltd qw-r124-002.ba 3-input video switch with 75 driver ? description the utc m3366 is a three input integrated video switch selects one video or audio signal from three input signals. it contains driver circuit for 75 ? load and is able to connect to tv monitor. its operating supply voltage range is 5 ~ 12v and bandwidth is 10mhz. crosstalk is 70db (at 4.43mhz). the utc m3366 contains clamp function and it can be operated while setting dc level fixed in position of the video signal. ? features * operating voltage 4.75 ~ 13v * 3 input- 1 output * internal driver circuit for 75 ? lmpedance * muting function available * internal clamp function * low power dissipation 16.5ma * cross-talk 70db (at 4.43mhz) * wide frequency range 10mhz (2vp-p input) dip-8 sop-8 ? ordering information ordering number lead free halogen free package packing m3366l-s08-r M3366G-S08-R sop-8 tape reel m3366l-s08-t m3366g-s08-t sop-8 tube m3366l-d08-t m3366g-d08-t dip-8 tube m3366l-s08-r (1)packing type (2)package type (1) r: tape reel, t: tube (2) s08: sop-8, d08: dip-8 (3) g: halogen free, l: lead free (3)lead free
m3366 preliminary linear integrated circuit unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r124-002.ba ? pin configuration ? block diagram 75 driver bias c.c.t. gnd vout v + vin3(mute) vin1 sw1 vin2 sw2 8 7 65 1 2 3 4
m3366 preliminary linear integrated circuit unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r124-002.ba ? pin description pin no. pin name inside equivalent circuit pin no. pin name inside equivalent circuit 1 vin1 5 vin3 (mute) 2 sw1 200 13k sw1 9k 2k 1.1ma 6 v + - 3 vin2 7 vout 200 v out 4 sw2 200 13k sw2 9k 2k 1.1ma 8 gnd - ? input control signal-output signal sw1 sw2 output signal l l vin 1 h l vin 2 l/h h vin 3 note: input clamp voltage is about 2/5 of supply voltage
m3366 preliminary linear integrated circuit unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r124-002.ba ? absolute maximum rating (t a =25c) parameter symbol ratings unit supply voltage v + 15 v dip-8 500 power dissipation sop-8 p d 300 mw operating temperature t opr -20 +75 c storage temperature t stg -40 +125 c note: absolute maximum ratings are those values be yond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (v + =5v,t a =25 c) parameter symbol test conditions min typ max unit recommended supply voltage v + 4.75 13.0 v operating current i cc s1=s2=s3=s4=s5=2 11.5 16.5 22.0 ma voltage gain gv vin=2.0vp-p, 100khz, vo/vi, r l =150 ? -0.8 -0.3 +0.2 db frequency characteristic gf vin=2.0vp-p, vo(10mhz)/vo(100khz), r l =150 ? -1.0 +1.0 db differential gain dg vin= 2.0vp-p, staircase, r l =150 ? 0.3 % differential phase dp vin= 2.0vp-p, staircase, r l =150 ? 0.3 deg. output offset voltage voff s1=s2=s3=2, s5=1 2 vo: voltage change 0 30 mv crosstalk ct vin=2.0vp-p, 4.43mhz, vo/vi -70 db v ch all inside sw: on 2.4 switch change voltage v cl all inside sw: off 0.8 v note: unless specified, tested with three mode below. (a) s1=1, s2=s3=s4=s5=2 (b) s2=s4=1, s1=s3=s5=2 (c) s1=s2=2, s3=s5=1, s4=1 or 2
m3366 preliminary linear integrated circuit unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r124-002.ba ? application oscillation prevention on light loading conditions recommended under circuit this ic requires 1m ? resistance between input and gnd pin for clamp type input since the minute current causcs an unstable pin voltage. lpf vout 7 r c r 75 ~ = ~ = c 68pf this ic requires 1m ? resistance between input and gnd pin for clamp type input since the minute current causes an unstable pin voltage. this ic requires 0.1 f capacitor between input and gnd ,1m ? resistance between input and gnd for clamp type input at mute mode.
m3366 preliminary linear integrated circuit unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r124-002.ba ? test circuit ? dc voltage each terminal (typ. on test circuit t a =25 c) terminal name vin1 sw1 vin2 sw2 vin3 v + vout gnd dc voltage + v 5 2 + v 5 2 + v 5 2 7 0 5 2 . v ? + utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of M3366G-S08-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X