Part Number Hot Search : 
MMBD4 TSH95ID 75NF20 ES51999 15GD1 SM15T33A 09231 EHF10B1
Product Description
Full Text Search
 

To Download LT1762EMS8-33PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 lt1762 series 1762fa 150ma, low noise, ldo micropower regulators low noise: 20 v rms (10hz to 100khz) low quiescent current: 25 a wide input voltage range: 1.8v to 20v output current: 150ma very low shutdown current: < 1 a low dropout voltage: 270mv no protection diodes needed fixed output voltages: 2.5v, 3v, 3.3v, 5v adjustable output from 1.22v to 20v stable with 2.2 f output capacitor stable with aluminum, tantalum or ceramic capacitors reverse battery protection no reverse current overcurrent and overtemperature protected 8-lead msop package the lt 1762 series are micropower, low noise, low dropout regulators. the devices are capable of supplying 150ma of output current with a dropout voltage of 270mv. designed for use in battery-powered systems, the low 25 a quiescent current makes them an ideal choice. quiescent current is well controlled; it does not rise in dropout as it does with many other regulators. a key feature of the lt1762 regulators is low output noise. with the addition of an external 0.01 f bypass capacitor, output noise drops to 20 v rms over a 10hz to 100khz bandwidth. the lt1762 regulators are stable with output capacitors as low as 2.2 f. small ceramic capacitors can be used without the series resistance required by other regulators. internal protection circuitry includes reverse battery pro- tection, current limiting, thermal limiting and reverse current protection. the parts come in fixed output volt- ages of 2.5v, 3v, 3.3v and 5v, and as an adjustable device with a 1.22v reference voltage. the lt1762 regulators are available in the 8-lead msop package. dropout voltage 3.3v low noise regulator cellular phones battery-powered systems frequency synthesizers noise-sensitive instrumentation systems in shdn 0.01 f 10 f 1762 ta01 out sense v in 3.7v to 20v byp gnd lt1762-3.3 3.3v at 150ma 20 v rms noise 1 f + , lt, ltc and ltm are registered trademarks of linear technology corporation. all other trademarks are the property of their respective owners. output current (ma) 0 dropout voltage (mv) 400 350 300 250 200 150 100 50 0 80 100 120 140 1762 ta02 20 40 60 160 descriptio u features applicatio s u typical applicatio u
2 lt1762 series 1762fa absolute m axi m u m ratings w ww u package/order i n for m atio n w u u (note 1) in pin voltage ........................................................ 20v out pin voltage .................................................... 20v input to output differential voltage ....................... 20v sense pin voltage ............................................... 20v adj pin voltage ...................................................... 7v byp pin voltage .................................................... 0.6v shdn pin voltage ................................................. 20v output short-circut duration .......................... indefinite operating junction temperature range (note 2) ............................................ 40 c to 125 c storage temperature range ................. 65 c to 150 c lead temperature (soldering, 10 sec).................. 300 c consult factory for industrial and military grade parts. t jmax = 150 c, ja = 125 c/ w see the applications information section. parameter conditions min typ max units minimum operating voltage i load = 150ma 1.8 2.3 v regulated output voltage lt1762-2.5 v in = 3v, i load = 1ma 2.475 2.5 2.525 v (note 4) 3.5v < v in < 20v, 1ma < i load < 150ma 2.435 2.5 2.565 v lt1762-3 v in = 3.5v, i load = 1ma 2.970 3 3.030 v 4v < v in < 20v, 1ma < i load < 150ma 2.925 3 3.075 v lt1762-3.3 v in = 3.8v, i load = 1ma 3.267 3.3 3.333 v 4.3v < v in < 20v, 1ma < i load < 150ma 3.220 3.3 3.380 v lt1762-5 v in = 5.5v, i load = 1ma 4.950 5 5.050 v 6v < v in < 20v, 1ma < i load < 150ma 4.875 5 5.125 v adj pin voltage lt1762 v in = 2v, i load = 1ma 1.208 1.22 1.232 v (notes 3, 4) 2.22v < v in < 20v, 1ma < i load < 150ma 1.190 1.22 1.250 v line regulation lt1762-2.5 ? v in = 3v to 20v, i load = 1ma 15 mv lt1762-3 ? v in = 3.5v to 20v, i load = 1ma 15 mv lt1762-3.3 ? v in = 3.8v to 20v, i load = 1ma 15 mv lt1762-5 ? v in = 5.5v to 20v, i load = 1ma 15 mv lt1762 (note 3) ? v in = 2v to 20v, i load = 1ma 15 mv load regulation lt1762-2.5 v in = 3.5v, ? i load = 1ma to 150ma 4 12 mv v in = 3.5v, ? i load = 1ma to 150ma 25 mv lt1762-3 v in = 4v, ? i load = 1ma to 150ma 4 15 mv v in = 4v, ? i load = 1ma to 150ma 30 mv lt1762-3.3 v in = 4.3v, ? i load = 1ma to 150ma 5 17 mv v in = 4.3v, ? i load = 1ma to 150ma 33 mv lt1762-5 v in = 6v, ? i load = 1ma to 150ma 9 25 mv v in = 6v, ? i load = 1ma to 150ma 50 mv lt1762 (note 3) v in = 2.22v, ? i load = 1ma to 150ma 1 6 mv v in = 2.22v, ? i load = 1ma to 150ma 12 mv the denotes specifications which apply over the full operating temperature range, otherwise specifications are t a = 25 c. (note 2) electrical characteristics order part number lt1762ems8 lt1762ems8-2.5 lt1762ems8-3 lt1762ems8-3.3 lt1762ems8-5 ms8 part marking lthf lthg lthh lthj lthk 1 2 3 4 out sense/adj* byp gnd 8 7 6 5 in nc nc shdn top view ms8 package 8-lead plastic msop *pin 2: sense for lt1762-2.5/ lt1762-3/lt1762-3.3/lt1762-5 adj for lt1762 order options tape and reel: add #tr lead free: add #pbf lead free tape and reel: add #trpbf lead free part marking: http://www.linear.com/leadfree/
3 lt1762 series 1762fa electrical characteristics parameter conditions min typ max units the denotes specifications which apply over the full operating temperature range, otherwise specifications are t a = 25 c. (note 2) dropout voltage i load = 1ma 0.09 0.15 v v in = v out(nominal) i load = 1ma 0.19 v (notes 5, 6) i load = 10ma 0.15 0.21 v i load = 10ma 0.25 v i load = 50ma 0.21 0.27 v i load = 50ma 0.31 v i load = 150ma 0.27 0.33 v i load = 150ma 0.40 v gnd pin current i load = 0ma 25 65 a v in = v out(nominal) i load = 1ma 70 120 a (notes 5, 7) i load = 10ma 350 500 a i load = 50ma 1.3 1.8 ma i load = 150ma 47 ma output voltage noise c out = 10 f, c byp = 0.01 f, i load = 150ma, bw = 10hz to 100khz 20 v rms adj pin bias current (notes 3, 8) 30 100 na shutdown threshold v out = off to on 0.8 2 v v out = on to off 0.25 0.65 v shdn pin current v shdn = 0v 0.1 a (note 9) v shdn = 20v 1 a quiescent current in shutdown v in = 6v, v shdn = 0v 0.1 1 a ripple rejection v in ?v out = 1v (avg), v ripple = 0.5v p-p , f ripple = 120hz, 50 65 db i load = 150ma current limit v in = 7v, v out = 0v 400 ma v in = v out(nominal) + 1v, ? v out = 0.1v 160 ma input reverse leakage current v in = 20v, v out = 0v 1ma reverse output current lt1762-2.5 v out = 2.5v, v in < 2.5v 10 20 a (note 10) lt1762-3 v out = 3v, v in < 3v 10 20 a lt1762-3.3 v out = 3.3v, v in < 3.3v 10 20 a lt1762-5 v out = 5v, v in < 5v 10 20 a lt1762 (note 3) v out = 1.22v, v in < 1.22v 5 10 a note 5: to satisfy requirements for minimum input voltage, the lt1762 (adjustable version) is tested and specified for these conditions with an external resistor divider (two 250k resistors) for an output voltage of 2.44v. the external resistor divider will add a 5 a dc load on the output. note 6: dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. in dropout, the output voltage will be equal to: v in ?v dropout . note 7: gnd pin current is tested with v in = v out(nominal) and a current source load. this means the device is tested while operating in its dropout region. this is the worst-case gnd pin current. the gnd pin current will decrease slightly at higher input voltages. note 8: adj pin bias current flows into the adj pin. note 9: shdn pin current flows into the shdn pin. note 10: reverse output current is tested with the in pin grounded and the out pin forced to the rated output voltage. this current flows into the out pin and out the gnd pin. note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: the lt1762 regulators are tested and specified under pulse load conditions such that t j t a . the lt1762 is 100% tested at 25 c. performance at 40 c and 125 c is assured by design, characterization and correlation with statistical process controls. note 3: the lt1762 (adjustable version) is tested and specified for these conditions with the adj pin connected to the out pin. note 4: operating conditions are limited by maximum junction temperature. the regulated output voltage specification will not apply for all possible combinations of input voltage and output current. when operating at maximum input voltage, the output current range must be limited. when operating at maximum output current, the input voltage range must be limited.
4 lt1762 series 1762fa typical perfor m a n ce characteristics uw load current (ma) 500 450 400 350 300 250 200 150 100 50 0 dropout voltage (mv) 1762 g01 020 40 60 80 100 120 140 160 t j = 125 c t j = 25 c typical dropout voltage load current (ma) 500 450 400 350 300 250 200 150 100 50 0 dropout voltage (mv) 1762 g02 020 40 60 80 100 120 140 160 t j 125 c t j 25 c = test points temperature ( c) ?0 dropout voltage (mv) 0 50 75 1762 g03 ?5 25 100 125 i l = 150ma i l = 50ma i l = 10ma i l = 1ma 500 450 400 350 300 250 200 150 100 50 0 temperature ( c) ?0 quiescent current ( a) 100 1762 g04 050 40 35 30 25 20 15 10 5 0 25 25 75 125 v in = 6v r l = , i l = 0 (lt1762-2.5/-3/-3.3/-5) r l = 250k, i l = 5 a (lt1762) v shdn = v in temperature ( c) ?0 output voltage (v) 100 1762 g05 050 2.54 2.53 2.52 2.51 2.50 2.49 2.48 2.47 2.46 25 25 75 125 i l = 1ma temperature ( c) ?0 output voltage (v) 100 1762 g06 050 3.060 3.045 3.030 3.015 3.000 2.985 2.970 2.955 2.940 25 25 75 125 i l = 1ma temperature ( c) ?0 output voltage (v) 100 1762 g07 050 3.360 3.345 3.330 3.315 3.300 3.285 3.270 3.255 3.240 25 25 75 125 i l = 1ma temperature ( c) ?0 output voltage (v) 100 1762 g08 050 5.100 5.075 5.050 5.025 5.000 4.975 4.950 4.925 4.900 25 25 75 125 i l = 1ma temperature ( c) ?0 adj pin voltage (v) 100 1762 g09 050 1.240 1.235 1.230 1.225 1.220 1.215 1.210 1.205 1.200 25 25 75 125 i l = 1ma guaranteed dropout voltage dropout voltage quiescent current lt1762-2.5 output voltage lt1762-3 output voltage lt1762-3.3 output voltage lt1762 adj pin voltage lt1762-5 output voltage
5 lt1762 series 1762fa typical perfor m a n ce characteristics uw input voltage (v) 0 quiescent current ( a) 400 350 300 250 200 150 100 50 0 8 1762 g10 2 13579 4 6 10 v shdn = v in t j = 25 c r l = v shdn = 0v lt1762-2.5 quiescent current lt1762-3.3 quiescent current lt1762-3 quiescent current input voltage (v) 0 quiescent current ( a) 400 350 300 250 200 150 100 50 0 8 1762 g11 2 13579 4 6 10 v shdn = v in t j = 25 c r l = v shdn = 0v input voltage (v) 0 quiescent current ( a) 400 350 300 250 200 150 100 50 0 8 1762 g12 2 13579 4 6 10 v shdn = v in t j = 25 c r l = v shdn = 0v input voltage (v) 0 quiescent current ( a) 400 350 300 250 200 150 100 50 0 8 1762 g13 2 13579 4 6 10 v shdn = v in t j = 25 c r l = v shdn = 0v input voltage (v) 02 6 10 14 18 quiescent current ( a) 30 25 20 15 10 5 0 4 8 12 16 1762 g14 20 t j = 25 c r l = 250k v shdn = v in v shdn = 0v input voltage (v) 0 gnd pin current ( a) 800 700 600 500 400 300 200 100 0 8 1762 g15 2 13579 4 6 10 r l = 100 ? i l = 25ma* r l = 250 ? i l = 10ma* r l = 2.5k i l = 1ma* t j = 25 c v in = v shdn *for v out = 2.5v input voltage (v) 0 gnd pin current ( a) 800 700 600 500 400 300 200 100 0 8 1762 g16 2 13579 4 6 10 r l = 120 ? i l = 25ma* r l = 300 ? i l = 10ma* r l = 3k i l = 1ma* t j = 25 c v in = v shdn *for v out = 3v input voltage (v) 0 gnd pin current ( a) 800 700 600 500 400 300 200 100 0 8 1762 g17 2 13579 4 6 10 r l = 132 ? i l = 25ma* r l = 330 ? i l = 10ma* r l = 3.3k i l = 1ma* t j = 25 c v in = v shdn *for v out = 3.3v input voltage (v) 0 gnd pin current ( a) 800 700 600 500 400 300 200 100 0 8 1762 g18 2 13579 4 6 10 r l = 200 ? i l = 25ma* r l = 500 ? i l = 10ma* r l = 5k i l = 1ma* t j = 25 c v in = v shdn *for v out = 5v lt1762-5 quiescent current lt1762-2.5 gnd pin current lt1762 quiescent current lt1762-3 gnd pin current lt1762-5 gnd pin current lt1762-3.3 gnd pin current
6 lt1762 series 1762fa typical perfor m a n ce characteristics uw input voltage (v) 0 gnd pin current ( a) 800 700 600 500 400 300 200 100 0 8 1762 g19 2 13579 4 6 10 r l = 48.8 ? i l = 25ma* r l = 122 ? i l = 10ma* r l = 1.22k i l = 1ma* t j = 25 c v in = v shdn *for v out = 1.22v input voltage (v) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 gnd pin current (ma) 1762 g20 0123 4 5 67 8910 t j = 25 c v in = v shdn *for v out = 2.5v r l = 16.7 ? i l = 150ma* r l = 25 ? i l = 100ma* r l = 50 ? i l = 50ma* input voltage (v) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 gnd pin current (ma) 1762 g21 0123 4 5 67 8910 t j = 25 c v in = v shdn *for v out = 3v r l = 20 ? i l = 150ma* r l = 30 ? i l = 100ma* r l = 60 ? i l = 50ma* input voltage (v) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 gnd pin current (ma) 1762 g22 0123 4 5 67 8910 t j = 25 c v in = v shdn *for v out = 3.3v r l = 22 ? i l = 150ma* r l = 33 ? i l = 100ma* r l = 66 ? i l = 50ma* input voltage (v) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 gnd pin current (ma) 1762 g23 0123 4 5 67 8910 r l = 33.3 ? i l = 150ma* r l = 50 ? i l = 100ma* r l = 100 ? i l = 50ma* t j = 25 c v in = v shdn *for v out = 5v input voltage (v) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 gnd pin current (ma) 1762 g24 0123 4 5 67 8910 r l = 8.07 ? i l = 150ma* r l = 12.2 ? i l = 100ma* r l = 24.4 ? i l = 50ma* t j = 25 c v in = v shdn *for v out = 1.22v temperature ( c) ?0 shdn pin threshold (v) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 50 75 1762 g27 ?5 25 100 125 i l = 150ma i l = 1ma output current (ma) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 gnd pin current (ma) 1762 g25 020 40 60 80 100 120 140 160 v in = v out(nominal) + 1v lt1762 gnd pin current lt1762-3 gnd pin current lt1762-2.5 gnd pin current lt1762-3.3 gnd pin current lt1762 gnd pin current lt1762-5 gnd pin current gnd pin current vs i load shdn pin threshold (on-to-off) temperature ( c) ?0 shdn pin threshold (v) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 50 75 1762 g26 ?5 25 100 125 i l = 1ma shdn pin threshold (off-to-on)
7 lt1762 series 1762fa typical perfor m a n ce characteristics uw shdn pin input current shdn pin voltage (v) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 shdn pin input current ( a) 1762 g28 0123 4 5 67 8910 temperature ( c) 50 100 1762 g29 050 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 25 25 75 125 shdn pin input current (ma) v shdn = 20v temperature ( c) ?0 adj pin bias current (na) 0 50 75 1762 g30 ?5 25 100 125 140 120 100 80 60 40 20 0 500 450 400 350 300 250 200 150 100 50 0 input voltage (v) 0 short-circuit current (ma) 2 4 5 1762 g31 1 3 6 7 v out = 0v 500 450 400 350 300 250 200 150 100 50 0 short-circuit current (ma) 1762 g32 v in = 7v v out = 0v temperature ( c) ?0 0 50 75 ?5 25 100 125 output voltage (v) 100 90 80 70 60 50 40 30 20 10 0 reverse output current ( a) 1762 g33 0123 4 5 67 8910 t j = 25 c, v in = 0v current flows into output pin v out = v sense (lt1762-2.5/-3/-3.3/-5) v out = v adj (lt1762) lt1762 lt1762-5 lt1762-3 lt1762-2.5 lt1762-3.3 temperature ( c) ?0 reverse output current ( a) 30 25 20 15 10 5 0 0 50 75 1762 g34 ?5 25 100 125 v in = 0v v out = 1.22v (lt1762) v out = 2.5v (lt1762-2.5) v out = 3v (lt1762-3) v out = 3.3v (lt1762-3.3) v out = 5v (lt1762-5) lt1762 lt1762-2.5/-3/-3.3/-5 frequency (hz) ripple rejection (db) 80 70 60 50 40 30 20 10 0 10 1k 10k 1m 1762 g35 100 100k i l = 150ma v in = v out(nominal) + 1v + 50mv rms ripple c byp = 0 c out = 2.2 f c out = 10 f frequency (hz) ripple rejection (db) 80 70 60 50 40 30 20 10 0 10 1k 10k 1m 1762 g36 100 100k i l = 150ma v in = v out(nominal) + 1v + 50mv rms ripple c out = 10 f c byp = 0.01 f c byp = 100pf c byp = 1000pf shdn pin input current adj pin bias current current limit current limit reverse output current reverse output current input ripple rejection input ripple rejection
8 lt1762 series 1762fa typical perfor m a n ce characteristics uw ripple rejection load regulation lt1762 minimum input voltage temperature ( c) ?0 ripple rejection (db) 100 1762 g37 050 68 66 64 62 60 58 56 54 52 25 25 75 125 v in = v out (nominal) + 1v + 0.5v p-p ripple at f = 120hz i l = 150ma temperature ( c) ?0 minimum input voltage (v) 0 50 75 1762 g38 ?5 25 100 125 i l = 150ma 2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0 i l = 1ma v out = 1.22v temperature ( c) ?0 load regulation (mv) 100 1762 g39 050 25 25 75 125 lt1762-2.5 5 0 ? ?0 ?5 ?0 ?5 v in = v out(nominal) + 1v ? i l = 1ma to 150ma lt1762 lt1762-5 lt1762-3 lt1762-3.3 frequency (hz) 10 1k 10k 100k 1762 g40 100 10 1 0.1 0.01 output noise spectral density ( v/ hz) c out = 10 f i l = 150ma lt1762 lt1762-5 lt1762-2.5 lt1762-3 lt1762-3.3 frequency (hz) 10 1k 10k 100k 1762 g41 100 10 1 0.1 0.01 output noise spectral density ( v/ hz) lt1762 lt1762-5 c byp = 1000pf c byp = 0.01 f c byp = 100pf c out = 10 f i l = 150ma c byp (pf) 10 output noise ( v rms ) 160 140 120 100 80 60 40 20 0 100 1000 10000 1762 g42 c out = 10 f i l = 150ma f = 10hz to 100khz lt1762-5 lt1762-3.3 lt1762-3 lt1762 lt1762-2.5 load current (ma) 0.01 output noise ( v rms ) 160 140 120 100 80 60 40 20 0 0.1 1 1762 g43 10 100 1000 c out = 10 f lt1762-5 lt1762-5 lt1762 lt1762 c byp = 0 c byp = 0.01 f output noise spectral density c byp = 0 output noise spectral density rms output noise vs bypass capacitor rms output noise vs load current (10hz to 100khz)
9 lt1762 series 1762fa time ( s) 0.3 0.2 0.1 0 0.1 0.2 0.3 output voltage deviation (v) 150 100 50 0 load current (ma) 1762 g48 0 400 800 1200 1600 2000 v in = 6v c in = 10 f c out = 10 f time ( s) 0.04 0.02 0 0.02 0.04 output voltage deviation (v) 150 100 50 0 load current (ma) 1762 g49 040 80 120 160 200 v in = 6v c in = 10 f c out = 10 f typical perfor m a n ce characteristics uw lt1762-5 10hz to 100khz output noise c byp = 0 v out 100 v/div 1ms/div c out = 10 f i l = 150ma 1762 g44 lt1762-5 10hz to 100khz output noise c byp = 100pf v out 100 v/div 1ms/div c out = 10 f i l = 150ma 1762 g45 lt1762-5 10hz to 100khz output noise c byp = 1000pf v out 100 v/div 1ms/div c out = 10 f i l = 150ma 1762 g46 lt1762-5 10hz to 100khz output noise c byp = 0.01 f v out 100 v/div 1ms/div c out = 10 f i l = 150ma 1762 g47 lt1762-5 transient response c byp = 0 lt1762-5 transient response c byp = 0.01 f
10 lt1762 series 1762fa gnd (pin 4): ground. shdn (pin5): shutdown. the shdn pin is used to put the lt1762 regulators into a low power shutdown state. the output will be off when the shdn pin is pulled low. the shdn pin can be driven either by 5v logic or open- collector logic with a pull-up resistor. the pull-up resistor is required to supply the pull-up current of the open- collector gate, normally several microamperes, and the shdn pin current, typically 1 a. if unused, the shdn pin must be connected to v in . the device will be in low power shutdown state if the shdn pin is not connected. in (pin 8): input. power is supplied to the device through the in pin. a bypass capacitor is required on this pin if the device is more than six inches away from the main input filter capacitor. in general, the output impedance of a battery rises with frequency, so it is advisable to include a bypass capacitor in battery-powered circuits. a bypass capacitor in the range of 1 f to 10 f is sufficient. the lt1762 regulators are designed to withstand reverse voltages on the in pin with respect to ground and the out pin. in the case of a reverse input, which can happen if a battery is plugged in backwards, the device will act as if there is a diode in series with its input. there will be no reverse current flow into the regulator and no reverse voltage will appear at the load. the device will protect both itself and the load. out (pin 1): output. the output supplies power to the load. a minimum output capacitor of 2.2 f is required to prevent oscillations. larger output capacitors will be required for applications with large transient loads to limit peak voltage transients. see the applications information section for more information on output capacitance and reverse output characteristics. sense (pin 2): output sense. for fixed voltage versions of the lt1762 (lt1762-2.5/lt1762-3/lt1762-3.3/ lt1762-5), the sense pin is the input to the error ampli- fier. optimum regulation will be obtained at the point where the sense pin is connected to the out pin of the regulator. in critical applications, small voltage drops are caused by the resistance (r p ) of pc traces between the regulator and the load. these may be eliminated by con- necting the sense pin to the output at the load as shown in figure 1 (kelvin sense connection). note that the voltage drop across the external pc traces will add to the dropout voltage of the regulator. the sense pin bias current is 10 a at the nominal rated output voltage. the sense pin can be pulled below ground (as in a dual supply system where the regulator load is returned to a negative supply) and still allow the device to start and operate. adj (pin 2): adjust. for the adjustable lt1762, this is the input to the error amplifier. this pin is internally clamped to 7v. it has a bias current of 30na which flows into the pin (see curve of adj pin bias current vs temperature in the typical performance characteristics). the adj pin voltage is 1.22v referenced to ground and the output voltage range is 1.22v to 20v. byp (pins 3): bypass. the byp pin is used to bypass the reference of the lt1762 regulators to achieve low noise performance from the regulator. the byp pin is clamped internally to 0.6v (one v be ). a small capacitor from the output to this pin will bypass the reference to lower the output voltage noise. a maximum value of 0.01 f can be used for reducing output voltage noise to a typical 20 v rms over a 10hz to 100khz bandwidth. if not used, this pin must be left unconnected. pi n fu n ctio n s uuu in shdn 1762 f01 r p out v in sense gnd lt1762 r p 4 2 1 5 8 + + load figure 1. kelvin sense connection
11 lt1762 series 1762fa applicatio n s i n for m atio n wu u u the lt1762 series are 150ma low dropout regulators with micropower quiescent current and shutdown. the devices are capable of supplying 150ma at a dropout voltage of 270mv. output voltage noise can be lowered to 20 v rms over a 10hz to 100khz bandwidth with the addition of a 0.01 f reference bypass capacitor. additionally, the refer- ence bypass capacitor will improve transient response of the regulator, lowering the settling time for transient load conditions. the low operating quiescent current (25 a) drops to less than 1 a in shutdown. in addition to the low quiescent current, the lt1762 regulators incorporate sev- eral protection features which make them ideal for use in battery-powered systems. the devices are protected against both reverse input and reverse output voltages. in battery backup applications where the output can be held up by a backup battery when the input is pulled to ground, the lt1762-x acts like it has a diode in series with its output and prevents reverse current flow. additionally, in dual supply applications where the regulator load is re- turned to a negative supply, the output can be pulled below ground by as much as 20v and still allow the device to start and operate. adjustable operation the adjustable version of the lt1762 has an output voltage range of 1.22v to 20v. the output voltage is set by the ratio of two external resistors as shown in figure 2. the device servos the output to maintain the adj pin voltage figure 2. adjustable operation at 1.22v referenced to ground. the current in r1 is then equal to 1.22v/r1 and the current in r2 is the current in r1 plus the adj pin bias current. the adj pin bias current, 30na at 25 c, flows through r2 into the adj pin. the output voltage can be calculated using the formula in figure 2. the value of r1 should be no greater than 250k to minimize errors in the output voltage caused by the adj pin bias current. note that in shutdown the output is turned off and the divider current will be zero. curves of adj pin voltage vs temperature and adj pin bias current vs temperature appear in the typical performance charac- teristics section. the adjustable device is tested and specified with the adj pin tied to the out pin for an output voltage of 1.22v. specifications for output voltages greater than 1.22v will be proportional to the ratio of the desired output voltage to 1.22v: v out /1.22v. for example, load regulation for an output current change of 1ma to 150ma is 1mv typical at v out = 1.22v. at v out = 12v, load regulation is: (12v/1.22v)(?mv) = 9.8mv bypass capacitance and low noise performance the lt1762 regulators may be used with the addition of a bypass capacitor from v out to the byp pin to lower output voltage noise. a good quality low leakage capacitor is recommended. this capacitor will bypass the reference of the regulator, providing a low frequency noise pole. the noise pole provided by this bypass capacitor will lower the output voltage noise to as low as 20 v rms with the addition of a 0.01 f bypass capacitor. using a bypass capacitor has the added benefit of improving transient response. with no bypass capacitor and a 10 f output capacitor, a 10ma to 150ma load step will settle to within 1% of its final value in less than 100 s. with the addition of a 0.01 f bypass capacitor, the output will stay within 1% for a 10ma to 150ma load step (see lt1762-5 transient response in the typical performance charac- teristics). however, regulator start-up time is proportional to the size of the bypass capacitor, slowing to 15ms with a 0.01 f bypass capacitor and 10 f output capacitor. in 1762 f02 r2 out v in v out adj gnd lt1762 r1 + vv r r ir vv ina out adj adj adj =+ ? ? ? ? ? ? + ()() = = 122 1 2 1 2 122 30 . . at 25 c output range = 1.22v to 20v
12 lt1762 series 1762fa applicatio n s i n for m atio n wu u u output capacitance and transient response the lt1762 regulators are designed to be stable with a wide range of output capacitors. the esr of the output capacitor affects stability, most notably with small capaci- tors. a minimum output capacitor of 2.2 f with an esr of 3 ? or less is recommended to prevent oscillations. the lt1762-x is a micropower device and output transient response will be a function of output capacitance. larger values of output capacitance decrease the peak deviations and provide improved transient response for larger load current changes. bypass capacitors, used to decouple individual components powered by the lt1762-x, will increase the effective output capacitor value. with larger capacitors used to bypass the reference (for low noise operation), larger values of output capacitors are needed. for 100pf of bypass capacitance, 3.3 f of output capaci- tor is recommended. with a 330pf bypass capacitor or larger, a 4.7 f output capacitor is recommended. the shaded region of figure 3 defines the range over which the lt1762 regulators are stable. the minimum esr needed is defined by the amount of bypass capacitance used, while the maximum esr is 3 ? . extra consideration must be given to the use of ceramic capacitors. ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior across temperature and applied voltage. the most common di- electrics used are specified with eia temperature charac- teristic codes of z5u, y5v, x5r and x7r. the z5u and y5v dielectrics are good for providing high capacitances in a figure 5. ceramic capacitor temperature characteristics figure 4. ceramic capacitor dc bias characteristics figure 3. stability output capacitance ( f) 1 esr ( ? ) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 310 1762 f03 245 6 78 9 stable region c byp = 330pf c byp 3300pf c byp = 100pf c byp = 0 dc bias voltage (v) change in value (%) 1762 f04 20 0 ?0 ?0 ?0 ?0 100 0 4 8 10 26 12 14 x5r y5v 16 both capacitors are 16v, 1210 case size, 10 f small package, but they tend to have strong voltage and temperature coefficients as shown in figures 4 and 5. when used with a 5v regulator, a 16v 10 f y5v capacitor can exhibit an effective value as low as 1 f to 2 f for the dc bias voltage applied and over the operating tempera- ture range. the x5r and x7r dielectrics result in more stable characteristics and are more suitable for use as the output capacitor. the x7r type has better stability across temperature, while the x5r is less expensive and is available in higher values. care still must be exercised when using x5r and x7r capacitors; the x5r and x7r codes only specify operating temperature range and maxi- mum capacitance change over temperature. capacitance change due to dc bias with x5r and x7r capacitors is better than y5v and z5u capacitors, but can still be temperature ( c) ?0 40 20 0 ?0 ?0 ?0 ?0 100 25 75 1762 f05 ?5 0 50 100 125 y5v change in value (%) x5r both capacitors are 16v, 1210 case size, 10 f
13 lt1762 series 1762fa applicatio n s i n for m atio n wu u u significant enough to drop capacitor values below appro- priate levels. capacitor dc bias characteristics tend to improve as component case size increases, but expected capacitance at operating voltage should be verified. voltage and temperature coefficients are not the only sources of problems. some ceramic capacitors have a piezoelectric response. a piezoelectric device generates voltage across its terminals due to mechanical stress, similar to the way a piezoelectric accelerometer or micro- phone works. for a ceramic capacitor the stress can be induced by vibrations in the system or thermal transients. the resulting voltages produced can cause appreciable amounts of noise, especially when a ceramic capacitor is used for noise bypassing. a ceramic capacitor produced figure 6? trace in response to light tapping from a pencil. the gnd pin current can be found by examining the gnd pin current curves in the typical performance character- istics. power dissipation will be equal to the sum of the two components listed above. the lt1762 series regulators have internal thermal limit- ing designed to protect the device during overload condi- tions. for continuous normal conditions, the maximum junction temperature rating of 125 c must not be exceeded. it is important to give careful consideration to all sources of thermal resistance from junction to ambient. additional heat sources mounted nearby must also be considered. for surface mount devices, heat sinking is accomplished by using the heat spreading capabilities of the pc board and its copper traces. copper board stiffeners and plated through-holes can also be used to spread the heat gener- ated by power devices. the following table lists thermal resistance for several different board sizes and copper areas. all measurements were taken in still air on 3/32" fr-4 board with one ounce copper. table 1. measured thermal resistance copper area thermal resistance topside* backside board area (junction-to-ambient) 2500mm 2 2500mm 2 2500mm 2 110 c/w 1000mm 2 2500mm 2 2500mm 2 115 c/w 225mm 2 2500mm 2 2500mm 2 120 c/w 100mm 2 2500mm 2 2500mm 2 130 c/w 50mm 2 2500mm 2 2500mm 2 140 c/w *device is mounted on topside. calculating junction temperature example: given an output voltage of 3.3v, an input voltage range of 4v to 6v, an output current range of 0ma to 50ma and a maximum ambient temperature of 50 c, what will the maximum junction temperature be? the power dissipated by the device will be equal to: i out(max) (v in(max) ?v out ) + i gnd (v in(max) ) figure 6. noise resulting from tapping on a ceramic capacitor lt1762-5 c out = 10 f c byp = 0.01 f i load = 100ma v out 500 v/div 100ms/div 1762 f05 similar vibration induced behavior can masquerade as increased output voltage noise. thermal considerations the power handling capability of the device will be limited by the maximum rated junction temperature (125 c). the power dissipated by the device will be made up of two components: 1. output current multiplied by the input/output voltage differential: (i out )(v in ?v out ), and 2. gnd pin current multiplied by the input voltage: (i gnd )(v in ).
14 lt1762 series 1762fa where, i out(max) = 150ma v in(max) = 6v i gnd at (i out = 150ma, v in = 6v) = 5ma so, p = 150ma(6v ?3.3v) + 5ma(6v) = 0.44w the thermal resistance will be in the range of 110 c/w to 140 c/w depending on the copper area. so the junction temperature rise above ambient will be approximately equal to: 0.44w(125 c/w) = 55 c the maximum junction temperature will then be equal to the maximum junction temperature rise above ambient plus the maximum ambient temperature or: t jmax = 50 c + 55 c = 105 c protection features the lt1762 regulators incorporate several protection features which make them ideal for use in battery-powered circuits. in addition to the normal protection features associated with monolithic regulators, such as current limiting and thermal limiting, the devices are protected against reverse input voltages, reverse output voltages and reverse voltages from output to input. current limit protection and thermal overload protection are intended to protect the device against current overload conditions at the output of the device. for normal opera- tion, the junction temperature should not exceed 125 c. the input of the device will withstand reverse voltages of 20v. current flow into the device will be limited to less than 1ma (typically less than 100 a) and no negative voltage will appear at the output. the device will protect both itself and the load. this provides protection against batteries which can be plugged in backward. the output of the lt1762-x can be pulled below ground without damaging the device. if the input is left open circuit or grounded, the output can be pulled below ground by applicatio n s i n for m atio n wu u u 20v. for fixed voltage versions, the output will act like a large resistor, typically 500k ? or higher, limiting current flow to less than 100 a. for adjustable versions, the output will act like an open circuit; no current will flow out of the pin. if the input is powered by a voltage source, the output will source the short-circuit current of the device and will protect itself by thermal limiting. in this case, grounding the shdn pin will turn off the device and stop the output from sourcing the short-circuit current. the adj pin of the adjustable device can be pulled above or below ground by as much as 7v without damaging the device. if the input is left open circuit or grounded, the adj pin will act like an open circuit when pulled below ground and like a large resistor (typically 100k) in series with a diode when pulled above ground. in situations where the adj pin is connected to a resistor divider that would pull the adj pin above its 7v clamp voltage if the output is pulled high, the adj pin input current must be limited to less than 5ma. for example, a resistor divider is used to provide a regulated 1.5v output from the 1.22v reference when the output is forced to 20v. the top resistor of the resistor divider must be chosen to limit the current into the adj pin to less than 5ma when the adj pin is at 7v. the 13v difference between output and adj pin divided by the 5ma maximum current into the adj pin yields a minimum top resistor value of 2.6k. in circuits where a backup battery is required, several different input/output conditions can occur. the output voltage may be held up while the input is either pulled to ground, pulled to some intermediate voltage or is left open circuit. current flow back into the output will follow the curve shown in figure 7. when the in pin of the lt1762-x is forced below the out pin or the out pin is pulled above the in pin, input current will typically drop to less than 2 a. this can happen if the input of the device is connected to a discharged (low voltage) battery and the output is held up by either a backup battery or a second regulator circuit. the state of the shdn pin will have no effect on the reverse output current when the output is pulled above the input.
15 lt1762 series 1762fa figure 7. reverse output current output voltage (v) 100 90 80 70 60 50 40 30 20 10 0 reverse output current ( a) 1762 f07 0123 4 5 67 8910 t j = 25 c v in = 0v current flows into output pin v out = v sense (lt1762-2.5/lt1762-3 lt1762-3.3/lt1762-5) v out = v adj (lt1762) lt1762 lt1762-3 lt1762-5 lt1762-2.5 lt1762-3.3 information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. applicatio n s i n for m atio n wu u u package descriptio n u ms8 package 8-lead plastic msop (ltc dwg # 05-08-1660) msop (ms8) 1098 * dimension does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.006" (0.152mm) per side ** dimension does not include interlead flash or protrusions. interlead flash or protrusions shall not exceed 0.006" (0.152mm) per side 0.021 0.006 (0.53 0.015) 0 ?6 typ seating plane 0.007 (0.18) 0.040 0.006 (1.02 0.15) 0.012 (0.30) ref 0.006 0.004 (0.15 0.102) 0.034 0.004 (0.86 0.102) 0.0256 (0.65) bsc 12 3 4 0.193 0.006 (4.90 0.15) 8 7 6 5 0.118 0.004* (3.00 0.102) 0.118 0.004** (3.00 0.102)
16 lt1762 series 1762fa lt 1006 rev a ? printed in usa ? linear technology corporation 1999 linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax: (408) 434-0507 www.linear-tech.com related parts part number description comments lt1120 125ma low dropout regulator with 20 a i q includes 2.5v reference and comparator lt1121 150ma micropower low dropout regulator 30 a i q , sot-223 package lt1129 700ma micropower low dropout regulator 50 a quiescent current lt1175 500ma negative low dropout micropower regulator 45 a i q , 0.26v dropout voltage, sot-223 package lt1521 300ma low dropout micropower regulator with shutdown 15 a i q , reverse battery protection lt1529 3a low dropout regulator with 50 a i q 500mv dropout voltage lt1611 inverting 1.4mhz switching regulator 5v to 5v at 150ma, low output noise, sot-23 package lt1613 1.4mhz single-cell micropower dc/dc converter sot-23 package, internally compensated ltc1627 high efficiency synchronous step-down switching regulator burst mode tm operation, monolithic, 100% duty cycle lt1761 series 100ma, low noise, low dropout micropower regulators in sot-23 20 a quiescent current, 20 v rms noise lt1763 series 500ma, low noise, ldo micropower regulators 30 a quiescent current, 20 v rms noise burst mode is a trademark of linear technology corporation. typical applicatio n u c4 0.01 f r1 0.1 ? r2 0.1 ? r5 10k r4 2.2k r7 1.21k c2 10 f 1762 ta03 v in > 3.7v 3.3v 300ma c5 0.01 f 8 1 3 2 4 c3 0.01 f in shdn out fb byp gnd lt1762-3.3 in shdn out byp adj gnd lt1762 shdn + c1 10 f + + 1/2 lt1490 r6 2k r3 2.2k paralleling of regulators for higher output current


▲Up To Search▲   

 
Price & Availability of LT1762EMS8-33PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X