Part Number Hot Search : 
CA91C078 AN8488SB GU88LS02 OP280V TC9198F MM68FGN ULN2003N 88523
Product Description
Full Text Search
 

To Download LG-170UY-CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LG-170UY-CT doc. no : qw0905-lg- 170uy-ct rev. : b date : 07 - jun - 2005 data sheet ligitek electronics co.,ltd. property of ligitek only led smd lead-free parts pb
features: 1. package in 8.0mm carrier tape on 7" diameter reel. 2. compatible with automatic placement equipment. 3. compatible with reflow solder process. descriptions: 1. the lg-170 smd taping is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. 2. besides, lightweight makes them ideal for miniature applications. etc. applications: 1. automotive : backlighting in dashboard and switch. 2. telecommunication : indicator and backlighting in telephone and fax. 3. flat backlight for lcd, switch and symbol 4. general use. lens water clear device selection guide: LG-170UY-CT part no aigainp material yellow emitted color ligitek electronics co.,ltd. property of ligitek only part no. LG-170UY-CT page 1/10
note : the tolerances unless mentioned is ? 0.1mm,angle ? 0.5. unit=mm. recommended soldering pad dimensions 1.2 note : 1.all dimension are in millimeter tolerance is ? 0.1mm unless otherwise noted. 2.specifications are subject to change without notice. 1.2 1.2 0.9 cathode mark 2.0 package dimensions 1.25 led die 1.25 page 2/10 0.3 0.8 1.4 1.4 2.0 resin polarity 0.8 0.4 0.4 soldering terminal cathode mark ligitek electronics co.,ltd. property of ligitek only part no. LG-170UY-CT
j tstg tsol f p ??f fd typical electrical & optical characteristics (ta=25 j ) 2 c 1/2 symbol note : 1.the forward voltage data did not including ? 0.1v testing tolerance. 2. the luminous intensity data did not including ? 15% testing tolerance. dominant wavelength viewing angle spectral line half-width forward voltage v f soldering temperature storage temperature luminous intensity peak wavelength items iv ---- ---- ---- 150 1.7 ---- ---- 15 deg ---- nm 2.6 ---- v if=20ma if=20ma if=20ma max 260 j for 5 sec max condition 150 80 ---- 598 595 min. typ. mcd ---- nm nm ---- unit max. -40 ~ +90 if=20ma if=20ma if=20ma j symbol esd absolute maximum ratings at ta=25 j reverse current @5v electrostatic discharge operating temperature peak forward current duty 1/10@10khz forward current power dissipation ir t opr i f i fp parameter pd page 3/10 -40 ~ +85 10 2000 30 90 78 ratings g a v ma ma unit mw ligitek electronics co.,ltd. property of ligitek only part no. LG-170UY-CT
ambient temperature( j ) fig.4 relative intensity vs. temperature ambient temperature( j ) fig.3 forward voltage vs. temperature forward voltage@20ma normaliz @25 j -20 -40 0.8 20 060 40 1.0 0.9 1.1 1.2 0.5 relative intensity @20ma normalize @25 j 100 80 -40 -20 0 020 3.0 2.5 2.0 1.5 1.0 80 60 40 100 ligitek electronics co.,ltd. property of ligitek only fig.2 relative intensity vs. forward current forward current(ma) 4.0 fig.1 forward current vs. forward voltage typical electro-optical characteristics curve 100 forward current(ma) 0.1 1.0 10 1.0 forward voltage(v) 2.0 3.0 1000 uy chip relative intensity normalize @20ma 2.0 1.5 1.0 0.5 5.0 0 1.0 10 3.0 2.5 100 1000 fig.6 directivity radiation part no. LG-170UY-CT page 4/10 fig.5 relative intensity vs. wavelength relative intensity @20ma 550 wavelength (nm) 500 0 0.5 600 1.0 650
aluminum moist-proof bag LG-170UY-CT part no. 8.0mm tape,7"reel description note : the tolerances unless mentioned is ? 0.1mm,angle ? 0.5. unit=mm. label packing specifications ?e 4000 devices quantity/reel label ligitek electronics co.,ltd. property of ligitek only 1.5 carrier type dimensions 2.0 4.00.2 1.75 3.5 ? 0.2 polarity 4.0 ? 0.2 1.36 page 5/10 8.0 ? 0.3 2.22 5.3 0.87 0.25 part no. LG-170UY-CT
??1qlu~a?|3--?q ligitek electronics co., ltd. part no. : LG-170UY-CT q'ty(pcs) : 4000 pcs bin/hue : r/18 lot no. : 93000398 ligitek led bin : luminous intensity hue : dominant wavelength 1.8 - 2.0 : forward voltage 1.8 - 2.0 0.4 r 13.5 ? 1.0 0.8 0.6 0.4 0.2 2.0 ? 0.5 0.2 178 ? 1.5 12.0 ? 1.0 9.0 ? 1.0 0.6 0.8 6.0 ? 1.0 label explanation reel dimensions page 6/10 part no. LG-170UY-CT
w l h 1. 5 bag / inner box 2. inner box size : l x w x h 23cm x 8.5cm x 26cm 3. 10 inner boxes / carton 4. carton size : l x w x h 49cm x 46cm x 29cm box explanation w h l ligitek electronics co.,ltd. property of ligitek only page 7/10 part no. LG-170UY-CT
120 preheat 180~200 c reflow soldering should not be done more than two times. 120 sec.max. 60 ~ 120 sec 3-2 pb-free reflow solder 1~5 c/sec 260c max. 10sec.max above 220 c 60 sec.max. 5sec 1~5 c/sec time 120 ~ 180 sec soldering heat max. 260 j rising +5 j /sec recommended soldering conditions 1. hand solder basic spec is ?? 280 j 3 sec one time only. preheat 3-1. lead reflow solder 150 temp. ( j ) 240 preheat 120 ~ 150 j 2. wave solder 245 ? 5 j within 5 sec cooling -5 j /sec ligitek electronics co.,ltd. property of ligitek only page 8/10 part no. LG-170UY-CT
(a) recommended circuit. (b) the difference of brightness between led could be f ound due to the vf-if characteristics of led. cleaning: use alcohol-based cleaning solvents such as isopropyl alc ohol to clean the led. esd(electrostatic discharge): static electricity or power surge will damage the led. use of a c onductive wrist band or anti-electrosatic glove is recommended when handing these led. all devices, equipment and machinery must be properly grounded. precautions for use: storage time: 1.the operation of temperatures and rh are : 5 j ~35 j ,rh60%. 2.once the package is opened, the products s hould be used within a week. otherwise, they should be kept in a damp proof box with descanting agent. considering the tape life, we suggest our customers to use our pr oducts within a year(from production date). 3.if opened more than one week in an atmos phere 5 j ~ 35 j ,rh60%, they should be treated at 60 j? 5 j fo r 15hrs. drive method: led is a current operated device, and therefore, require r some kind of current limiting incorporated into the driver circuit. this current limiting typically takes the form of a current limiting resistor placed in series with the led. consider worst case voltage variations than could occur across the current limiting resistor. the forwrd current should not be allowed to c hange by more than 40 % of its desired value. ligitek electronics co.,ltd. property of ligitek only circuit model a led circuit model b led page 9/10 part no. LG-170UY-CT
mil-std-202f: 208d mil-std-750d: 2026 mil-std-883d: 2003 iec 68 part 2-20 jis c 7021: a-2 temperature cycling ir reflow environmental test 1.105 j ~ 25 j ~ - 55 j ~ 25 j 30mins 5mins 30mins 5mins 2.10 cyeles 1.t=260 c max. 10sec.max. 2. 6 min mil-std-202f: 107d mil-std-750d: 1051 mil-std-883d: 1010 jis c 7021: a-4 mil-std-750d:2031.2 j-std-020 1.t.sol=235 j? 5 j 2.immersion time 2 ? 0.5sec 3.coverage ? 95% of the dipped surface 1.ta=under room temperature as per data sheet maximum rating. 2.if=20ma 3.t=1000 hrs (-24hrs, + 72hrs) ligitek electronics co.,ltd. property of ligitek only operating life test low temperature storage test solderability test thermal shock test high temperature high humidity storage test high temperature storage test endurance test 1.ta=105 j? 5 j &-40 j? 5 j (10min) (10min) 2.total 10 cycles 1.ta=65 j? 5 j 2.rh=90 %~95% 3.t=1000hrs ? 2hrs 1.ta=-40 j? 5 j 2.t=1000 hrs (-24hrs, + 72hrs) 1.ta=105 j? 5 j 2.t=1000 hrs (-24hrs, + 72hrs) test item classification reliability test: test condition mil-std-750d: 1026 mil-std-883d: 1005 jis c 7021: b-1 mil-std-202f:103b jis c 7021: b-11 mil-std-202f: 107d mil-std-750d: 1051 mil-std-883d: 1011 mil-std-883d:1008 jis c 7021: b-10 jis c 7021: b-12 reference standard page 10/10 part no. LG-170UY-CT


▲Up To Search▲   

 
Price & Availability of LG-170UY-CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X