Part Number Hot Search : 
PLC49707 AB310 80C32X2 S61LV AFM302 CZRA4760 MB90T678 IW4013B
Product Description
Full Text Search
 

To Download LA8160V08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  90308 ms pc/n2206 ms pc b8-7842 no.a0513-1/8 specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general el ectronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. la8160v overview the la8160v is an agc amplifier for the digital adc and a pre amplifier for the analog saw filter. features ? v cc = 5v ? if input frequency range 30 to 100mhz ? agc amplifier gain 30db ? agc gain reduction 40db ? agc amplifier output amplitude 2vp-p (differential) ? pre amplifier gain 29db ? pre amplifier output amplitude 2vp-p functions ? if agc control ? if agc amplifier for ad converter ? pre amplifier for saw filter ? function mode switch notes : this device is esd sensitive. so, the device should be treated carefully. monolithic linear ic agc amplifier and pre amplifier orderin g numbe r : ena0513a
la8160v no.a0513-2/8 maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc max pin 3, 4, 14 6.0 v maximum pin voltage v max11 pin 11 6.5 v circuit voltages v max pin 8, 9 v cc v i 6 pin 6 sink current 2 ma circuit current i 7 pin 7 sink current 2 ma allowable power dissipation pd max ta 85 c 430* mw operating temperature topr -20 to +85 c storage temperature tstg -55 to +150 c *on the board (60 70 1.6mm 3 double-layers epoxy glass) recommended operating conditions at ta = 25 c parameter symbol conditions ratings unit recommended supply voltage v cc pin 3, 4, 11, 14 5.0 v operating supply voltage range v cc op pin 3, 4, 11, 14 4.5 to 5.45 v electrical characteristics ac characteristics at ta = 25 c, v cc = 5.0v ratings parameter symbol pin no. conditions min typ max unit input frequency range f (in) 1, 16 *1 30 100 mhz agc amp section [v8 = lo] agc amp circuit current i cc 1 3, 4 no signal *1 29 39 48 ma agc amp maximum gain g max 6/1, 16 7/1, 16 v9 = 2.5v f = 45.75mhz *1 26 30 32 db agc amp noise figure nf1 6, 7 v9 = 2.5v, f = 45.75mhz 8 db intermodulation im3 6/1, 16 7/1, 16 v in = 30dbmv, f = 45mhz, 50mhz output level = 1vp-p *1 45 54 db agc range gr 6/1, 16 7/1, 16 output level < 1db f = 45.75mhz *1 40 db output level 1 v o 6 6 *1 1.0 vp-p output level 2 v o 7 7 *1 1.0 vp-p maximum agc voltage v9 max 9 maximum gain 2.5 v cc v lo leakage lp 6, 7 lp = 6, 7/11 agc amp gain = max *2 -48 -40 dbc pre amp section [v8 = hi] pre amp. circuit current i cc 2 3, 11, 14 no signal *3 50 67 79 ma pre amp gain g2 11/1, 16 f = 45.75mhz *3 25 29 31 db pre amp noise figure nf2 11 f = 45.75mhz 8 db 920k beat level b920 11 p/c = 15db, p/s = 15db output level = 2vp-p *4 -78 -74 dbc output level v o 11 11 v in = 27dbmv *3 1.3 2.0 2.5 vp-p function switch section agc amp active v8l 8 i3, 4, 14 = on, i11 = off 0.8 v pre amp active v8h 8 i4 = off, i3, 11, 14 = on 2.0 v i8l 8 v8 = 0v i3, 4, 14 = on, i11 = off 5 a agc amp active i8h 8 v8 = 5v i4 = off, i3, 11, 14 = on 200 a *1 : test circuit (1), *2 : te st circuit (2), *3 : test circ uit (3), *4 : test circuit (4)
la8160v no.a0513-3/8 package dimensions unit : mm (typ) 3178b pin description pin number description equivalent circuit 1 16 if input 2 agc/pre amp. gnd 3 agc/pre amp. v cc 4 driver amp. v cc 5 driver amp. gnd 10 12 13 15 driver amp. gnd 14 driver amp. v cc continued on next page. 1 16 1k 1k bias sanyo : ssop16(225mil) 5.2 4.4 6.4 0.22 0.65 (0.33) 18 9 16 0.5 0.15 1.5max 0.1 (1.3)
la8160v no.a0513-4/8 continued from preceding page pin number description equivalent circuit 11 driver amp. output 6 7 driver amp. output 9 if agc control 8 function switch 5 40ma 11 5ma v cc 5m a 6 30 7 30 9 v cc 1k 8 v cc 30k
la8160v no.a0513-5/8 test circuit (1) test circuit (2) 1.3k 0.47 h 2.2 h 30pf 250 510 510 51 50 1000pf 10000pf 1000pf 1000pf 1000pf 1000pf 1000pf spectrum analyzer 1000pf driver amp driver amp agc /pre amp agc v cc v cc v cc 1000pf vagc 11 16 15 14 13 12 10 9 6 1 2 3 4 5 7 8 1.3k 0.47 h 2.2 h 30pf 250 510 510 51 1000pf 10000pf 1000pf 1000pf 1000pf 1000pf 1000pf spectrum analyzer 1000pf a. 45mhz, 40dbmv b. 44mhz c. 44mhz / 45mhz driver amp driver amp agc /pre amp agc v cc v cc v cc v in v in 1000pf vagc 11 16 15 14 13 12 10 9 6 1 2 3 4 5 7 8 a c b
la8160v no.a0513-6/8 test circuit (3) test circuit (4) 1.3k 0.47 h 2.2 h 30pf 250 510 510 51 51 1000pf 10000pf 1000pf 1000pf 1000pf 1000pf 1000pf 1000pf driver amp driver amp agc /pre amp agc v cc v cc v cc v cc v in 1000pf 11 16 15 14 13 12 10 9 6 1 2 3 4 5 7 8 spectrum analyzer 1.3k 0.47 h 2.2 h 30pf 250 510 510 51 51 1000pf 10000pf 1000pf 1000pf fc = 42.17mhz c : ref. -15db 1000pf 1000pf 1000pf 1000pf driver amp driver amp agc /pre amp agc v cc v cc v cc v cc 1000pf 11 16 15 14 13 12 10 9 6 1 2 3 4 5 7 8 spectrum analyzer fp = 45.75mhz p : ref. fs = 42.25mhz s : ref. -15db
la8160v no.a0513-7/8 ? 50 ? 40 ? 30 ? 20 ? 10 40 50 60 70 80 90 100 110 40 0 10 20 30 0 2.0 2.5 1.5 1.0 0.5 3.0 3.5 80 85 75 70 65 90 95 100 105 4.0 pre amp. noise figure -- frequency characteristic 0 2 4 6 8 10 12 14 16 18 10 50 60 70 80 90 100 40 30 20 110 frequency ? mhz noise figure ? db measurement circuit 1 freq. = 45.75mhz measurement circuit 1 fund = 45mhz, 50mhz measurement circuit 3 measurement circuit 4 measurement circuit 3 measurement circuit 1 vagc = 2.5v measurement circuit 1 freq. = 45.75mhz fund (45mhz) picture output 920khz beat imd3 (40mhz) pre amp. gain -- frequency characteristic 0 20 25 30 35 15 10 5 40 10 60 70 80 90 100 50 40 30 20 110 frequency ? mhz voltage gain ? db pre amp. 920khz beat characteristic 20 60 70 80 90 100 110 120 50 40 30 130 80 86 84 82 88 94 96 98 92 90 100 picture input (differential) ? db output ? db agc amp. gain -- vagc characteristic vagc?v voltage gain ? db 30 120 60 110 agc amp. intermodulation characteristic if input/tone (differential) ? db output/tone (single) ? db 0 5 10 0 5 10 20 30 15 25 20 25 30 35 40 15 35 0 200 300 350 400 450 150 100 50 250 500 02030 15 10 52535 agc amp. noise figure -- gain characteristic agc amp. gain -- frequency characteristic frequency ? mhz voltage gain ? db noise figure ? db voltage gain ? db
la8160v ps no.a0513-8/8 sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. this catalog provides information as of september, 2008. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of LA8160V08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X