everlight electronics co., ltd. http:\\www.ever light.com rev 3 page: 1 of 7 device no dih-020-006 prepared date 07-20-2005 prepared by jaine tsai technical data sheet 3mm infrared led , t-1 u u HIR204 u u features ? high reliability ? high radiant intensity ? peak wavelength p=850nm ? 2.54mm lead spacing ? low forward voltage ? pb free ? the product itself will remain within rohs compliant version. descriptions ? everlight?s infrared emitting diode(HIR204) is a high intensity diode , molded in a yellow transparent plastic package. ? the device is spectrally matched with phototransistor , photodiode and infrared receiver module. applications ? free air transmission system ? optoelectronic switch ? floppy disk drive ? infrared applied system ? camera device selection guide chip led part no. material lens color hir gaalas yellow
everlight electronics co., ltd. http:\\www.ever light.com rev 3 page: 2 of 7 device no dih-020-006 prepared date 07-20-2005 prepared by jaine tsai u u HIR204 u u package dimensions notes: 1.all dimensions are in millimeters 2.tolerances unless dimensions 0.25mm absolute maximum ratings (ta=25 ) parameter symbol rating units continuous forward current i b b f b b 100 ma peak forward current i b b fp b b 1.0 a reverse voltage v b b r b b 5 v operating temperature t b b opr b b -40 ~ +85 storage temperature t b b stg b b -40 ~ +85 soldering temperature t b b sol b b 260 power dissipation at(or below) 25 free air temperature p b b d b b 150 mw notes: *1:i b b fp b b conditions--pulse width Q 100 s and duty Q 1%. *2:soldering time Q 5 seconds.
everlight electronics co., ltd. http:\\www.ever light.com rev 3 page: 3 of 7 device no dih-020-006 prepared date 07-20-2005 prepared by jaine tsai u u HIR204 electro-optical characteristics (ta=25 ) parameter symbol condition min. typ. max. units i b b f b b =20ma 7.8 17.6 -- i b b f b b =100ma pulse width Q 100 s ,duty Q 1% -- 90 -- radiant intensity ee i b b f b b =1a pulse width Q 100 s ,duty Q 1%. -- 900 -- mw/sr peak wavelength p i b b f b b =20ma -- 850 -- nm spectral bandwidth ? i b b f b b =20ma -- 45 -- nm i b b f b b =20ma 1.45 1.65 i b b f b b =100ma pulse width Q 100 s ,duty Q 1% -- 1.80 2.40 forward voltage v b b f b b i b b f b b =1a pulse width Q 100 s ,duty Q 1%. -- 4.10 5.25 v reverse current i b b r b b v b b r b b =5v -- -- 10 a view angle 2 1/2 i b b f b b =20ma -- 25 -- deg
everlight electronics co., ltd. http:\\www.ever light.com rev 3 page: 4 of 7 device no dih-020-006 prepared date 07-20-2005 prepared by jaine tsai 0 -40 -20 40 20 060100 80 20 40 60 100 80 120 140 0 10 1 10 10 2 3 10 4 2 1345678 790 0 20 40 60 80 100 890 850 810 830 870 930 910 950 i f =20ma ta=25 c 75 -25 800 0 825 850 25 50 875 900 100 u u HIR204 typical electro-optical characteristics curves fig.1 forward current vs. fig.2 spectral distributio n ambient temperature fig.3 peak emission wavelength fig.4 forward current ambient temperature vs. forward voltage
everlight electronics co., ltd. http:\\www.ever light.com rev 3 page: 5 of 7 device no dih-020-006 prepared date 07-20-2005 prepared by jaine tsai 25 1 1.2 1.4 1.6 50 75 100 120 i f =20ma -20 0.6 0.9 0.7 0.8 1.0 0.2 0.4 0 0.2 0.4 0.6 50 70 80 60 40 30 -10 020 10 0 10 10 0 10 1 10 2 3 10 4 10 100 1000 i f -forward current (ma ) ie-radiant intensity(mw/sr) 25 10 15 20 25 50 75 100 120 i f =20ma ie-radiant intensity (mw/sr) u u HIR204 typical electro-optical characteristics curves fig.5 relative intensity vs. fig.6 relative radiant intensity vs. forward current angular displacement fig.7 relative intensity vs. fig.8 forward voltage vs. ambient temperature( c) ambient temperature( c)
everlight electronics co., ltd. http:\\www.ever light.com rev 3 page: 6 of 7 device no dih-020-006 prepared date 07-20-2005 prepared by jaine tsai u u HIR204 u u reliability test item and condition the reliability of products shall be satisfied with items listed below. confidence level 90% ltpd 10% no. item test conditions test hours/ cycles sample sizes failure judgement criteria ac/re 1 solder heat temp. 260 5 10secs 22pcs 0/1 2 temperature cycle h : +100 15mins 5mins l : -40 15mins 300cycles 22pcs 0/1 3 thermal shock h :+100 5mins 10secs l :-10 5mins 300cycles 22pcs 0/1 4 high temperature storage temp. +100 1000hrs 22pcs 0/1 5 low temperature storage temp. -40 1000hrs 22pcs 0/1 6 dc operating life i b b f b b =20ma 1000hrs 22pcs 0/1 7 high temperature/ high humidity 85 / 85% r.h 1000hrs 22pcs i b b r b b R u 2 ee Q l 0.8 v b b f b b R u 1. 2 u upper specification limit l lower specification limit 0/1
everlight electronics co., ltd. http:\\www.ever light.com rev 3 page: 7 of 7 device no dih-020-006 prepared date 07-20-2005 prepared by jaine tsai rohs u u HIR204 packing quantity specification 1.1000pcs/1bag 4bags/1box 2.10boxes/1carton label form specification cpn: customer?s production numb p/n : production number qty: packing quantity cat: ranks hue: peak wavelength ref: reference lot no: lot number made in taiwan: production place notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. these specification sheets include material s protected under copyright of everlight corporation. please don?t reproduce or cause a nyone to reproduce them without everlight?s consent. everlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiw an, r.o.c http:\\www.everlight.com HIR204
|