Part Number Hot Search : 
MB39A115 HI1172 2EZ56 AD7846AQ AD7846AQ UBA1707T ST3222C SM320
Product Description
Full Text Search
 

To Download HD74ALVCH16244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.5.00, oct.02. 2003, page 1 of 8 HD74ALVCH16244 16-bit buffers / drivers with 3-state outputs rej03d0050-0500z (previous ade-205-133c(z)) rev.5.00 oct.02.2003 description the HD74ALVCH16244 is designed sp ecifically to improve both the pe rformance and density of three state memory address drivers, clock drivers, and bus oriented receivers and transmitters. the device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. it provides true outputs and symmetrical oe (active-low output-enable) inputs. active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level. features ? v cc = 2.3 v to 3.6 v ? typical v ol ground bounce < 0.8 v (@v cc = 3.3 v, ta = 25c) ? typical v oh undershoot > 2.0 v (@v cc = 3.3 v, ta = 25c) ? bus hold on data inputs eliminates the need for external pullup / pulldown resistors function table inputs output y oe a lhh lll hxz h : high level l : low level x : immaterial z : high impedance
HD74ALVCH16244 rev.5.00, oct.02. 2003, page 2 of 8 pin arrangement (top view) 1 2 3 4 5 6 7 8 9 10 v cc 1 oe 1y1 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 1y2 gnd 1y3 1y4 2y1 2y2 gnd 2y3 2y4 3y1 3y2 gnd 3y3 3y4 4y1 4y2 gnd 4y3 4y4 4 oe v cc 3 oe 4a4 4a3 gnd 4a2 4a1 3a4 3a3 gnd 3a2 3a1 2a4 2a3 gnd 2a2 2a1 1a4 1a3 1a2 2 oe gnd 1a1 v cc v cc
HD74ALVCH16244 rev.5.00, oct.02. 2003, page 3 of 8 absolute maximum ratings item symbol ratings unit conditions supply voltage v cc ?0.5 to 4.6 v input voltage *1 v i ?0.5 to 4.6 v output voltage *1, 2 v o ?0.5 to v cc +0.5 v input clamp current i ik ?50 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 50 ma v o = 0 to v cc v cc , gnd current / pin i cc or i gnd 100 ma maximum power dissipation at ta = 55c (in still air) *3 p t 0.85 w tssop storage temperature tstg ?65 to 150 c notes: stresses beyond those listed under ?absolut e maximum ratings? may cause permanent damage to the device. these are stress ratings only, and f unctional operation of the device at these or any other conditions beyond those indicated under ?recommended operating conditions? is not implied. exposure to absolute maximum rated conditions for extended periods may affect device reliability. 1. the input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. 2. this value is limited to 4.6 v maximum. 3. the maximum package power dissipation is calc ulated using a junction temperature of 150c and a board trace length of 750 mils. recommended operating conditions item symbol min max unit conditions supply voltage v cc 2.3 3.6 v input voltage v i 0v cc v output voltage v o 0v cc v ? ?12 v cc = 2.3 v ? ?12 v cc = 2.7 v high level output current i oh ? ?24 ma v cc = 3.0 v ?12 v cc = 2.3 v ?12 v cc = 2.7 v low level output current i ol ?24 ma v cc = 3.0 v input transition rise or fall rate ? t / ? v 0 10 ns / v operating temperature ta ?40 85 c note: unused control inputs must be held hi gh or low to prevent them from floating.
HD74ALVCH16244 rev.5.00, oct.02. 2003, page 4 of 8 logic diagram 1 oe 1 47 46 44 43 1a1 1a2 1a3 1a4 2 3 5 6 1y1 1y2 1y3 1y4 2 oe 48 41 40 38 37 2a1 2a2 2a3 2a4 8 9 11 12 2y1 2y2 2y3 2y4 3 oe 25 36 35 33 32 3a1 3a2 3a3 3a4 13 14 16 17 3y1 3y2 3y3 3y4 4 oe 24 30 29 27 26 4a1 4a2 4a3 4a4 19 20 22 23 4y1 4y2 4y3 4y4
HD74ALVCH16244 rev.5.00, oct.02. 2003, page 5 of 8 electrical characteristics (ta = ?40 to 85c) item symbol v cc (v) *1 min max unit test conditions input voltage v ih 2.3 to 2.7 1.7 ? v 2.7 to 3.6 2.0 ? v il 2.3 to 2.7 ? 0.7 2.7 to 3.6 ? 0.8 output voltage v oh min to max v cc ?0.2 ? v i oh = ?100 a 2.3 2.0 ? i oh = ?6 ma, v ih = 1.7 v 2.3 1.7 ? i oh = ?12 ma, v ih = 1.7 v 2.7 2.2 ? i oh = ?12 ma, v ih = 2.0 v 3.0 2.4 ? i oh = ?12 ma, v ih = 2.0 v 3.0 2.0 ? i oh = ?24 ma, v ih = 2.0 v v ol min to max ? 0.2 i ol = 100 a 2.3 ? 0.4 i ol = 6 ma, v il = 0.7 v 2.3 ? 0.7 i ol = 12 ma, v il = 0.7 v 2.7 ? 0.4 i ol = 12 ma, v il = 0.8 v 3.0 ? 0.55 i ol = 24 ma, v il = 0.8 v input current i in 3.6 ? 5 av in = v cc or gnd i in (hold) 2.3 45 ? v in = 0.7 v 2.3 ?45 ? v in = 1.7 v 3.0 75 ? v in = 0.8 v 3.0 ?75 ? v in = 2.0 v 3.6 ? 500 v in = 0 to 3.6 v off state output current *2 i oz 3.6 ? 10 av out = v cc or gnd quiescent supply current i cc 3.6 ? 40 av in = v cc or gnd ? i cc 3.0 to 3.6 ? 750 av in = one input at (v cc ?0.6) v, other inputs at v cc or gnd notes: 1. for conditions shown as min or max, use the appropriate values under recommended operating conditions. 2. for i/o ports, the parameter i oz includes the input leakage current.
HD74ALVCH16244 rev.5.00, oct.02. 2003, page 6 of 8 switching characteristics (ta = -40 to 85c) item symbol v cc (v) min typ max unit from (input) to (output) propagation delay time t plh 2.50.2 1.0 ? 3.9 ns a y t phl 2.7 ? ? 3.6 3.30.3 1.0 ? 3.0 output enable time t zh 2.50.2 1.0 ? 5.7 ns oe y t zl 2.7 ? ? 5.4 3.30.3 1.0 ? 4.4 output disable time t hz 2.50.2 1.0 ? 5.2 ns oe y t lz 2.7 ? ? 4.6 3.30.3 1.0 ? 4.1 input capacitance c in 3.3 ? 3.0 ? pf control inputs 3.3 ? 6.0 ? data inputs output capacitance c o 3.3 ? 7.0 ? pf outputs 500 ? c = 50 pf l l 500 ? s1 *1 see under table gnd open load circuit for outputs note: 1. c includes probe and jig capacitance. symbol t / t plh phl open open gnd 4.6 v 6.0 v t / t zh hz t / t zl lz gnd vcc=2.7v, 3.30.3v vcc=2.50.2v  test circuit
HD74ALVCH16244 rev.5.00, oct.02. 2003, page 7 of 8 t plh t phl v oh v ol gnd v ih v ref v ref v ref v ref input output  waveforms ? 1  waveforms ? 2 10 % 90 % tr tf 10 % 90 % v ? 0.3 v oh v + 0.3 v ol t zl t lz t zh t hz v oh v ol waveform - a output control waveform - b gnd v ih v ol1 v oh1 v ref v ref v ref v ref test v ih v ref v oh1 v ol1 1.2 v 1.5 v 2.3 v 3.0 v gnd 2.3 v 2.7 v gnd vcc=2.7v, 3.30.3v vcc=2.50.2v notes: 1. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, zo = 50 ? , tr 2.5 ns, tf 2.5 ns. 2. waveform ? a is for an output with internal conditions such that the output is low except when disabled by the output control. 3. waveform ? b is for an output with internal conditions such that the output is high except when disabled by the output control. 4. the output are measured one at a time with one transition per measurement. tr tf 10 % 10 % 90 % 90 %
HD74ALVCH16244 rev.5.00, oct.02. 2003, page 8 of 8 pin description package code jedec jeita mass (reference value) ttp-48dbv ? ? 0.20 g *ni/pd/au plating 0.08 m 0.10 *0.15 0.05 8.10 0.20 0.50 0.1 0.65 max 124 25 48 12.5 6.10 0? ? 8? 0.50 1.20 max 0.10 0.05 12.7 max 1.0 *0.19 0.05 as of january, 2003 unit: mm
? 2003. renesas technolo gy corp., all ri g hts reserved. printed in japan . colo p hon 1.0 keep safet y first in y our circuit desi g ns ! 1. renesas technolo gy corp. puts the maximum effort into makin g semiconductor products better and more reliable, but there is alwa y s the possibilit y that trouble m a y occur with them. trouble with semiconductors ma y lead to personal in j ur y , fire or propert y dama g e . remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placem ent of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents i nformation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas tech nology corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, a nd algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under ci rcumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technolo gy corp. is necessar y to reprint or reproduce in whole or in part these materials . 7 . if these products or technolo g ies are sub j ect to the japanese export control restrictions, the y must be exported under a license from the japanese g overnment and cannot b e imported into a countr y other than the approved destination. an y diversion or reexport contrar y to the export control laws and re g ulatio n s of japan and/or the countr y of destination is prohibited . 8. please contact renesas technolo gy corp. for further details on these materials or the products contained therein . s ales strate g ic plannin g div. nippon bld g ., 2-6-2, ohte-machi, chi y oda-ku, tok y o 100-0004, japa n htt p ://www.renesas.co m renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500 fax: <1> (408) 382-7501 renesas technology europe limited. dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, united kingdom tel: <44> (1628) 585 100, fax: <44> (1628) 585 900 renesas technology europe gmbh dornacher str. 3, d-85622 feldkirchen, germany tel: <49> (89) 380 70 0, fax: <49> (89) 929 30 11 renesas technology hong kong ltd. 7/f., north tower, world finance centre, harbour city, canton road, hong kong tel: <852> 2265-6688, fax: <852> 2375-6836 renesas technology taiwan co., ltd. fl 10, #99, fu-hsing n. rd., taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. 26/f., ruijin building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1, harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices


▲Up To Search▲   

 
Price & Availability of HD74ALVCH16244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X