manufacturer category series package voltage class rev . date eb13e2 series ? rohs compliant (pb-free) ? ceramic smd package ? 3.3v supply voltage ? lvhcmos output ? stability to 25ppm ? standby function ? available on tape and reel ecliptek corp. oscillator eb13e2 ceramic 3.3v os5a 11/07 oscillator eb13e2 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. notes _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______ h 0.9 l 3.2 w 2.5 electrical specifications frequency range (f o ) operating temperature range (otr) storage temperature range (str) supply voltage (v dd ) input current (i dd ) frequency tolerance/stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time (t r /t f ) duty cycle (sym) load drive capability (c load ) tri-state input voltage standby current start up time (t s ) rms phase jitter 1.8432mhz to 20.000mhz 20.001mhz to 40.000mhz 40.001mhz to 60.000mhz 60.001mhz to 75.000mhz inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration 20% to 80% of waveform at 50% of waveform no connection v ih : >80% of v dd v il : <20% of v dd disabled output: high impedance f j = 12khz to 20mhz -20c to 70c -40c to 85c -55c to 125c 3.3v dc 5% 7ma maximum 13ma maximum 19ma maximum 24ma maximum 100ppm, 50ppm, or 25ppm maximum 90% of v dd minimum (i oh = -4ma) 10% of v dd maximum (i ol = +4ma) 5 nseconds maximum 50 5(%) 15pf hcmos load maximum enables output enables output disables output: high impedance 10a maximum 10 mseconds maximum 1 pseconds maximum 1.8432mhz, 2.5mhz, 2.765mhz, 3mhz, 3.072mhz, 3.125mhz, 3.25mhz, 3.5795mhz, 3.6864mhz, 3.75mhz, 4mhz, 4.032mhz, 4.125mhz, 5mhz, 5.5mhz, 5.53mhz, 6mhz, 6.144mhz, 6.25mhz, 6.75mhz, 7.159mhz, 7.25mhz, 7.3728mhz, 8mhz, 8.064mhz, 8.25mhz, 8.2944mhz, 10mhz, 11.059mhz, 11.2896mhz, 12mhz, 12.288mhz, 12.8mhz , 13mhz, 13.5mhz, 14.3181mhz, 14.31818mhz, 14.746mhz, 15mhz, 16mhz, 16.9344mhz, 20mhz, 22mhz, 22.1184mhz, 24mhz, 24.576mhz, 25mhz, 26mhz, 27mhz, 28.375mhz, 28.636mhz, 29.4912mhz, 30mhz, 32mhz, 33mhz, 33.333mhz, 40mhz, 41.010mhz, 44mhz, 48mhz, 50mhz, 54mhz, 64mhz, 66mhz, 66.6666mhz, 72mhz, and 75mhz
manufacturer category series package voltage class rev . date ecliptek corp. oscillator eb13e2 ceramic 3.3v os5a 11/07 eb13e2 e 2 h - 40.000m tr frequency tolerance / stability c=100ppm maximum over -20c to +70c d=50ppm maximum over -20c to +70c e=25ppm maximum over -20c to +70c g=100ppm maximum over -40c to +85c h=50ppm maximum over -40c to +85c j=25ppm maximum over -40c to +85c part numbering guide *compliant to eia 481a mechanical dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications suggested solder pad layout all dimensions in millimeters tape and reel dimensions all dimensions in millimeters tolerances= + 0.1 parameter specification esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500vdc fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-202, method 213, condition c moisture resistance mil-std-883, method 1004 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010 vibration mil-std-883, method 2007, condition a 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. pin 1: tri-state pin 2: case ground pin 3: output pin 4: supply voltage packaging options blank=bulk, tr=tape and reel (standard) frequency output control function h=tri-state duty cycle 2=50 5(%) m n o p q 1.5 min 50 min 20.2 min 13.00.5 40 min r s t u v qty/reel 2.5 min 10 min 14.4 max 180 max 8.4+1.5-0 1 ,000 reel a b c d e f 8.00.2 3.50.1 2.750.1 4.00.1 2.00.1 f g h j k l 4.00.1 2.7.1 1 .55 +0.5 3.4.1 0.25 0.05 1.4.1 tape line 1: e xx.x frequency in mhz (3 digits maximum + decimal) line 2: xx y zz week of year last digit of year ecliptek manufacturing identifier
ecliptek mems oscillators - lower cost, quicker delivery alternative! the emo? family of oscillators offers exceptiona l performance, shorter delivery and significant cost advantages by utilizing a revolutionary new mems resonator tec hnology. this important innovation enables ecliptek to offer the ultimate in flexibility with delivery of 2 days for samples and 5 to 10 days for quantities up to 10,000 pieces on tape and reel. package dimensions (all dimensions in millimeters) supply voltage (v dc ) 5 x 7 3.2 x 5 2.5 x 3.2 2 x 2.5 1.8 emk11 emk21 emk31 emk41 2.5 emk12 emk22 emk32 emk42 3.3 emk13 emk23 emk33 emk43 would you like to request emo? samples or a quotation now? click here want to learn more about the ecliptek emo? family of mems oscillators? click here product features: ? improved frequency stability throug h the use of a mems resonator ? 1.8vdc, 2.5vdc, or 3.3vdc supply voltages ? frequency range of 1mhz to 125mhz, hcmos output ? frequency stability to 50ppm, -40c to +85c operation ? tri-state or power down functions ? rohs compliant ? high temperature +260c reflow capability ? eia compliant tape and reel packaging ? four smd package sizes if you have any questions or would like additional information regarding the ecliptek emo? family of oscillators, please contact our sales department .
|