Part Number Hot Search : 
MCD414 4D18R 1N5027A 2N381 TK11A50D DTA124 MC101 Q6290
Product Description
Full Text Search
 

To Download CM6805BOXIR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 1 general description features ? 10-pin soic package. ? use rac around 4~8 mega ohm at iac pin. ? easy to configure into boost follower. ? enable lowest bom for power supply with pfc. ? internally synchronized pfc and pwm in one ic. ? patented slew rate enhanced voltage error amplifier with advanced input current shaping technique. ? universal line input voltage ? ccm boost or dcm boost with leading edge modulation pfc using input current shaping technique. ? feed forward iac pin to do the automatic slope compensation. ? pfcovp, precision -1v pfc ilimit, pfc tri-fault detect comparator to meet ul1950 ? low supply currents; start-up: 100ua typical, operating current: 2ma typical. ? synchronized leading pfc and trailing edge modulation pwm to reduce ripple current in the storage capacitor between the pfc and pwm sections and to reduce switching noise in the system ? vin-ok comparator to guarantee to enable pwm when pfc reach steady state ? high efficiency trailing-edge current mode pwm ? exact 50% pwm maximum duty cycle ? uvlo, refok, and brownout protection ? digital pfc and pwm soft start, ~10ms ? precision pwm 1.5v current limit for current mode operation ? pfcoffb pin to sense light load to turn off pfc or pfcoffb pin to sense input voltage as ac brown out the cm6805bo is the green-mode pfc/pwm combo controller for desktop pc and high density ac adapter. for the power supply, it?s input current shaping pfc performance could be very close to the performance of the cm6800 or ml4800 leading edge modulation average current topology. cm6805bo offers the use of smaller, lower cost bulk capacitors, reduces power line loading and stress on the switching fets, and results in a power supply fully compliant to iec1000-3-2 specifications. the cm6805bo includes circuits for the im plementation of a leading edge modulation, input current sh aping technique ?boost? type pfc and a trailing edge modulation current, pwm. the cm6805bo?s pfc and pwm operate at the same frequency, 100khz. a pfc ovp comparator shuts down the pfc section in the event of a sudden decrease in load. the pfc section also includes peak current limiting for enhanced system reliability. pfc has a pfcoffb pin which can use for ac brown out application and determine the gmth to turn off pfc.
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 2 applications pin configuration ? desktop pc ? ac adaptor ? open frame 10 pin ssop (r10) top view pin description operating voltage pin no. symbol description min. typ. max. unit 1 gnd ground 2 iac feedforward input to do slope compensation and to start up the system. during the start up, iac is connected to vcc until vcc is greater than 13v. 0 7 v 3 i sense current sense input to the pfc curr ent limit comparator -5 0.7 v 4 veao pfc transconduct ance voltage error ampl ifier output 0 6 v 5 v fb pfc transconductance voltage e rror amplifier input 0 2.5 3 v 6 v + i pwm feed back and current limit comparator input 0 1.5 v 7 pfcoffb pfcoffb; it can turn off pfc stage when it is below 5v. 0 vcc v 8 vcc positive supply 10 15 18 v 9 pfc out pfc driver output 0 vcc v 10 pwm out pwm driver output 0 vcc v ordering information initial accuracy (khz) part number operation frequency min typ max temperature range package cm6805bogir fpwm = fpfc = 100khz 90 100 110 -40 to 125 10 pin ssop(r10) cm6805bogirtr* fpwm = fpfc = 100khz 90 100 110 -40 to 125 10 pin ssop(r10) CM6805BOXIR* fpwm = fpfc = 100khz 90 100 110 -40 to 125 10 pin ssop(r10) CM6805BOXIRtr* fpwm = fpfc = 100khz 90 100 110 -40 to 125 10 pin ssop(r10) note: 1. g : suffix for pb free product 2. x : suffix for halogen free and pb free product 3. tr : package is typing reel 4. initial accuracy : t a =25
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 3 block diagram 5.5v 5v pwm clk 2.5v 2.25v pfcout 9 isense 3 -1v vcc 8 + - . v to ramp + - . pwmclk fault gnd 1 .. 400k sum uvb 40k v+i 6 iac vfb + - . - pfc ilimit vfb 5 1.5v iac 2 brokenwire s r2 q q r1 - + . + pfcoffb 7 gnd 0.5v 10ms .. + - pfc ovp + - . - 100k pwm cmp vcc 1.1v uvlo .. pfc clk protected by patent uvb + - . shutdown pfc vre fd k pfc cmp vre fdk pwmout 10 - + . gmv 2.5v s r q q r fpfc=100khz vin-ok + - . - 2.75v ss soft start .veao 4 pfcclk pwmclk . . absolute maximum ratings absolute maximum ratings are those values beyo nd which the device could be permanently damaged. parameter min. max. units v cc max 20 v iac gnd-0.3 7.0 v i sense voltage -5 0.7 v pfc out gnd ? 0.3 vcc + 0.3 v pwm out gnd ? 0.3 vcc + 0.3 v veao 0 6.3 v pfcoffb gnd ? 0.3 vcc + 0.3 v voltage on any other pi n gnd-0.3 vcc + 0.3 v i cc current (average) 40 ma peak pfc out current, source or sink 0.5 a peak pwm out current, source or sink 0.5 a pfc out, pwm out energy per cycle 1.5 j junction temperature 150 storage temperature range -65 150 operating temperature range -40 125 lead temperature (soldering, 10 sec) 260 thermal resistance ( ja ) 80 /w
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 4 electrical characteristics unless otherwise stated, these sp ecifications apply vcc=+14v, t a =operating temperature range (note 1) cm6805bo symbol parameter test conditions min. typ. max. unit voltage error amplifier (gm v ) input voltage range 0 5 v transconductance v noninv = v inv , veao = 3.75v 30 65 90 mho feedback reference voltage 2.41 2.5 2.55 v input bias current note 2 -0.5 -1.0 a output high voltage 5.8 6.0 v output low voltage 0.1 0.4 v sink current v fb = 3v, veao = 6v -35 -10 a source current v fb = 1.5v, veao = 1.5v 30 40 a open loop gain 50 60 db power supply rejection ratio 11v < v cc < 16.5v 50 60 db iac input impedance (cm6805bo) isense = 0v, t a =25 35k 40k 50k ohm pfc ovp comparator threshold voltage 2.62 2.77 2.88 v hysteresis 65 150 mv pfc i limit comparator threshold voltage -1.1 -1 -0.88 v delay to output 150 300 ns v in ok comparator threshold voltage (cm6805bo) 2.16 2.26 2.36 v hysteresis 1.13 1.17 1.21 v pwm digital soft start digital soft start timer (note 2) right after start up 10 ms v + i comparator threshold voltage normal operation without soft start 1.38 1.5 1.62 v delay to output (note 2) 150 300 ns threshold voltage during soft start condition 100 150 200 mv pfc tri-fault fault detect high 2.70 2.77 2.85 v time to fault detect high v fb =v fault detect low to v fb = open, 470pf from v fb to gnd 2 4 ms fault detect low 0.4 0.5 0.6 v
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 5 electrical characteristics unless otherwise stated, these sp ecifications apply vcc=+14v, t a =operating temperature range (note 1) cm6805bo symbol parameter test conditions min. typ. max. unit pfcoffb pfcoffb threshold low pfcoffb 4.75 5.0 5.25 v pfcoffb hysteresis 350 500 750 mv pfc frequency voltage stability 10v < v cc < 15v 1 % temperature stability 2 % total variation line, temp (cm6805bo) 90 100 110 khz pfc dead time (note 2) 0.3 0.45 0.65 us pfc minimum duty cycle i ac =100ua,v fb =2.55v, i sense = 0v 1 % maximum duty cycle i ac =0ua,v fb =2.0v, i sense = 0v 90 95 % output low rdson 15 22.5 ohm i out = -100ma 0.8 1.5 v output low voltage i out = -10ma, v cc = 8v 0.4 0.8 v output high rdson 30 45 ohm output high voltage i out = 100ma, v cc = 15v 13.5 14.2 v rise/fall time (note 2) c l = 1000pf 50 ns pwm duty cycle range ic 49 49.5 50 % output low rdson at room temp 15 22.5 ohm i out = -100ma 0.8 1.5 v output low voltage i out = -10ma, v cc = 8v 0.7 1.5 v output high rdson (note 2) at room temp 30 45 ohm output high voltage i out = 100ma, v cc = 15v 13.5 14.2 v rise/fall time (note 2) c l = 1000pf 50 ns supply start-up current v cc = 11v, c l = 0 135 150 ua operating current v cc = 15v, c l = 0 2 4 ma undervoltage lockout th reshold 12.35 13 13.65 v undervoltage lockout hy steresis 2.7 3 3.3 v note 1: limits are guaranteed by 100% testing, sampli ng, or correlation with worst-case test conditions. note 2: guaranteed by design, not 100% production test.
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 6 typical performanc e characteristic 57 64 71 78 85 92 99 106 113 120 127 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 vfb (v) transconductance (umho) voltage error amplifier (gmv) transconductance
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 7 functional description the cm6805bo consists of an icst (input current shaping technique), ccm (continuous conduction mode) or dcm (discontinuous conduction mode) boost pfc (power factor correction) front end and a synchronized pwm (pulse width modulator) back end. the cm6805bo is designed to replace fan4803 (8 pin sop package), which is the second generati on of the ml4803 with 8 pin package. it is distinguished from earlier combo controllers by its low count, innovative input current shaping technique, and very low start-up and operating currents. the pwm section is dedicated to peak current mode operation. it uses conventional trailing-edge modulation, while the pfc uses leading-edge modulation. this patented leading edge/trailing edge (lete) modulation technique helps to minimize ripple current in the pfc dc bus capacitor. the main improvements from ml4803 are: 1. add green mode functions for both pfc and pwm 2. remove the one pin error amplifier and add back the slew rate enhancement gmv, which is using voltage input instead of current input. this transconductance amplifier will increase the transient response 5 to 10 times from the conventional op 3. vfb pfc ovp comparator 4. pfc tri-fault detect for ul1950 compliance and enhanced safety 5. a feed forward signal from iac pin is added to do the automatic slope compensati on. this increases the signal to noise ratio during the light load; therefore, thd is improved at light load and high input line voltage. 6. cm6805bo does not require the bleed resistor and it uses the more than 800k ohm resistor between iac pin and rectified line voltage to feed the initial current before the chip wakes up. 7. vin-ok comparator is added to guaranteed pwm cannot turn on until vfb reaches 2.5v in which pfc boost output is about steady state, typical 380v. 8. a 10ms digital pwm soft start circuit is added 9. 10 pin sop package 10. no internal zener and vccovp comparator the cm6805bo operates both pfc and pwm sections at 100khz. this allows the use of smaller pwm magnetic and output filter compon ents, while minimizing switching losses in the pfc stage. several protection features have been built into the cm6805bo. these include soft-start, redundant pfc overvoltage protection, pfc tri-fault detect, vin-ok, peak current limiting, duty cycle lim iting, under-voltage lockout, reference ok comparator pfcoffb. detailed pin descriptions iac (pin 2) typically, it has a feed-forward resistor, rac, 4mega~10mega ohm resistor connected between this pin and rectified line input voltage. the current of rac will program the automatic slope compensation for the system. this feed-forward signal can increase the signal to noise ratio for the light load condition or the high input line voltage condition. isense (pin 3) this pin ties to a resistor which senses the pfc input current. this signal should be negative with respect to the ic ground. it internally feeds the pulse-by-pulse current limit comparator and the current sense feedback signal. the ilimit trip level is ?1v. the isense feedback is internally multiplied by a gain of four and compared against the internal programmed ramp to set the pfc duty cycle. the intersection of the boost inductor current down-slope with the internal programming ramp de termines the boost off-time. it requires a rc filter between isense and pfc boost sensing resistor. veao (pin 4) this is the pfc slew rate enhanced transconductance amplifier output which needs to connected with a compensation net work ground. vfb (pin 5) besides this is the pfc slew rate enhanced transconductance input, it also tie to a couple of protection comparators, pfcovp, and pfc tri-fault detect v + i (pin 6) this pin is tied to the primary side pwm current sense resistor or transformer. it provides the internal pulse-by-pulse current limit for the pwm stage (which occurs at 1.5v) and the peak current mode feedback path for the current mode control of the pwm stage. besi des current information, the photo-couple also goes into v + i pin. therefore, it is the sum amplifier input. soft start is around 10ms after the startup(vcc is greater than 13v).
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 8 pfcoffb (pin 7) when this pin is below 5v, pfc gate drive, pfcout will be turned off until pfcoffb pin is greater than 5.5v. when pfcoffb is below 5v, veao also been pulled low as well. pfcoffb usually is used for ac brown out or green pwm. for ac brown out, pfcoffb can be used to sense the bridge input voltage. for green pwm, it can be used to sense the photo couple current to detect the pwm load. when the load is light, the photo couple current increas ed. the photo couple current with a resistor between vcc and pfcoffb can sense the light load condition. when pfcoffb is below 5v, pfc can be turned off. vcc (pin 8) vcc is the power input connection to the ic. the vcc start-up current is 100ua. the no-load icc current is 2ma. vcc quiescent current will include both the ic biasing currents and the pfc and pwm output currents. given the operating frequency and the mo sfet gate charge (qg), average pfc and pwm output currents can be calculated as iout = qg x f. the average magnetizing current required for any gate drive transformers must also be included. the vcc pin is also assumed to be proportional to the pfc output voltage. vcc also ties internally to the uvlo circuitry and vrefok comparator, enabling the ic at 13v and disabling it at 10v. vcc must be bypassed with a high quality ceramic bypass capacitor placed as close as possible to the ic. good bypassing is critical to the proper operation of the cm6805bo. vcc is typically produced by an additional winding off the boost inductor or pfc choke, providing a voltage that is proportional to the pfc output voltage. an external clamp, such as shown in figure 1, is desirable and proposed to limit vcc over voltage to an acceptable value. vcc gnd 1n 5248 figure 1 . optional vcc clamp this limits the maximum vc c that can be applied about 18v to avoid ovp which allowing to the vcc maximum rating. an rc filter at vcc is required between boost trap winding and vcc. pfcout (pin 9) and pwm out (pin 10) pfc out and pwm out are the high-current power driver capable of directly driving th e gate of a power mosfet with peak currents up to -1a and +0.5a. both outputs are actively held low when vcc is below the uvlo threshold level which is 15v or vrefok comparator is low. power factor correction power factor correction makes a nonlinear load look like a resistive load to the ac line. for a resistor, the current drawn from the line is in phase with and proportional to the line voltage, so the power factor is unity (one). a common class of nonlinear load is the input of most power supplies, which use a bridge rectifier and capacit ive input filter fed from the line. the peak-charging effect, which occurs on the input filter capacitor in these supplies, causes brief high-amplitude pulses of current to flow from the power line, rather than a sinusoidal current in phase with the line voltage. such supplies present a power factor to the line of less than one (i.e. they cause significant current harmonics of the power line frequency to appear at their input). if the input current drawn by such a supply (or any other nonlinear load) can be made to follow the input voltage in instantaneous amplitude, it will appear resistive to the ac line and a unity power factor will be achieved. to hold the input current draw of a device drawing power from the ac line in phase with and proportional to the input voltage, a way must be found to prevent that device from loading the line except in proportion to the instantaneous line voltage. the pfc section of the cm6805bo uses a boost-mode dc-dc converter to accomplish this. the input to the converter is the full wave rectified ac line voltage. no bulk filtering is applied following the bridge rectifier, so the input voltage to the boost converter ranges (at twice line frequency) from zero volts to the peak value of the ac input and back to zero. by forcing the boost converter to meet two simultaneous conditions, it is possible to ensure that the current draws from the power line matches t he instantaneous line voltage. one of these conditions is t hat the output voltage of the boost converter must be set higher than the peak value of the line voltage. a commonly used value is 385vfb, to allow for a high line of 270vac rms . the other condition is that the current that the converter is allo wed to draw from the line at any given instant must be proportional to the line voltage.
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 9 pfc control: leading edge modulation with input current shaping technique (i.c.s.t.) the only differences between the conventional pfc control topology and i.c.s.t. is: the current loop of the convent ional control method is a close loop method and it requires a detail understanding about the system loop gain to design. with i.c.s.t., since the current loop is an open loop, it is very straightforward to implement it. the end result of the any pfc system, the power supply is like a pure resistor at low frequenc y. therefore, current is in phase with voltage. in the conventional control, it forces the input current to follow the input voltage. in cm6805bo, the chip thinks if a boost converter needs to behave like a low frequency resistor, what the duty cycle should be. the following equations is cm6805bo try to achieve: in in e i v r = (1) in l i i = (2) equation 2 means: average boost inductor current equals to input current. d out l in i v i v (3) therefore, input instantaneous power is about to equal to the output instant aneous power. for steady state and for the each phase angle, boost converter dc equation at continuous conduction mode is: ) 1 ( 1 d v v in out ? = (4) rearrange above equations, (1), (2),(3), and (4) in term of vout and d, boost converter duty cycle and we can get average boost diode current equation (5): e out d r v d i ? = 2 ) 1 ( (5) also, the average diode current can be expressed as: dt t i t i off t d sw d ? = ) ( 1 0 (6) if the value of the boost inductor is large enough, we can assume d d i t i ~ ) ( . it means during each cycle or we can say during the sampling, the diode current is a constant. therefore, equation (6) becomes: ) 1 ( ' d i d i t t i i d d sw off d d ? = = = (7) combine equation (7) and equation (5), and we get: sw off e out d e out d e out d t t r v i r v d i r v d d i = = = ' 2 ' ' ) ( (8) from this simple equation (8), we implement the pfc control section of the cm6805bo leading/trailing modulation conventional pulse width modulation (pwm) techniques employ trailing edge modulation in which the switch will turn on right after the trailing edge of the system clock. the error amplifier output is then compar ed with the modulating ramp. when the modulating ramp reac hes the level of the error amplifier output voltage, the sw itch will be turned off. when the switch is on, the inductor current will ramp up. the effective duty cycle of the trailing edge modulation is determined during the on time of the switch. figure 2 shows a typical trailing edge control scheme. in case of leading edge modula tion, the switch is turned off right at the leading edge of the system clock. when the modulating ramp reaches the le vel of the error amplifier output voltage, the switch w ill be turned on. the effective duty-cycle of the leading edge modulation is determined during off time of the switch. figure 3 shows a leading edge control scheme.
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 10 one of the advantages of this control technique is that it required only one system clock. switch 1(sw1) turns off and switch 2 (sw2) turns on at the same instant to minimize the momentary ?no-load? period, thus lowering ripple voltage generated by the switching action. with such synchronized switching, the ri pple voltage of the first stage is reduced. calculation and ev aluation have shown that the 120hz component of the pfc?s output ripple voltage can be reduced by as much as 30% using this method, substantially reducing dissipa tion in the high-voltage pfc capacitor. typical applications pfc section: pfc voltage loop error amp, veao the ml4803 utilizes an one pin voltage error amplifier in the pfc section (veao). in t he cm6805bo, it is using the slew rate enhanced transconductance amplifier, which is the same as error amplifie r in the cm6800. the unique transconductance profile can speed up the conventional transient response by 10 times. the internal reference of the veao is 2.5v. the input of the veao is vfb pin. pfc voltage loop compensation the voltage-loop bandwidth must be set to less than 120hz to limit the amount of line cu rrent harmonic distortion. a typical crossover frequency is 30hz. the voltage loop gain (s) cv v dc eao 2 outdc in fb eao out fb eao out z * gm * c * s * v * v v 5 . 2 * p v v * v v * v v = z cv : compensation net work for the voltage loop gmv: transconductance of veao p in : average pfc input power v outdc : pfc boost output voltage; typical designed value is 380v. c dc : pfc boost output capacitor v eao : this is the necessary c hange of the veao to deliver the designed average input power. the average value is 6v-3v=3v since when the input line voltage increases, the delta veao will be reduced to de liver the same to the output. to over compensate, we choose the delta veao is 3v. internal voltage ramp the internal ramp current source is programmed by way of veao pin voltage. when veao increases the ramp current source is also increase. this current source is used to develop the internal ramp by c harging the internal 30pf +12/ -10% capacitor. the frequency of the internal programming ramp is set internally to 100khz. design pfc isense filtering isense filter, the rc filter between rs and isense: there are 2 purposes to ad d a filter at isense pin: 1.) protection: during start up or inrush current conditions, it will have a large voltage cross rs, which is the sensing resistor of the pfc boost converter. it requires the isense filter to attenuate the energy. 2.) reduce l, the boost induc tor: the isense filter also can reduce the boost inductor value since the isense filter behaves lik e an integrator before going isense which is the input of the current error amplifier, ieao.
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 11 the i sense filter is a rc filter. t he resistor value of the i sense filter is between 100 ohm and 50 ohm. by selecting r filter equal to 50 ohm will keep the offset of the ieao less than 5mv. usually, we design the pole of i sense filter at fpfc/6, one sixth of the pfc sw itching frequency. therefore, the boost inductor can be reduced 6 times without disturbing the stability. theref ore, the capacitor of the i sense filter, c filter , will be around 283nf. iac, r ac , automatic slope compensation, dcm at high line and light load, and startup current there are 4 purposes for iac pin: 1.) for the leading edge mo dulation, when the duty cycle is less than 50%, it requires the similar slope compensation, as the duty cycle of the trailing edge modulation is greater than 50%. in the cm6805bo, it is a relatively easy thing to design. use an more than 800k ohm resistor, r ac to connect iac pin and the rectified line voltage. it will do the automatic sl ope compensation. if the input boost inductor is too small, the r ac may need to be reduced more. 2.) during the startup perio d, rac also provides the initial startup current, 100ua;therefore, the bleed resistor is not needed. 3.) since iac pin with r ac behaves as a feedforward signal, it also enhances the signal to noise ratio and the thd of the input current. 4.) it also will try to keep the maximum input power to be constant. however, the maximum input power will still go up when the input line voltage goes up. start up of the system, uvlo, vrefok and soft start during the start-up period, r ac resistor will provide the start up current~100ua from the rectified line voltage to iac pin. during the start up, the soft start function is triggered and the duration of the soft start will last around 10ms. pfc section wakes up after start up period after start up period, pfc section will softly start since veao is zero before the star t-up period. since veao is a slew rate enhanced transconductance amplifier (see figure 3), veao has a high impedance output like a current source and it will slowly charge the compensation net work which needs to be designed by using the voltage loop gain equation. before pfc boost output reaches its design voltage, it is around 380v and vf b reaches 2.5v, pwm section is off. pwm section wakes up after pfc reaches steady state pwm section is off all the time before pfc vfb reaches 2.25v. then internal 10ms digital pwm soft start circuit slowly ramps up the soft-start voltage. pfc ovp comparator pfc ovp comparator sense vfb pin which is the same the voltage loop input. the good thing is the compensation network is connected to veao. the pfc ovp function is a relative fast ovp. it is not lik e the conventional error amplifier which is an operational amplifier and it requires a local feedback and it make the ovp action becomes very slow. the threshold of the pfc ovp is 2.5v+10% =2.75v with 250mv hysteresis. pfc tri-fault detect comparator to improve power supply reliability, reduce system component count, and simplify compliance to ul1950 safety standards, the cm6805bo includes pfc tri-fault detect. this feature monitors vfb (p in 5) for certain pfc fault conditions. in case of a feedback path failure, the output of the pfc could go out of safe operating limit s. with such a failure, vfb will go outside of its normal operating area. should vfb go too low, too high, or open, pfc tri-fault detect senses the error and terminates the pfc output drive. pfc tri-fault detect is an entirely internal circuit. it requires no external components to serve its protective function. vcc over voltage and generate vcc for the cm6805bo system, if vcc is generated from a source that is proportional to the pfc output voltage. the pfc ovp will avoid the vcc over voltage. given that 16v on vcc corresponds to 380v on the pfc output, 17.6v on vcc corresponds to an acceptable level of 18v. typically, there is a bootstr ap winding off the boost inductor. the vcc isn?t built in the v cc ovp function. for the vcc maximum rating, an external zener clamp is desirable and proposed to limit vcc over voltage. it is a necessary to put rc filter between bootstrap winding and vcc. for vcc=15v, it is sufficient to drive either a power mosfet or a igbt.
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 12 uvlo the uvlo threshold is 13v providing 3v hysteresis. pfcout and pwmout both pfcout and pwmout are cmos drivers. they both have adaptive anti-shoot throug h to reduce the switching loss. its pull-up is a 30ohm pmos driver and its pull-down is a 15ohm nmos driver. it can source 0.5a and sink 1a if the vcc is above 15v. pwm section after 10ms digital soft start, cm6805bo?s pwm is operating as a typical current mode. it requires a secondary feedback, typically, it is configured with cm431, and photo couple. since pwm section is different from cm6800 family, it needs the emitter of the photo couple to connected with v+ i instead of the collector. the pwm current information also goes into v+i. usually, th e pwm current information requires a rc filter before goes into the v + i. therefore, v+i actually is a summing node from voltage information which is from photo couple and cm431 and current information which is from one end of pwm sensing resistor and the signal goes through a single pole, rc filter then enter the v+i pin. this rc filter at v+i also serves several functions: 1.) it protects ic. 2.) it provides level shift for voltage information. 3.) it filters the switching noise from current information. at normal operation, the threshol d voltage of the v + i pin is 1.5v. when the v + i is gr eater than 1.5v, pwm output driver will turn off the pwm power mosfet. when the soft start is triggered, the v+i threshold is around 150mv. soft start can be triggered by the following conditions: 1.) during the startup (vcc is less than 10v) 2.) vfb is below ~ 1.1v during above 2 conditions, the v + i threshold is around 150mv until the conditions have been removed. after above 2 conditions have been removed, the internal soft start d to a will ramp up the voltage from ~150mv to 2v. each soft start ramp can last around 10ms. component reduction components associated with the vrms and ieao pins of a typical pfc controller such as the cm6800 have been eliminated. the pfc power limit and bandwidth does vary with line voltage.
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 13 application circuit (pc power) 1m gnd 380vdc vcc 470pf ac inlet l fg n vcc 1000pf 10m vcc +12v 380vdc 104pf 10 1/2w 1000pf 0.08 2w (s) 5m b+ er806 1n5406 1k 280k 1000pf 330k + 2200uf/6.3v sr140 09n90 t106-75 10k 0.1uf tl431 2 3 1 + 180uf/450v 10.2k 1% cm6805bo 3 2 4 5 6 7 8 9 10 1 isense iac ve ao vfb v+i pfcoffb vcc pfc out pwm out gnd gnd emi 472pf 15v 104pf - + gbu808 sr160 4.7k 20a/100v +5v 1n4148 68k 30a/60v 14n50 0.47uf/400v 470pf/250v gnd 474pf 10 47 473pf 39.2k 1% 102pf +5v 2200pf 500 in5406 vcc 0 +12v vcc 1k 4.75k 1% 1/8w sr160 10 pwm out 09n90 iso1a 817c 380vdc 9.5v + 4.7uf 1m pwm is + 2200uf/16v 1n4148 pwm out 0.2 2w vcc 1n4148 10 1m sr140 + 2200uf/16v pwm is in5406 10k 13k + 2200uf/10v iso1a 10k cm6805bo marking rule note : represent bo
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 14 package dimension 10 pin-ssop (r10) pin 1 id zd b f numbering scheme ordering number : cm6805bogir (note) ordering number : CM6805BOXIR (note) note1 : g : suffix for pb free product x : suffix for halogen free and pb free product note 2 : i : -40 ~+125 note 3 : r: ssop-10
cm6805bo 10-pin green-mode pfc/pwm combo controller 2010/04/20 rev 1.3 champion microelectronic corporation page 15 important notice champion microelectronic corporation (cmc) reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its custom ers to obtain the latest version of relevant information to ve rify, before placing orders, that the information being relied on is current. a few applications using integrated circuit products may involv e potential risks of death, personal injury, or severe property or environmental damage. cmc integrated circ uit products are not designed, intended, au thorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. use of cmc products in such applications is understood to be fully at the risk of the cust omer. in order to minimize risks associated with the customer?s applications, th e customer should provide adequate design and operating safeguards. hsinchu headquarter sales & marketing 5f, no. 11, park avenue ii, science-based industrial park, hsinchu city, taiwan 21f., no. 96, sec. 1, sintai 5th rd., sijhih city, taipei county 22102, taiwan, r.o.c. t e l : +886-3-567 9979 t e l : +886-2-2696 3558 f a x : +886-3-567 9909 f a x : +886-2-2696 3559 http://www.champion-micro.com


▲Up To Search▲   

 
Price & Availability of CM6805BOXIR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X