Part Number Hot Search : 
MSC7166 HD74AC86 IRHG8214 5113A AD7533LP SR504 CX16245M W24LH8
Product Description
Full Text Search
 

To Download BAS70W-06-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30113 rev. 9 - 2 1 of 3 bas70w/ -04/ -05/ -06 www.diodes.com  diodes incorporated  low turn-on voltage  fast switching  pn junction guard ring for transient and esd protection  ultra-small surface mount package  available in lead free/rohs compliant version (note 3) a m j l e d b c h k g mechanical data  case: sot-323  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 5, on page 3  polarity: see diagrams below  marking: see diagrams below & page 3  weight: 0.006 grams (approximate) bas70w/ -04/ -05/ -06 surface mount schottky barrier diode electrical ratings @ t a = 25c unless otherwise specified bas70w marking: k73 bas70w-04 marking: k74 bas70w-05 marking: k75 bas70w-06 marking: k76 characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 v rms reverse voltage v r(rms) 49 v forward continuous current (note 1) i f 70 ma non-repetitive peak forward surge current @ t p  1.0s i fsm 100 ma power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r  ja 625 c/w operating temperature range t j -55 to +125 c storage temperature range t stg -65 to +150 c maximum ratings and electrical characteristics, single diode @ t a = 25c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 70 i r = 10  a forward voltage (note 2) v f 410 1000 mv t p <300s, i f = 1.0ma t p <300s, i f = 15ma reverse current (note 2) i r  100 na t p < 300s, v r = 50v total capacitance c t  2.0 pf v r = 0v, f = 1.0mhz reverse recovery time t rr 5.0 ns i f = i r = 10ma to i r = 1.0ma, irr = 0.1 x i r , r l = 100  sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0 8 all dimensions in mm top view notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad l ayout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. 3. no purposefully added lead. features
ds30113 rev. 9 - 2 2 of 3 bas70w/ -04/ -05/ -06 www.diodes.com 0 100 200 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 4 power deratin g curve, total packa g e p , power dissipation (mw) d 0 0.2 0.4 0.6 0.8 1.4 1.2 1.0 1 . 8 1.6 0 10 5 20 25 15 35 30 40 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f= 1.0mhz 0.1 1 10 100 1000 10000 0 20 10 30 60 50 40 70 v , reverse voltage (v) r fi g .2 t y pical reverse characteristics i , instantaneous reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 0oc a 0.1 0 1.0 10 0.4 0.6 0.2 0.8 1.2 1.0 1.4 1.6 v , instantaneous forward voltage (v) f fi g . 1 t y pical forward characteristics i , instantaneous forward current (ma) f 100 t = 125oc a t = -40oc a t = 75oc a t = 25oc a t = 0oc a
ds30113 rev. 9 - 2 3 of 3 bas70w/ -04/ -05/ -06 www.diodes.com ordering information device packaging shipping bas70w-7 sot-323 3000/tape & reel bas70w-04-7 sot-323 3000/tape & reel bas70w-05-7 sot-323 3000/tape & reel BAS70W-06-7 sot-323 3000/tape & reel notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. example : BAS70W-06-7-f. (note 4) month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code (see page 1) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information


▲Up To Search▲   

 
Price & Availability of BAS70W-06-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X