Part Number Hot Search : 
ET110 20032 AF4407 ACM1002A B260009 D4184 AN1456 FDR4420A
Product Description
Full Text Search
 

To Download AS4C256K16E0-30JC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright ? alliance semiconductor. all rights reserved. ? as4c256k16e0 5v 256k16 cmos dram (edo) 4/11/01; v.1.1 alliance semiconductor 1 of 24 features ? organization: 262,144 words 16 bits high speed - 30/35/50 ns ras access time - 16/18/25 ns column address access time - 7/10/10/10 ns cas access time  low power consumption - active: 500 mw max (as4c256k16e0-25) - standby: 3.6 mw max, cmos i/o (as4c256k16e0-25) edo page mode  refresh - 512 refresh cycles, 8 ms refresh interval -ras -only or cas -before-ras refresh or self-refresh - self-refresh option is available for new generation device only. contact alliance for more information.  read-modify-write  ttl-compatible, three-state i/o  jedec standard packages - 400 mil, 40-pin soj - 400 mil, 40/44-pin tsop ii  5v power supply  latch-up current > 200 ma pin arrangement 40 39 38 37 36 35 34 33 32 31 gnd i/o15 i/o14 i/o13 i/o12 gnd i/o11 i/o10 i/o9 i/o8 as4c256k16e0 soj 30 29 28 27 26 25 24 23 22 21 nc lcas ucas oe a8 a7 a6 a5 a4 gnd 1 2 3 4 5 6 7 8 9 10 vcc i/o0 i/o1 i/o2 i/o3 vcc i/o4 i/o5 i/o6 i/o7 11 12 13 14 15 16 17 18 19 20 nc nc we ras nc a0 a1 a2 a3 vcc v cc i/o0 i/o1 i/o2 i/o3 v cc i/o4 i/o5 i/o6 i/o7 nc nc we ras nc a0 a1 a2 a3 v cc gnd i/o15 i/o14 i/o13 i/o12 gnd i/o11 i/o10 i/o9 i/o8 nc lcas ucas oe a8 a7 a6 a5 a4 gnd 44 43 42 41 40 39 38 37 36 35 32 31 30 29 28 27 26 25 24 23 1 2 3 4 5 6 7 8 9 10 13 14 15 16 17 18 19 20 21 22 tsop ii as4c256k16e0 pin designation pin(s) description a0 to a8 address inputs ras row address strobe i/o0 to i/o15 input/output oe output enable ucas column address strobe, upper byte lcas column address strobe, lower byte we read/write control v cc power (5v 0.5v) gnd ground selection guide shaded areas contain advance information. symbol as4c256k16e0-30 as4c256k16e0-35 as4c256k16e0-50 unit maximum ras access time t rac 30 35 50 ns maximum column address access time t caa 16 18 25 ns maximum cas access time t cac 10 10 10 ns maximum output enable ( oe ) access time t oea 10 10 10 ns minimum read or write cycle time t rc 65 70 85 ns minimum edo page mode cycle time t pc 12 14 25 ns maximum operating current i cc1 180 160 140 ma maximum cmos standby current i cc2 2.0 2.0 2.0 ma
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 2 of 24 functional description the as4c256k16e0 is a high performance 4 megabit cmos dynamic random access memory (dram) organized as 262,144 words by 16 bits. the as4c256k16e0 is fabricated with advanced cmos technology and designed with innovative design techniques resulting in high speed, extremely low power and wide operating margins at component and system levels. the as4c256k16e0 features a high speed page mode operation in which high speed read, write and read-write are performed on any of the 512 16 bits defined by the column address. the asynchronous column address uses an extremely short row address capture time to eas e the system level timing constraints associated with multiplexed addressing. very fast cas to output access time eases system design. refresh on the 512 address combinations of a0 to a8 during an 8 ms period is accomplished by performing any of the following: ras -only refresh cycles  hidden refresh cycles cas -before-ras refresh cycles  normal read or write cycles  self-refresh cycles* the as4c256k16e0 is available in standard 40-pin plastic soj and 40/44-pin tsop ii packages compatible with widely available au tomated testing and insertion equipment. system level features include single power supply of 5v 0.5v tolerance and direct interface with ttl logic families. logic block diagram recommended operating conditions (t a = 0c to +70c) *self-refresh option is available for new generation device only. contact alliance for more information. parameter symbol min typ max unit supply voltage v cc 4.5 5.0 5.5 v gnd 0.0 0.0 0.0 v input voltage v ih 2.4 ? v cc + 1 v v il ?1.0 ? 0.8 v refresh controller 51251216 array (4,194,304) sense amp a0 a1 a2 a3 a4 a5 a6 a7 v cc gnd address buffers a8 row decoder column decoder ras clock generator substrate bias generator data i/o buffer oe ras ucas we clock generator we lcas i/o0 to i/o15 cas clock generator
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 3 of 24 absolute maximum ratings note: stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specificat ion is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. dc electrical characteristics shaded areas contain advance information. parameter symbol min max unit input voltage v in -1.0 +7.0 v output voltage v out -1.0 +7.0 v power supply voltage v cc -1.0 +7.0 v operating temperature t opr 0+70c storage temperature (plastic) t stg -55 +150 c soldering temperature time t solder ?260 10 o c sec power dissipation p d ?1w short circuit output current i out ?50ma latch-up current 200 ? ma parameter symbol test conditions -30 -35 -50 unit note min max min max min max input leakage current i il 0v v in +5.5v pins not under test = 0v -10 10 -10 10 -10 10 a output leakage current i ol d out disabled, 0v v out +5.5v -10 10 -10 10 -10 10 a operating power supply current i cc1 ras , ucas , lcas , address cycling; t rc =min ? 180 ? 160 ? 140 ma 1,2 ttl standby power supply current i cc2 ras = ucas = lcas = v ih ? 2.0 ? 2.0 ? 2.0 ma average power supply current, ras refresh mode i cc3 ras cycling, ucas = lcas = v ih , t rc = min ? 200 ? 190 ? 140 ma 1 edo page mode average power supply current i cc4 ras =ucas =lcas =v il , address cycling: t sc = min ? 190 ? 180 ? 70 ma 1,2 cmos standby power supply current i cc5 ras =ucas =lcas = v cc - 0.2v ? 1.0 ? 1.0 ? 1.0 ma cas -before-ras refresh power supply current i cc6 ras , ucas, lcas , cycling; t rc = min ? 200 ? 190 ? 140 ma 1 output voltage v oh i out = -5.0 ma 2.4 ?2.4?2.4?v v ol i out = 4.2 ma ? 0.4 ? 0.4 ? 0.4 v self refresh current i cc7 ras = ucas = lcas =v il , we = oe = a0-a8 = v cc -0.2v, dq0-dq15 = v cc -0.2v, 0.2v are open ? 2.0 ? 2.0 ? 2.0 ma
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 4 of 24 ac parameters common to all waveforms shaded areas contain advance information. read cycle shaded areas contain advance information. std symbol parameter -30 -35 -50 unit notes min max min max min max t rc random read or write cycle time 65 ?70?85?ns t rp ras precharge time 25 ?25?25?ns t ras ras pulse width 30 75k 35 75k 50 75k ns t cas cas pulse width 5 ?6?10?ns t rcd ras to cas delay time 15 20 16 24 15 35 ns 6 t rad ras to column address delay time 10 14 11 17 15 25 ns 7 t rsh(r) cas to ras hold time (read cycle) 10 ?10?10?ns t csh ras to cas hold time 30 ?35?50?ns t crp cas to ras precharge time 5 ?5?5?ns t asr row address setup time 0 ?0?0?ns t rah row address hold time 5 ?6?9?ns t t transition time (rise and fall) 1.5 50 1.5 50 3 50 ns 4,5 t ref refresh period ? 8?8?8ms3 t clz cas to output in low z 0 ?0?3?ns8 std symbol parameter -30 -35 -50 unit notes min max min max min max t rac access time from ras ? 30 ? 35 ? 50 ns 6 t cac access time from cas ? 10 ? 10 ? 10 ns 6,13 t aa access time from address ? 16 ? 18 ? 25 ns 7,13 t ar(r) column add hold from ras 26 ?28?30?ns t rcs read command setup time 0 ?0?0?ns t rch read command hold time to cas 0 ?0?0?ns9 trrh read command hold time to ras 0 ?0?0?ns9 t ral column address to ras lead time 16 ?18?25?ns t cpn cas precharge time 3 ?4?5?ns t off output buffer turn-off time 0 80808ns8,10
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 5 of 24 write cycle shaded areas contain advance information. read-modify-write cycle shaded areas contain advance information. std symbol parameter -30 -35 -50 unit notes min max min max min max t asc column address setup time 0 ?0?0?ns t cah column address hold time 5 ?5?9?ns t aw r column address hold time to ras 26 ?28?30?ns t wcs write command setup time 0 ?0?0?ns 11 t wch write command hold time 5 ?5?9?ns 11 t wcr write command hold time to ras 26 ?28?30?ns t wp write command pulse width 5 ?5?9?ns t rw l write command to ras lead time 10 ?11?12?ns t cwl write command to cas lead time 10 ?11?12?ns t ds data-in setup time 0 ?0?0?ns 12 t dh data-in hold time 5 ?5?9?ns 12 t dhr data-in hold time to ras 26 ?28?30?ns std symbol parameter -30 -35 -50 unit notes min max min max min max t rw c read-write cycle time 100 ? 105 ? 120 ? ns t rw d ras to we delay time 50 ?54?60?ns 11 t cwd cas to we delay time 26 ?28?30?ns 11 t aw d column address to we delay time 32 ?35?40?ns 11 t rsh(w) cas to ras hold time (write) 10 ?10?12?ns t cas(w) cas pulse width (write) 15 ?15?15?ns
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 6 of 24 edo page mode cycle shaded areas contain advance information. refresh cycle shaded areas contain advance information. output enable shaded areas contain advance information. self refresh cycle shaded areas contain advance information. std symbol parameter -30 -35 -50 unit notes min max min max min max t pc read or write cycle time 12 ?14?25?ns 14 t cap access time from cas precharge ? 19 ? 21 ? 23 ns 13 t cp cas precharge time 3 ?4?5?ns t pcm edo page mode rmw cycle 56 ?58?60?ns t crw page mode cas pulse width (rmw) 44 ?46?50?ns t rasp ras pulse width 30 75k 35 75k 50 75k ns std symbol parameter -30 -35 -50 unit notes min max min max min max t csr cas setup time (cas -before-ras ) 10 ? 10 ? 10 ? ns 3 t chr cas hold time ( cas -before-ras ) 7 ? 8 ? 10 ? ns 3 t rpc ras precharge to cas hold time 0 ? 0 ? 0 ? ns t cpt cas precharge time ( cas -before-ras counter test) 8 ? 8 ? 8 ? ns std symbol parameter -30 -35 -50 unit notes min max min max min max t roh ras hold time referenced to oe 5 ?5?5?ns t oea oe access time ? 10 ? 10 ? 10 ns t oed oe to data delay 5 ?5?8?ns t oez output buffer turnoff delay from oe ? 8?8?8ns 8 t oeh oe command hold time 8 ?8?8?ns std symbol parameter -30 -35 -50 unit notes min max min max min max t rass ras pulse width (cbr self refresh) 100k ? 100k ? 100k ? ns t rps ras precharge time (cbr self refresh) 85 ?85?85?ns t chs cas hold time (cbr self refresh) 30 ?30?30?ns
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 7 of 24 notes 1i cc1 , i cc3 , i cc4 , and i cc6 depend on cycle rate. 2i cc1 and i cc4 depend on output loading. specified values are obtained with the output open. 3 an initial pause of 200 s is required after power-up followed by any 8 ras cycles before proper device operation is achieved. in the case of an internal refresh counter, a minimum of 8 cas -before-ras initialization cycles instead of 8 ras cycles are required. 8 initialization cycles are required after extended periods of bias without clocks (greater than 8 ms). 4 ac characteristics assume t t = 5 ns. all ac parameters are measured with a load equivalent to two ttl loads and 60 pf, v il (min) gnd and v ih (max) v cc . 5v ih (min) and v il (max) are reference levels for measuring timing of input signals. transition times are measured between v ih and v il . 6 operation within the t rcd (max) limit insures that t rac (max) can be met. t rcd (max) is specified as a reference point only. if t rcd is greater than the specified t rcd (max) limit, then access time is controlled exclusively by t cac . 7 operation within the t rad (max) limit insures that t rac (max) can be met. t rad (max) is specified as a reference point only. if t rad is greater than the specified t rad (max) limit, then access time is controlled exclusively by t aa . 8 assumes three state test load (5 pf and a 380 ? thevenin equivalent). 9either t rch or t rrh must be satisfied for a read cycle. 10 t off (max) defines the time at which the output achieves the open circuit condition; it is not referenced to output voltage levels. 11 t wcs , t wch , t rw d , t cwd and t aw d are not restrictive operating parameters. they are included in the datasheet as electrical characteristics only. if t ws t ws (min) and t wh t wh (min), the cycle is an early write cycle and data out pins will remain open circuit, high impedance, throughout the cycle. if t rw d t rw d (min), t cwd t cwd (min) and t aw d t aw d (min), the cycle is a read-write cycle and the data out will contain data read from the selected cell. if neither of the above conditions is satisfied, the condition of the data out at access time is indeterminate. 12 these parameters are referenced to cas leading edge in early write cycles and to we leading edge in read-write cycles. 13 access time is determined by the longest of t caa or t cac or t cap . 14 t asc t cp to achieve t pc (min) and t cap (max) values. 15 these parameters are sampled and not 100% tested. key to switching waveform read cycle waveform undefined/don?t care falling input rising input t ras t rc t rp t rsh t rad t rch t off ras ucas , address we oe i/o col address row address t crp t csh t rcd t asc t cah t cas t ar t ral t rah t rcs t aa t clz t rrh data out t asr t rac t roh t oea t cac t oez lcas
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 8 of 24 upper byte read cycle waveform lower byte read cycle waveform t ras t rc t rp t crp t rcd t rsh t csh t crp t crp t asr t rah t rad t ral t cah t rcs t rrh t rch t clz t cac t oez t off row column data out ras ucas lcas address we oe upper i/o lower i/o t roh t asc t rac t oea t aa t cas t ras t rc t rp t crp t rcd t rsh t crp t crp t asr t rah t rad t ral t cah t rrh t rch t clz t cac t rac t oez t off row column data out ras lcas ucas address we oe upper i/o lower i/o t csh t asc t rcs t roh t oea t aa t cas
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 9 of 24 early write cycle waveform upper byte early write cycle waveform t ras t rc t rp t crp t rsh t rcd t csh t cas t rah t rad t asc t aw r t cah t wcs t cwl t rwl t wch t wp t ds t dh t dhr col address data in ras ucas , address we oe i/o row address t wcr t ral t asr lcas t ras t rc t rp t rah t rad t awr t crp t asc t cah t rsh t rcd t csh t crp t crp t rpc t rwl t wcs t wp t ds t dh t dhr row address column address data in ras address ucas lcas we oe upper i/o lower i/o t asr t ral t cas t cwl t wch t wcr
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 10 of 24 lower byte early write cycle waveform write cycle waveform (oe controlled) t rc t ras t rp t rad t awr t crp t rpc t crp t asc t cah t rsh t rcd t csh t crp t rwl t wp t wcs t wcr t wch t ds t dh t dhr row address column address data in ras address ucas lcas we oe upper i/o lower i/o t cwl t rah t cas t ral t asr row address t ras t rc t rp t crp t rsh t rcd t csh t cas t rah t ral t rad t cah t cwl t rwl t wcr t oeh t oed t ds t dh data in ras ucas , address we oe i/o col address t dhr t wp t asc t aw r t asr lcas
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 11 of 24 upper byte write cycle waveform (oe controlled) lower byte write cycle waveform (oe controlled) t ras t rc t rp t ral t rad t asc t cah t csh t crp t crp t rpc t rwl t wp t oeh t ds t dh t oed row address column address data in ras address ucas lcas we oe upper i/o lower i/o t crp t awr t rah t rcd t rsh t cwl t asr t cas t rc t ras t rp t rah t rad t acs t cah t rsh t csh t crp t crp t rpc t rwl t wp t oeh t ds t dh row address column address data in ras address lcas ucas we oe upper i/o lower i/o t crp t rcd t cas t cwl t awr t ral t asr
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 12 of 24 read-modify-write cycle waveform t ras t rwc t rp t crp t rsh t rcd t csh t cas t rad t ral t ar t cah t cwl t cwd t rwl t aw d t wp t oea t clz t cac t aa t ds t dh row address col address data in data out ras ucas , address we oe i/o t rah t rwd t rcs t rac t oez t oed t asc t asr lcas
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 13 of 24 upper byte read-modify-write cycle waveform t rwc t ras t rp t crp t rsh t rcd t csh t cas t crp t crp t rpc t ral t cah t rwl t awd t wp t cwd t oea t ds t clz t aa t rac t cac t oez t oed row column address data in data out data out ras ucas lcas address we oe upper input upper output lower input lower output t rwd t cwl t oed t rcs t rah t asr t acs t rad
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 14 of 24 lower byte read-modify-write cycle waveform t wp t rwc t ras t rp t crp t rpc t crp t rsh t rcd t csh t cas t crp t ral t rad t acs t cah t rcs t rwl t oea t oed t ds t clz t oez row column address data in data out ras ucas lcas address we oe upper input upper output lower input lower output t rah t awd t cwl t cwd t cac t rwd t asr t aa t rac data out
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 15 of 24 edo page mode read cycle waveform edo page mode byte read cycle waveform row t rasp t rp t crp t rcd t cas t csh t rsh t pc t asr t rad t rch t rcs t rrh t rch t oea t oea t aa t rac t cac t cap data out data out col address col address col address ras ucas , address we oe i/o t ar t rah t asc t ral t rcs t clz t cp lcas t cac t cah t rasp t rp t cas t csh t rsh t cas t crp t crp t cp t cas t cp t rpc t rah t rad t asc t cah t asc t rcs t oea t oez t off t cac t rac t off t oez t clz t aa t cac t cap t off t oez row column 1 column 2 column n data out 1 data out n data out 2 ras ucas lcas address we oe lower i/o upper i/o t clz t cap t aa t clz t cac t oea t rcs t rch t oea t cah t ral t pc t pc t cah t asc t rcd t rch t rcs t asr t crp t aa
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 16 of 24 edo page mode early write cycle waveform edo page mode byte early write cycle waveform t rah t rasp t rwl t asc t wcs t cp t ral t wch t cwl t wp t ds t dh t cas row address col address col address col address data in data in data in ras ucas , address we oe i/o t pc t cah t csh t rcd t oeh t hdr t ar t rad t asr t crp lcas t rsh t rasp t rp t cas t csh t rsh t cas t crp t crp t cp t cp t rpc t rad t asc t ral t wcs t cwl t wcs t wcs t cwl t rwl t ds t dh t ds t dh t ds t dh row column 1 column 2 column n data in 1 data in n data in 2 ras ucas lcas address we oe lower i/o upper i/o t pc t rah t wch t wp t wp t cwl t wp t wch t cah t rcd t pc t cah t cah t asr t crp t asc t asc t cas t wch
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 17 of 24 edo page mode read-modify-write cycle waveform cas -before-ras refresh cycle waveform (we = v ih ) ras only refresh cycle waveform (we = oe = v ih or v il ) t rasp t rp t rcd t csh t cas t cp t crp t asr t cah t cah t ral t cah t cwd t aw d t cwd t cwl t cwd t aw d t rwl t wp t oez t oea t rac t ds t clz t cac t cap row ad col ad col address col ad data out data in data in data out data out data in ras ucas , address we oe i/o t rad t rah t rwd t rcs t cwl t oea t aa t dh t ds t clz t cac t clz t cac t oed t pcm lcas t rp t rc t ras t rpc t cpn t csr t chr t off ras ucas , i/o lcas t ras t rp t rc t crp t rpc t ars t rah row address ras ucas , address lcas
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 18 of 24 edo page mode byte read-modify-write cycle t rasp t rp t rcd t cas t csh t crp t cp t cp t cah t asc t cah t asc t ral t cwd t cwl t cwl t cwd t wp t rwl t oea t dh t oez t dh t clz t cac t aa t oez data out 1 data in n data out n data out 2 data in 2 rc 1 c 2 c n ras ucas lcas address we oe upper input upper output lower input lower output t pcm t cas t rsh t cas t awd t asc t wp t cwl t wp t oea t oea t oed t ds t cap t ds t oed t oez t clz t ds t aa t cac t clz t crp t rad t rah t asr t rcs t rwd t rac data in 1 t cac t cah t awd t awd t cwd t dh t aa t oed
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 19 of 24 hidden refresh cycle (read) waveform hidden refresh cycle (write) waveform t ras t rc t pr t ras t rc t pr t crp t rcd t rsh t crp t chr t asr t rad t asc t rrh t oea t clz t cac t oez t off col address row data out ras cas address we oe i/o t ar t rah t rac t aa t rcs t ras t rc t rp t crp t rcd t rsh t asr t rah t rad t ar t cah t wcs t wch t ds t dh data in col address row address ras ucas , address we i/o oe t asc t rwl t wcr t wp t dhr t ral lcas
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 20 of 24 cas -before-ras refresh counter test cycle waveform t ras t rsh t rp t csr t chr t cpt t cas t cah t clz t cac t rch t rrh t roh t rwl t cwl t wcs t wp t wch t ds t dh t rcs t oea t ds t dh col address data out data in data out data in ras ucas , address i/o we oe we i/o oe we oe i/o t oed t aa t clz t cac t oez t wp t cwl t rcs t aa t off t aw d t cwd t ral read cycle write cycle read-write cycle lcas t oea
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 21 of 24 cas -before-ras self refresh cycle typical dc and ac characteristics t rp t rass t rpc t cp t chs t cez ras ucas , dq lcas t rps t csr t rpc supply voltage (v) 4.0 5.5 6.0 5.0 4.5 0.8 0.9 1.1 1.2 1.0 1.3 1.4 1.5 normalized access time normalized access time t rac ambient temperature (c) ?55 80 125 35 ?10 0.8 0.9 1.1 1.2 1.0 1.3 1.4 1.5 normalized access time normalized access time t rac load capacitance (pf) 50 200 250 150 100 30 40 60 70 50 80 90 100 typical access time typical access time t rac vs. ambient temperature t a vs. load capacitance c l vs. supply voltage v cc t a = 25c supply voltage (v) 4.0 5.5 6.0 5.0 4.5 0.0 10 30 40 20 50 60 70 supply current (ma) typical supply current i cc ambient temperature (c) ?55 80 125 35 ?10 0.0 10 30 40 20 50 60 70 supply current (ma) typical supply current i cc cycle rate (mhz) 28 10 6 4 0.0 5 15 20 10 25 30 35 power-on current (ma) typical power-on current i po vs. ambient temperature t a vs. cycle rate 1/t rc vs. supply voltage v cc
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 22 of 24 supply voltage (v) 4.0 5.5 6.0 5.0 4.5 0 5 15 20 10 25 30 35 refresh current (ma) typical refresh current i cc3 ambient temperature (c) 0.0 60 80 40 20 refresh current (ma) typical refresh current i cc3 supply voltage (v) 4.0 5.5 6.0 5.0 4.5 0 0.5 1.5 2.0 1.0 2.5 3.0 3.5 stand-by current (ma) typical ttl stand-by current i cc2 vs. ambient temperature ta vs. supply voltage v cc vs. supply voltage v cc 0 5 15 20 10 25 30 35 ambient temperature (c) 060 80 40 20 0.0 0.5 1.5 2.0 1.0 2.5 3.0 3.5 stand-by current (ma) typical ttl stand-by current i cc2 output voltage (v) 0.0 1.5 2.0 1.0 0.5 0.0 10 30 40 20 50 60 70 output sink current (ma) typical output sink current i ol output voltage (v) 0.0 3.0 4.0 2.0 1.0 0.0 10 30 40 20 50 60 70 output source current (ma) typical output source current i oh vs. output voltage v ol vs. output voltage v oh vs. ambient temperature t a edo page mode current (ma) ambient temperature (c) 060 80 40 20 0.0 5 15 20 10 25 30 35 edo page mode current (ma) typical edo page mode current i cc4 supply voltage (v) 4.0 5.5 6.0 5.0 4.5 0.0 5 15 20 10 25 30 35 typical edo page mode current i cc4 vs. supply voltage v cc vs. ambient temperature t a
? as4c256k16e0 4/11/01; v.1.1 alliance semiconductor 23 of 24 package dimensions capacitance ? = 1 mhz, t a = room temperature, v cc = 5v 0.5v ordering codes shaded areas contain advance information. part numbering system parameter symbol signals test conditions max unit input capacitance c in1 a0 to a8 v in = 0v 5 pf c in2 ras , ucas , lcas , we , oe v in = 0v 7 pf i/o capacitance c i/o i/o0 to i/o15 v in = v out = 0v 7 pf package \ access time 30 ns 35 ns 50 ns plastic soj, 400 mil, 40-pin AS4C256K16E0-30JC as4c256k16e0-35jc as4c256k16e0-50jc tsop ii, 400 mil, 40/44-pin as4c256k16e0-50tc as4c 256k16e0 ?xx x c dram prefix device number ras access time package: j = soj t = tsop ii commercial temperature range, 0c to 70 c 44-pin tsop ii min (mm) max (mm) a1.2 a 1 0.05 a 2 0.95 1.05 b0.300.45 c 0.127 (typical) d 18.28 18.54 e 10.03 10.29 h e 11.56 11.96 e 0.80 (typical) l0.400.60 d h e 12345678910 1314 44 43 42 41 40 39 38 37 36 35 32 31 15 16 30 29 17 18 19 20 28 27 26 25 c l a 1 a 2 e 44-pin tsop ii 0?5 21 24 22 23 e a b 40-pin soj 400 mil min max a 0.128 0.148 a1 0.025 - a2 1.105 1.115 b 0.026 0.032 b 0.015 0.020 c 0.007 0.013 d 1.020 1.035 e 0.370 (typical) e1 0.390 0.410 e2 0.435 0.445 e 0.050 (typical) e d e1 pin 1 b b a1 a2 c e seating plane e2 a 40-pin soj
? as4c256k16e0 ? copyright alliance semiconductor corporation. all rights reserved. our three-point logo, our name and intelliwatt are tradema rks or registered trademarks of alliance. all other brand and product names may be the trademarks of their respective companies. alliance reserves the right to make changes to this document and its products at any time without n otice. alliance assumes no responsibility for any errors that may appear in this document. the data contained herein represents alliance's best data and/or estimates at the time of issuance. alliance reserves the right to chang e or correct this data at any time, without notice. if the product described herein is under development, significant changes to these specifications are possible. the information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. alliance does not assume any responsibility or liability arising out of the app lication or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of alliance products including liability or warranties related to fitness for a particular purpose, merchan tability, or infringement of any intellectual property rights, except as express agreed to in alliance's terms and conditions of sale (which are available from alliance). all sales of alliance products are made exclusively according to al liance's terms and conditions of sale. the purchase of products from alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of alliance or th ird parties. alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusio n of alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify alliance against all claims arising from such use. 4/11/01; v.1.1 alliance semiconductor 24 of 24


▲Up To Search▲   

 
Price & Availability of AS4C256K16E0-30JC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X