Part Number Hot Search : 
SE97TK GZ223 TS240S AD8691 MJTP1194 BL8548 AME8841 RCWE2010
Product Description
Full Text Search
 

To Download 50N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 - 4 ? 2000 ixys all rights reserved symbol test conditions maximum ratings ixfk ixfn v dss t j = 25  c to 150  c 100 100 v v dgr t j = 25  c to 150  c; r gs = 1 m  100 100 v v gs continuous  20  20 v v gsm transient  30  30 v i d25 t c = 25  c 100  150 a i d120 t c = 120  c, limited by external leads 76 - a i dm t c = 25  c, pulse width limited by t jm 560 560 a i ar t c = 25  c7575a e ar t c = 25  c3030mj dv/dt i s  i dm , di/dt  100 a/  s, v dd  v dss , 5 5 v/ns t j  150  c, r g = 2  p d t c = 25  c 500 520 w t j -55 ... +150  c t jm 150  c t stg -55 ... +150  c t l 1.6 mm (0.063 in) from case for 10 s 300 -  c v isol 50/60 hz, rms t = 1 min - 2500 v~ i isol  1 ma t = 1 s - 3000 v~ m d mounting torque 0.9/6 1.5/13 nm/lb.in. terminal connection torque - 1.5/13 nm/lb.in. weight 10 30 g hiperfet tm power mosfets n-channel enhancement mode avalanche rated, high dv/dt, low t rr features  international standard packages  jedec to-264 aa, epoxy meet ul 94 v-0, flammability classification  minibloc with aluminium nitride isolation  low r ds (on) hdmos tm process  rugged polysilicon gate cell structure  unclamped inductive switching (uis) rated  low package inductance  fast intrinsic rectifier applications  dc-dc converters  synchronous rectification  battery chargers  switched-mode and resonant-mode power supplies  dc choppers  temperature and lighting controls  low voltage relays advantages  easy to mount  space savings  high power density to-264 aa (ixfk) s g d d s g s g = gate d = drain s = source tab = drain either source terminal at minibloc can be used as main or kelvin source s g s d symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 1 ma 100 v v gh(th) v ds = v gs , i d = 8 ma 2 4 v i gss v gs =  20 v dc , v ds = 0  200 na i dss v ds = 0.8 ? v dss t j = 25  c 400  a v gs = 0 v t j = 125  c2ma r ds(on) v gs = 10 v, i d = 75 a 12 m  pulse test, t  300  s, duty cycle d  2 % 92803g(8/96) minibloc, sot-227 b (ixfn) e153432 (tab) v dss i d25 r ds(on) ixfk100n10 100 v 100 a 12 m  ixfn150N10 100 v 150 a 12 m   t rr  200 ns ixys reserves the right to change limits, test conditions, and dimensions.
2 - 4 ? 2000 ixys all rights reserved symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 50 a, pulse test 80 s c iss 9000 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 3200 pf c rss 1800 pf t d(on) 30 ns t r v gs = 10 v, v ds = 0.5  v dss , i d = 75 a 60 ns t d(off) r g = 1  (external), 100 ns t f 60 ns q g(on) 360 nc q gs v gs = 10 v, v ds = 0.5  v dss , i d = 75 a 75 nc q gd 180 nc r thjc to-264 aa 0.25 k/w r thck to-264 aa 0.15 k/w r thjc minibloc, sot-227 b 0.24 k/w r thck minibloc, sot-227 b 0.05 k/w source-drain diode characteristic values (t j = 25  c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v ixfk 100 100 a ixfn 150 150 a i sm repetitive; ixfk 100 400 a pulse width limited by t jm ixfn 150 600 a v sd i f = 100 a, v gs = 0 v, 1.75 v pulse test, t  300  s, duty cycle d  2 % t rr 150 200 ns q rm 0.6  c i rm 8a i f = 25 a -di/dt = 100 a/  s, v r = 50 v millimeter inches min. max. min. max. a 4.82 5.13 .190 .202 a1 2.54 2.89 .100 .114 a2 2.00 2.10 .079 .083 b 1.12 1.42 .044 .056 b1 2.39 2.69 .094 .106 b2 2.90 3.09 .114 .122 c 0.53 0.83 .021 .033 d 25.91 26.16 1.020 1.030 e 19.81 19.96 .780 .786 e 5.46 bsc .215 bsc j 0.00 0.25 .000 .010 k 0.00 0.25 .000 .010 l 20.32 20.83 .800 .820 l1 2.29 2.59 .090 .102 p 3.17 3.66 .125 .144 q 6.07 6.27 .239 .247 q1 8.38 8.69 .330 .342 r 3.81 4.32 .150 .170 r1 1.78 2.29 .070 .090 s 6.04 6.30 .238 .248 t 1.57 1.83 .062 .072 dim. to-264 aa outline m4 screws (4x) supplied dim. millimeter inches min. max. min. max. a 31.50 31.88 1.240 1.255 b 7.80 8.20 0.307 0.323 c 4.09 4.29 0.161 0.169 d 4.09 4.29 0.161 0.169 e 4.09 4.29 0.161 0.169 f 14.91 15.11 0.587 0.595 g 30.12 30.30 1.186 1.193 h 38.00 38.23 1.496 1.505 j 11.68 12.22 0.460 0.481 k 8.92 9.60 0.351 0.378 l 0.76 0.84 0.030 0.033 m 12.60 12.85 0.496 0.506 n 25.15 25.42 0.990 1.001 o 1.98 2.13 0.078 0.084 p 4.95 5.97 0.195 0.235 q 26.54 26.90 1.045 1.059 r 3.94 4.42 0.155 0.174 s 4.72 4.85 0.186 0.191 t 24.59 25.07 0.968 0.987 u -0.05 0.1 -0.002 0.004 minibloc, sot-227 b ixfk 100n10 ixfn 150N10 ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
3 - 4 ? 2000 ixys all rights reserved ixfk 100n10 ixfn 150N10 fig. 1 output characteristics fig. 2 input admittance fig. 5 drain current vs. fig. 6 temperature dependence of case temperature breakdown and threshold voltage fig. 3 r ds(on) vs. drain current fig. 4 temperature dependence of drain to source resistance t j - degrees c -50 -25 0 25 50 75 100 125 150 bv/v g(th) - normalized 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 t c - degrees c -50 -25 0 25 50 75 100 125 150 i d - amperes 0 25 50 75 100 125 150 175 t j - degrees c -50 -25 0 25 50 75 100 125 150 r ds(on) - normalized 0.50 0.75 1.00 1.25 1.50 1.75 2.00 i d - amperes 0 40 80 120 160 200 240 280 320 r ds(on) - normalized 0.8 0.9 1.0 1.1 1.2 1.3 1.4 v gs - volts 012345678910 i d - amperes 0 50 100 150 200 250 300 t j = 125 c v ds - volts 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 i d - amperes 0 50 100 150 200 250 300 350 400 5v v gs = 10v v gs = 15v i d = 75a bv dss v gs(th) 6v 8v 9v v gs = 10v 7v t j = 25 c t j = 125 c t j = 25 c 150N10 100n10
4 - 4 ? 2000 ixys all rights reserved ixfk 100n10 ixfn 150N10 fig.7 gate charge characteristic curve fig.8 capacitance curves fig.9 source current vs. source to drain voltage fig.10 transient thermal impedance time - seconds 0.001 0.01 0.1 1 thermal response - k/w 0.01 0.1 v ds - volts 0 5 10 15 20 25 capacitance - pf 0 2000 4000 6000 8000 10000 12000 c oss c iss gate charge - ncoulombs 0 50 100 150 200 250 300 350 400 v gs - volts 0 2 4 6 8 10 12 v ds = 50v i d = 75a i g = 1ma c rss f = 1mhz v ds = 25v v sd - volt 0.00 0.25 0.50 0.75 1.00 1.25 1.50 i s - amperes 0 25 50 75 100 125 150 t j = 25 c t j = 125 c 0.5


▲Up To Search▲   

 
Price & Availability of 50N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X