Part Number Hot Search : 
EM311518 M52758SP EMK21 AX101311 0APBF 5C6V2 2SC46 10600
Product Description
Full Text Search
 

To Download 2SD476 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD476 2SD476a description with to-220c package complement to type 2sb566/566a applications for low frequency power amplifier power switching applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(tc=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 70 v 2SD476 50 v ceo collector-emitter voltage 2SD476a open base 60 v v ebo emitter-base voltage open collector 5 v i c collector current 4 a i cm collector current-peak 8 a p c collector power dissipation t c =25 40 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2SD476 2SD476a characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)cbo collector-base breakdown voltage i c =10a ; i e =0 70 v 2SD476 50 v (br)ceo collector-emitter breakdown voltage 2SD476a i c =50ma; r be = = 60 v v (br)ebo emitter-base breakdown votage i e =10a; i c =0 5 v v cesat collector-emitter saturation voltage i c =2 a;i b =0.2 a 1.0 v v besat base-emitter saturation voltage i c =2 a;i b =0.2 a 1.2 v i cbo collector cut-off current v cb =50v; i e =0 1 a h fe-1 dc current gain i c =0.1a ; v ce =4v 35 h fe-2 dc current gain i c =1a ; v ce =4v 60 200 f t transition frequency i c =0.5a ; v ce =4v 7 mhz switching times t on turn-on time 0.3 s t off turn-off time 3.0 s t stg storage time i c =0.5a ; v cc =10.5v i b1 =-i b2 =0.05 a 2.5 s  h fe-2 classifications b c 60-120 100-200
savantic semiconductor product specification 3 silicon npn power transistors 2SD476 2SD476a package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SD476 2SD476a


▲Up To Search▲   

 
Price & Availability of 2SD476

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X