Part Number Hot Search : 
SB160 300R1 BSS841 EUM6261 1608S PCA4989 10100CT 10100CT
Product Description
Full Text Search
 

To Download 2N7002DW-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30120 rev. 6 - 2 1 of 3 2n7002dw www.diodes.com  diodes incorporated 2n7002dw dual n-channel enhancement mode field effect transistor features  dual n-channel mosfet  low on-resistance  low gate threshold voltage  low input capacitance  fast switching speed  low input/output leakage  ultra-small surface mount package  available in lead free/rohs compliant version (note 2) maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol 2n7002dw units drain-source voltage v dss 60 v drain-gate voltage r gs  1.0m  v dgr 60 v gate-source voltage (note 1) continuous pulsed v gss 20 40 v drain current (note 1) continuous continuous @ 100c pulsed i d 115 73 800 ma total power dissipation derating above t a = 25c (note 1) p d 200 1.60 mw mw/c thermal resistance, junction to ambient r  ja 625 c/w operating and storage temperature range t j ,t stg -55 to +150 c a m j l d b c h k g f d 2 g 1 s 1 s 2 g 2 d 1 mechanical data sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0 8 all dimensions in mm notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. s 1 d 1 d 2 s 2 g 1 g 2  case: sot-363  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 5, on page 2  terminal connections: see diagram  marking (see page 2): k72  ordering & date code information: see page 2  weight: 0.006 grams (approx.)
ds30120 rev. 6 - 2 2 of 3 2n7002dw www.diodes.com electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 3) drain-source breakdown voltage bv dss 60 70  v v gs = 0v, i d = 10 a zero gate voltage drain current @ t c = 25c @ t c = 125c i dss  1.0 500 a v ds = 60v, v gs = 0v gate-body leakage i gss  10 na v gs = 20v, v ds = 0v on characteristics (note 3) gate threshold voltage v gs(th) 1.0  2.0 v v ds = v gs , i d = 250 a static drain-source on-resistance @ t j = 25c @t j = 125c r ds (on)  3.2 4.4 7.5 13.5  v gs = 5.0v, i d = 0.05a v gs = 10v, i d = 0.5a on-state drain current i d(on) 0.5 1.0  a v gs = 10v, v ds = 7.5v forward transconductance g fs 80  ms v ds =10v, i d = 0.2a dynamic characteristics input capacitance c iss  22 50 pf v ds = 25v, v gs = 0v f = 1.0mhz output capacitance c oss  11 25 pf reverse transfer capacitance c rss  2.0 5.0 pf switching characteristics turn-on delay time t d(on)  7.0 20 ns v dd = 30v, i d = 0.2a, r l = 150  ,v gen = 10v, r gen = 25  turn-off delay time t d(off)  11 20 ns ordering information (note 4) device packaging shipping 2N7002DW-7 sot-363 3000/tape & reel notes: 3. short duration test pulse used to minimize self-heating effect. 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. exampl e: 2N7002DW-7-f. marking information k72 k72 ym ym k72= product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code jklmnpr st u vw month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd
ds30120 rev. 6 - 2 3 of 3 2n7002dw www.diodes.com 0 0.2 0.4 0.6 0.8 1 . 0 01 2 3 4 5 v = 10v gs 9.0v 8.0v 7.0v 6.5v 6.0v 5.0v 4.5v 4.0v 3.5v 3.0v 2.5v 2.0/1.0v 5.5v 5.0v v , drain-source voltage (v) ds fi g . 1 on-re g ion characteristics i , drain-source current (a) d 0 1 2 3 4 5 00.2 r,n o rmalized ds(on) drain-source on-resistance i , drain current (a) d fig. 2 on-resistance vs drain current v=5.0v gs t=25 c j v = 10v gs 6 7 0.4 0.6 0.8 1.0 0 0.5 1.0 1.5 2.0 -55 -30 -5 20 45 70 95 120 145 r,n o rmalized ds(on) drain-source on-resistance t , junction temperature ( c) j fig. 3 on-resistance vs junction temperature v gs = 10v, i = d 0.5a v = 5.0v, i = 0.05a gs d 0 v , gate to source voltage (v) gs fig. 4 on-resistance vs. gate-source voltage i = 50ma d 1 2 3 4 5 6 0 2 4 6 8 1012141618 r,n o rmalized ds(on) drain-source on-resistance i = 500ma d


▲Up To Search▲   

 
Price & Availability of 2N7002DW-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X