Part Number Hot Search : 
90SQ040 PTZ24B IAS012YG AK5534 MJE2102 W1910 21210 12N50
Product Description
Full Text Search
 

To Download 0457140001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0457140001 status: active overview: edge_card_connectors description: 12.90mm (.508") pitch extreme poweredge?, connector, 2 segments (4 total contacts), press-fit, mates to a 1.57mm (.062") thick card edge or bus bar tab documents: 3d model product specification ps-45719-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72090228 general product family edge card connectors series 45714 component type edgecard to pcb molexkits yes overview edge_card_connectors product name bus bar socket, extreme poweredge? physical circuits (loaded) 4 circuits (maximum) 4 circuits detail all power color - resin black durability (mating cycles max) 200 entry angle vertical (top entry) flammability 94v-0 keying to mating part n/a material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pc tail length (in) 0.177 in pc tail length (mm) 4.50 mm pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.40 mm packaging type tray pitch - mating interface (in) 0.508 in pitch - mating interface (mm) 12.90 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 150 plating min: termination (m) 3.75 temperature range - operating -40c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 40a voltage - maximum 250v material info reference - drawing numbers packaging specification pk-45714-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 45714 series mates with 1.58mm (.062") double sided card edge or bus bar tab
product specification ps-45719-001 sales drawing sd-45714-001 this document was generated on 06/04/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0457140001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X