Part Number Hot Search : 
EMK11 A3001 EMK11 UR6515A EMK11 0SERI 4HC164 LS244
Product Description
Full Text Search
 

To Download SDR1806-5R6M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr1806 series - smd power inductors features available in e6 series low profile of only 6.6 mm inductance as low as 1 h lead free version available (see how to order) lead free versions are rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communications equipment ? camcorders ? lcd tvs ? car radios electrical specifications product dimensions electrical schematic 14.0 0.3 (.551 .012) 18.3 0.3 (.720 .012) 6.6 0.3 (.260 .012) 13.0 0.3 (.512 .012) 2.5 0.2 (.098 .008) 2.6 0.2 (.102 .008) 101 general specifications test voltage.....................................0.1 v reflow soldering.....230 ?; 10 sec max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................230 ? for 10 sec. materials core.........................................ferrite dr wire .............................enameled copper base ......................................lcp e4008 terminal electrode......see how to order rated current ....................ind. drop 10 % typ. at isat temperature rise ..................40 ? max. at rated irms packaging.....................250 pcs. per reel ? = start of winding recommended layout 3.0 (.118) 2.9 (.114) 12.7 (.500) ref. ref. ref. dimensions: mm (inches) inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % ref. frequency typ. (m ? ) max. typ. (mhz) (mhz) (a) (a) sdr1806-1r0m_ 1 20 21 7.96 100.0 4.0 10.0 30.00 sdr1806-2r2m_ 2.2 20 22 7.96 55.0 6.8 9.00 22.00 sdr1806-3r3m_ 3.3 20 22 7.96 40.0 9.8 7.60 17.00 SDR1806-5R6M_ 5.6 20 23 7.96 30.0 15.0 6.40 12.80 sdr1806-100m_ 10.0 20 22 2.52 25.0 25.0 5.30 10.00 sdr1806-150m_ 15.0 20 20 2.52 17.0 35.0 4.30 8.00 sdr1806-220m_ 22.0 20 22 2.52 13.0 45.0 3.60 6.70 sdr1806-330m_ 33.0 20 24 2.52 11.0 68.0 3.00 5.40 sdr1806-470m_ 47.0 20 22 2.52 9.0 95.0 2.50 4.60 sdr1806-680m_ 68.0 20 22 2.52 8.0 130.0 2.10 3.80 sdr1806-101k_ 100.0 10 25 0.796 7.0 190.0 1.70 3.20 sdr1806-151k_ 150.0 10 23 0.796 5.0 270.0 1.40 2.60 sdr1806-221k_ 220.0 10 20 0.796 4.5 420.0 1.10 2.20 sdr1806-331k_ 330.0 10 18 0.796 3.5 580.0 1.00 1.80 sdr1806-471k_ 470.0 10 15 0.796 3.0 820.0 0.80 1.50 sdr1806-681k_ 680.0 10 12 0.796 2.5 1200.0 0.70 1.20 sdr1806-102k_ 1000.0 10 10 0.252 2.0 1800.0 0.50 1.00 lead free versions are rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. how to order sdr1806 - 100m __ model value/tolerance: from table termination l = cu/ni/sn blank = cu/ni/snpb
34 (1.339) 38.4 (1.512) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (12.99) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. 32.0 (1.260) packaging specifications user direction of feed 160 (6.299) no component no component components 390 (15.354) start 4.0 (.157) 20.0 (.787) 32.0 (1.260) end 101 101 101 101 qty: 250 pcs. per reel sdr1806 series - smd power inductor dimensions: mm (inches) specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 02/05 soldering profile 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (seconds) temperature (c) <1> max. of 30 seconds > 200 c <2> max. of 10 seconds at 230 c 230 c <2> <1> 120 - 150 seconds ramp-up 4 /second maximum ramp-down 5 c/second maximum


▲Up To Search▲   

 
Price & Availability of SDR1806-5R6M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X