Part Number Hot Search : 
B3234 IRF951 MA4L031 1458046 ANTXV1N R4632 FX641 100LVE
Product Description
Full Text Search
 

To Download SC443 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power management january 21, 2009 1 high efciency integrated boost driver for 3-strings of 30ma leds SC443 www.semtech.com typical application circuit features wide input voltage range from 4.5v to 27v 42v maximum operating output voltage programmable led current for up to 30ma per string +/- 1% typical string-to-string current matching greater than 90% efficiency wide 0.4% to 100% pwm dimming range integrated 1a power switch programmable switching frequency for small size low current sense voltage for high efficiency adjustable ovp for cost- ef fec tive output cap selection led open circuit protection thermal protection with auto-recovery 3mm 3mm 0.6mm mlp-ut-16 lead-free package (weee and rohs compliant) applications small to medium size lcd panel notebook display white led power supplies sub-notebook and tablet computer displays portable media players lcd monitors digital video cameras ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? description the SC443 is a high-efficiency multiple string wled driver with an integrated boost converter. it operates over a wide input range from 4.5v to 27v with a maximum output voltage of 42v and a 1a internal power switch. it can drive 3 strings with current up to 30ma per string. the string-to-string current matching is within, typically, 1% and the overall efficiency is greater than 90% due to the low current sense voltage and a low-impedance internal power switch. the wide pwm dimming range boasts a ratio of 250: 1. the programmable switching frequency enables the user to optimize the external component sizes for high efficiency. when there are fewer leds in each string, users can use a lower output voltage protection level which yields an allowable reduction in associated costs, size and voltage ratings of the output capacitor. the SC443 also features an open circuit led protection function. it disables the corresponding strings with led open while keeping other strings under normal operation. this feature allows lcd panels to remain viewable even under led failure and wire disconnectons. the internal thermal shutdown protects the ic from overheating at abnormal conditions. the SC443 is available in a 3mm 3mm 0.6mm mlp-ut 16 lead-free package. sc 443 3 enable dimming vout ss pgnd fset ioset io 1 3 ovpin iognd pwm agnd v in en - comp ovpin vin sw agnd


▲Up To Search▲   

 
Price & Availability of SC443

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X