Part Number Hot Search : 
28000 C5107M FH427NF0 SR4060P 70NM60 OA1180 TC7106CK MS3022
Product Description
Full Text Search
 

To Download OX-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 1 of 5 OX-200 oven controlled crystal oscillator re ow process compatible ? at-cut and sc_cut crystal options ? low pro le compact package ? base stations ? test equipment ? synthesizers ? military communication equipment ? digital switching ? features applications OX-200 frequency stabilities 1 (at-cut crystal-standard - ) parameter min typical max units condition vs. operating temperature range (referenced to +25c) -50 -100 -150 -200 +50 +100 +150 +200 ppb ppb ppb ppb 0 to +70c -20 to +70c -20 to +70c -40 to +85c options 5 initial tolerance vs. supply voltage change vs. load change vs. aging / day vs. aging / year vs. aging / year (followig year) -0.3 -10 -10 -2 -500 -250 +0.3 +10 +10 +2 +500 +250 ppm ppb ppb ppb ppb ppb at time of shipment, nominal efc v s 5% static load 5% static after 30 days of operation after 30 days of operation after 30 days of operation warm-up time 5 minutes to 100ppb of nal frequency (1 hour reading) @ +25c frequency stabilities 1 (sc-cut crystal-option - 10 to 160 mhz) vs. operating temperature range (referenced to +25c) -10 -20 -25 -30 +10 +20 +25 +30 ppb ppb ppb ppb 0 to +70c -20 to +70c -20 to +70c -40 to +85c initial tolerance vs. supply voltage change vs. load change vs. aging / day vs. aging / year vs. aging / year (following year) -0.2 -5 -5 -1 -100 -50 +0.2 +5 +5 +1 +100 +50 ppm ppb ppb ppb ppb at time of shipment, nominal efc v s 5% static load 5% static after 30 days of operation after 30 days of operation after 30 days of operation warm-up time 5 minutes to 100ppb of nal frequency (1 hour reading) @ +25c performance speci cations www.datasheet.net/ datasheet pdf - http://www..co.kr/
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 2 of 5 performance speci cations supply voltage (vs) parameter min typical max units condition supply voltage (standard) 3.135 3.3 3.465 vdc 4.75 5.0 5.25 vdc 11.4 12.0 12.6 vdc power consumption 3.0 watts during warm-up 1.0 watts steady state @ +25c rf output signal [standard] hcmos load 15 pf signal level (vol) 0.4 vdc with vs=3.3v and 15pf load signal level (vol) 0.5 with vs=5.0v & 12v and 15pf load signal level (voh) 2.4 vdc with vs=3.3v and 15pf load signal level (voh) 3.5 with vs=5.0v & 12v and 15pf load duty cycle 45 55 % @ (voh-vol)/2 signal sine wave load 50 output power @3,3v 2 5 8 dbm 50 load putput power @ 5.0v 5 8 11 dbm 50 load harmonics -30 dbm 50 load frequency tuning (efc) tuning range fixed ocxo; no adjust option 5 tuning range 3.0 8 ppm with at cut crystal 0.75 2.0 ppm with sc cut crystal linearity 10% tuning slope positive control voltage range 0.0 1.4 2.8 vdc with vs=3.3v 0.0 2.0 4.0 with vs=5.0v 0.0 2.0 4.0 vdc with vs=12.0v reference voltage output (vref ) reference voltage 2.75 2.8 2.85 vdc with vs = 3.3 vdc 3.92 4.0 4.08 vdc with vs = 5.0 vdc 4.9 5.0 5.1 vdc with vs =12 vdc additional parameters phase noise 3 -90 -120 -140 -145 -150 dbc/hz dbc/hz dbc/hz dbc/hz dbc/hz 1 hz 10 hz 100 hz 1 khz 10 khz @ 10mhz with sc cut phase noise 3 -75 -100 -130 -140 -150 dbc/hz dbc/hz dbc/hz dbc/hz dbc/hz 1 hz 10 hz 100 hz 1 khz 10 khz @ 10mhz with at cut weight 14 g processing & packing handling & processing note www.datasheet.net/ datasheet pdf - http://www..co.kr/
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 3 of 5 OX-200 height h pin length l 10.4 6.2 min. 12.7 6.2 min 13,4 6.2 min pin connections 1 rf output 2 ground (case) 3 electronic frequency control input (efc) 4 reference voltage option 5 supply voltage input (vs) dimensions in mm outline drawing / enclosure absolute maximum ratings supply voltage (vs) 6.5 v with vs=3.3 & 5.0 vdc 15.0 v with vs= 12 vdc output load 50 pf operable temperature range -55 +85 c storage temperature range -55 +125 c www.datasheet.net/ datasheet pdf - http://www..co.kr/
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 4 of 5 standard shipping method (ox-301) enclosure type tape width w (mm) quantity per meter quantity per reel dimension p typ ox-401 44 37.5 280 32 recommended re ow pro le pro le feature pb-free assembly/ sn-pb assembly pro le feature pb-free assembly/ sn-pb assembly average ramp-up rate (t l to t p ) 3c/second max. time 25c to peak temperature 8 minutes max. preheat -temperature min t smin -temperature min t smax -time (min to max) t s 150c 200c 60-180 seconds time maintained above -temperature (t l ) -time (t l ) 217c 60-150 seconds tsmax to tl -ramp-up rate 3c/second max time maintained above -temperature (t l ) -time (t l ) 217c 60-150 seconds time within 5c of actual peak temperature (t p ) 20-40 seconds peak temperature (t p ) max 260c ramp-down rate 6c/ second max note : all temperatures refer to topside of the package, measured on the package body surface. *bei w 24 mm nur untere lochreihe ? by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite tape buttom side abwickelrichtung unwinding direction lage im gurt position in tape pin 1 a x p b k www.datasheet.net/ datasheet pdf - http://www..co.kr/
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 5 of 5 ordering information ox - 200 0 - d a e - 258 0 - 10m0000000 product family ox: ocxo package tht version: 200 height 0: 10.4 mm 1: 12.7 mm 2: 13.4 mm supply voltage b: 12v d: 5v e: 3.3v stability code 108: 10ppb 208: 20ppb 258: 25ppb 508: 50ppb 107: 100ppb frequency frequency control 0: no tuning 1: 1.0 to 2.5ppm 2: 3.0 to 8.0ppm disclaimer vectron international reserves the right to make changes to the product(s) and or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. rev:30.mar 2010 for additional information, please contact usa: vectron international 267 lowell road hudson, nh 03051 tel: 1.888.328.7661 fax: 1.888.329.8328 europe: vectron international landstrasse, d-74924 neckarbischofsheim, germany tel: +49 (0) 7268.801.100 fax: +49 (0) 7268.801.282 asia: vectron international 1f-2f, no 8 workshop, no 308 fenju road waigaoqiao free trade zone pudong, shanghai, china 200131 tel: 86.21.5048.0777 fax: 86.21.5048.1881 rf output code a: hcmos e: sinewave temperature range e: -40c to +85c j: -20c to +70c notes: contact factory for improved stabilities or additional product options. not all options and codes are available at all 1. frequencies. unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency 2. control voltage, load, temperature (25c). phase noise degrades with increasing output frequency. 3. subject to technical modi cation. 4. contact factory for availability. 5. www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of OX-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X