Part Number Hot Search : 
2SB980 EL8302IU 68600 FAN8741G FAN8741G SMC13 MA300 95YMX6T
Product Description
Full Text Search
 

To Download NKH200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductor rohs rohs major ratings and characteristics symbol characteristics i t av ( ) 85 c i t rms ( ) a i tsm 50 hz 60 hz i t 2 50 hz ka 2 s 60 hz i 2 t range t j range 85 c units values a ka s 2 c v 200 314 7200 7560 259 236 2592 400 to 1600 -40 to 125 n high power products ell page 1 of 4 thyristor diode and thyristor thyristor, 200a / / ( - - ) new int a pak power modules features ? high voltage ? ( electrically isolated by dbc ceramic ai 2 3 o ) ? 3500 v rms isolating voltage ? industrial standard package ? high surge capability ? glass passivated chips ? / modules uses high voltage power thyristor diodes in two basic configurations ? simple mounting ? ul approved file e320098 ? compliant to rohs ? designed and qualified for multiple level applications ? dc motor control and drives ? battery charges ? welders ? power converters ? lighting control ? heat and temperature control k1 g1 k1 g1 nkt nkh + + product summary i t av ( ) 200 a new int a pak - - all dimensions in millimeters 29+1 36+2 - - 24 23 12+1 34+2 23 2.8x0.8+0.1 15+1 80+1 94+1 - - k 2 g 2 v drm rrm / v 2??6.5 3-m6 screws ~ + ~ + ~ ~ 0.8 7+0.5 9 nkt200a/NKH200A series www.nellsemi.com
page 2 of 4 semiconductor rohs rohs forward conduction parameter symbol test conditions maximum average on-state current at case temperature i t av ( ) 180 , conduction half sine wave ,50hz maximum rms on state current - a maximum peak one cycle, , - on state - - non repetitive surge current i tsm t ms = 10 no voltage reapplied sine half wave, initial t j = t j maximum t ms = 8.3 maximum i 2 t for fusing i 2 t ka 2 s maximum i 2 t for fusing i 2 t t ms to ms no = 0.1 10 , voltage reapplied maximum on state voltage drop - v tm i tm = 480a , t j = 25 , 180 c conduction maximum forward voltage drop v fm i fm = 480a, t j = 25 , 180 c conduction maximum holding current i h anode supply v initial i = 12 t = 30 ,a t j = 25 c ma maximum latching current i l anode supply v resistive load = 12 = 1 gate pulse v s t : 10 , 100 ! , j = 25 c 400 blocking parameter symbol test conditions values maximum peak reverse and off state leakage current - i rrm , i drm t j = 125 c rms isolation voltage v iso 50 , , hz circuit to base all terminals shorted v critical rate of rise of off state voltage - dv dt / t j = t j , maximum exponential to rated v 67 % drm / ! v s v units electrical specifications voltage ratings type number voltage code v rrm / v drm , maximum repetitive peak reverse voltage v v rsm / v dsm , - maximum non repetitive peak reverse voltage v i rrm / i drm at c 125 ma nkt200 04 400 500 30 08 800 900 12 1200 1300 14 1400 1500 16 1600 1700 180 , conduction half sine wave ,50hz ,t = 85 c c values 200 85 314 7200 7560 259 236 2592 1.7 1.4 40~150 a c 30 2500 (1min) 500 ma n high power products ell t ms = 10 t ms = 8.3 t ms = 10 t ms = 8.3 ka 2 s 181 165 reapplied 100%v rrm 3500 (1s) nkh200 units nkt200a/NKH200A series l t(rms) www.nellsemi.com
semiconductor rohs rohs triggering parameter symbol test conditions values units maximum peak gate power p gm t p 5 , ms t j = t j 10 maximum w maximum average gate power p g av ( ) f hz t = 50 , j = t j 3 maximum maximum peak gate current i gm t p 5 , ms t j = t j maximum 3 a maximum peak negative gate voltage - v gt 10 v gate voltage v gt anode supply v = 12 , resistive load r ; a = 1 t j = 25 c i gt ma maximum gate voltage that will not trigger v gd t j = t j , maximum 66.7% v drm applied 0.25 maximum gate current that will not trigger i gd 10 ma maximum rate of rise of turned on current - di dt / t j = 25 oc ,i = 1.5a ,t 0.5 s gm r 150 / ! a s thermal and mechanical specifications parameter symbol test conditions values units maximum junction operating temperature range t j - 40 125 to c maximum storage temperature range t stg - 40 150 to maximum thermal resistance, junction to ca se per junction r thjc dc operation c/w maximum thermal resistance, case to heatsink per module r thcs mounting surface smooth , , flat and greased mounting torque 10 % iap to heatsink , m6 a mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. lubricated threads. 4 6 to n.m busbar to iap , m6 approximate weight 220 7.05 case style new int a pak - - triggering j j j = t j j j - v gt maximum required dc to trigger a maximum required dc gate current to trigger = t c thcs ? 0.7~1.8 30~150 v oz. g 0.025 n high power products ell page 3 of 4 0.14 nkt200a/NKH200A series www.nellsemi.com ordering information table 1 - moduletype:nkt for(thyristor+ thyristor)module 2 3 - : currentratingi t av ( ) 4 - 100 = voltagecodex v rrm device code nkt a 4 - assemblytype, a forsolderingtype 16 200 / 3 2 1 nkhfor(thyristor+diode)module
semiconductor rohs rohs n high power products ell page 4 of 4 fig.1 on-state current vs. voltage characteristic fig.2 transient thermal impedance(junction-case) fig.3 power consumption vs. average current fig.4 case temperature vs. on-state average current fig.5 on-state surge current vs cycles fig.6 i t characteristics 2 on-state peak voltage (v) transient thermal impedance ( c/w) maximum power consumption (w) ase temperature ( c) on-state surge current (ka) 1000a s 2 t = 125 c j 4 3.5 3 2.5 2 100 1000 10000 0.15 0.09 0.06 0.03 0 0.001 0.01 0.1 1 10 140 120 100 80 60 40 20 0 0 7 100 8 200 300 30 60 90 120 180 conduction angle 0 180 30 60 90 120 180 conduction angle 600 500 400 300 100 300 250 0 0 50 100 150 200 6 5 4 3 2 1 1 10 100 cycles @50hz time (ms) on-state current (a) time (s) on-state average current (a) on-state average current (a) 1.5 0.5 0.12 200 0 180 400 1 maximum gate voltage that will not trigger any unit 125 c 25 c -30 c peak forward gate voltage (10v) 2 10 1 5 2 10 0 5 2 2 10 1 5 2 10 2 5 2 10 3 5 peak gate current (3a) peak gate power (10w) average gate power (3w) nkt200a/NKH200A series www.nellsemi.com


▲Up To Search▲   

 
Price & Availability of NKH200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X