Part Number Hot Search : 
GPC200D ATION MN103S FX315 KAQV216A 3200A AC10G APT100
Product Description
Full Text Search
 

To Download MVAS-068-ZSGT-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54mm) .100" mpas, mvas, msas series www.samtec.com mpas?068?zsgt?11 mpas?144?zsgt?13 body style ?2 = (9,14).360 wire-wrap (?zw only) ?l = locking socket (?zs only) ??xxx? = total number of filled positions mates with: m pat, m vat, m h at, m s at gg = 30" (0,76m) gold contact, 10" (0,25m) gold shell gt = 30" (0,76m) gold contact, tin shell tt = tin contact and shell (styles ?zs & zw only) st = 10" (5,08m) gold contact, tin shell (style ?zs only) note: some sizes, styles and options are non-standard, non-returnable. note: some sizes, styles and options are non-standard, non-returnable. (2,54) .100 no. of positions x .100 (2,54) sq option pin out code plating option lead style pin count ?3 = (6,60).260 wire-wrap (?zw only) (0,76) .030 x z y (1,32) .052 dia insertion depth = .095" to .145", style zs component part no. = ez-1p1 style za component part no. = ez-6p1 option l component part no. = sc-1l1 or ez-1l1 mpas mvas msas = = = standard polyester open body polyester hi-temp lcp open body (7,62) .300 (3,43) .135 requires gt plating option for complete speci cations see www.samtec.com?mpas or www.samtec.com?mvas mpas, mvas insulator material: black g.f. polyester contact: becu shell: brass except style k phospher bronze operating temp range: -55? to +105? with tin -55? to +125? with gold plating: au over 50?(1,27?) ni or sn over 100? (2,58?) cu or 50? (1,27?) ni current rating: 1a contact resistance: 10m max lead size range: .015" (0,38mm) to .022" (0,56mm) dia insertion force: (single contact only) style zu = 1.5oz (0,42n) max, all others = 2.5 oz (0,69n) avg, 5.5 oz (1,53n) max withdrawal force: (single contact only) style zu = 1.5oz (0,42n) max, all others = 2.0 oz (0,56n) avg, 0.35 oz (0,97n) min lead-free solderable: wave, only rohs compliant: no specifications for complete speci cations see www.samtec.com?msas msas same as mpas except: insulator material: black liquid crystal polymer max processing temp: 230? for 30 to 60 seconds specifications rohs compliant options. call samtec. also available w w w . s a m t e c . c o m / l e a d - f r e e f-210 supplement insertion depth = .125" to .170" style ze component part no. = ez-2p3 locking lead (?l) available. see option. ?zs, ?zu, ?za = printed circuit ?ze = elevated ?zw = wire wrap (0,76) .030 (4,90) .193 (12,95) .510 (0,64) .025 sq (1,32) .052 dia shorter w/w tail lengths available. see option. insertion depth = .125" to .157" style zw component part no. = ez-1w1(1) style zw-2 component part no. = ez-1w1(2) style zw-3 component part no. = ez-1w1(3) (0,76) .030 (8,86) .348 (4,32) .170 (13,77) .542 (1,32) .052 dia (0,89) .035 dia (0,51) .020 dia z oal (7,62) .300 (8,89) .350 lead style ?zs, ?zu ?za x dia (0,51) .020 (0,51) .020 y tail (3,18) .125 (4,57) .180 pin grid array sockets
www.samtec.com mvas?068?zwtt?11 mvas?168?zsgg?17 more standard pin-outs available. call samtec. ?16 =156 pins ?16 =172 pins ?17 =168 pins ?15 =181 pins ?17 =169 pins ?15 =145 pins ?14 =132 pins ?13b =132 pins ?13 =169 pins ?13 =088 pins ?13 =101 pins ?13 =114 pins ?11 =085 pins ?21 =273 pins ?18 =191 pins ?18 =179 pins ?17 =240 pins ?17 =209 pins msas only. msas only. msas only. mvas & msas not available. msas not available. msas not available. mvas & msas not available. ?15 =176 pins mvas & msas not available mvas not available. mvas & msas not available. mvas & msas not available. msas only. mvas not available. mvas & msas not available. msas not available. msas not available. ?15b =149 pins ?13a =124 pins mvas & msas not available. mvas & msas not available. msas not available. mvas & msas not available. msas not available. msas not available. ?13a =133 pins ?13a =121 pins ?11c =084 pins ?10 =084 pins ?11 =068 pins ?10 =068 pins ?11 =069 pins f-210 supplement


▲Up To Search▲   

 
Price & Availability of MVAS-068-ZSGT-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X