Part Number Hot Search : 
20012 J100A C4002RU 144919 ICS87400 C2502 KK74128N 2XS42
Product Description
Full Text Search
 

To Download MMBTA44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBTA44 MMBTA44 npn surface mount high voltage transistors hochspannungs-transistoren fr die oberfl?chenmontage npn version 2005-06-21 dimensions / ma?e [mm] 1 = b 2 = e 3 = c power dissipation verlustleistung 250 mw plastic case kunststoffgeh?use sot-23 (to-236) weight approx. ? gewicht ca. 0.01 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle maximum ratings (t a = 25c) grenzwerte (t a = 25c) MMBTA44 collector-emitter-volt. - kollektor-emitter-spannung b open v ceo 400 v collector-base-voltage - kollektor-basis-spannung e open v cbo 400 v emitter-base-voltage - emitter-basis-spannung c open v ebo 5 v power dissipation ? verlustleistung p tot 250 mw 1 ) collector current ? kollektorstrom (dc) i c 500 ma junction temperature ? sperrschichttemperatur storage temperature ? lagerungstemperatur t j t s -65...+150c -65?+150c characteristics (t j = 25c) kennwerte (t j = 25c) min. typ. max. collector-base cutoff curr ent ? kollektorreststrom i e = 0, v cb = 400 v i cb0 ? ? 100 na collector-emitter cutoff cu rrent ? kollektorreststrom i e = 0, v ce = 400 v i ce0 ??5 a emitter-base cutoff current ? emitterreststrom i c = 0, v eb = 6 v i eb0 ? ? 100 na collector saturation voltage ? kollektor-s?ttigungsspannung 2 ) i c = 10 ma, i b = 1 ma i c = 50 ma, i b = 5 ma v cesat v cesat ? ? ? ? 200 mv 300 mv base saturation voltage ? basis-s?ttigungsspannung 2 ) i c = 10 ma, i b = 1 ma v besat ? ? 750 mv 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 tested with pulses tp = 300 s, duty cycle 2% ? gemessen mit impulsen tp = 300 s, schaltverh?ltnis 2% ? diotec semiconductor ag http://www.diotec.com/ 1 2.5 max 1.3 0.1 1.1 2.9 0.1 0.4 1 2 3 type code 1.9
MMBTA44 characteristics (t j = 25c) kennwerte (t j = 25c) min. typ. max. dc current gain ? kollektor-basis-stromverh?ltnis v ce = 10 v, i c = 1 ma v ce = 10 v, i c = 10 ma v ce = 10 v, i c = 100 ma h fe h fe h fe 70 80 60 ? ? ? ? ? ? gain-bandwidth product ? transitfrequenz v ce = 20 v, i c = 10 ma, f = 30 mhz f t 50 mhz ? ? thermal resistance junction ? ambient air w?rmewiderstand sperrschicht ? umgebende luft r tha < 420 k/w 1 ) marking - stempelung MMBTA44 = 3d 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http://www.diotec.com/ ? diotec semiconductor ag [%] p tot 120 100 80 60 40 20 0 [c] t a 150 100 50 0 power dissipation versus ambient temperature ) verlustleistung in abh. von d. umgebungstemp. ) 1 1


▲Up To Search▲   

 
Price & Availability of MMBTA44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X