Part Number Hot Search : 
TSOP17 NTR4170N D4812 BR401 ADUM5242 OT12N5 BTA212 F1310N
Product Description
Full Text Search
 

To Download MMBTA44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBTA44 npn silicon 500v, 0.1a, 350mw epitaxial transistor elektronische bauelemente 21-sep-2010 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? high voltage transistor marking product marking code MMBTA44 3d symbol maximum ratings (at t a = 25 c unless otherwise specified) parameter symbol ratings unit collector - base voltage v cbo 500 v collector - emitter voltage v ceo 400 v emitter - base voltage v ebo 6 v collector current - continuous i c 0.1 a collector power dissipation p c 350 mw junction, storage temperature t j , t stg 150, -55~150 electrical characteristics (at t a = 25 c unless otherwise specified) parameter test conditions symbol min. typ. max. unit collector-base breakdown voltage i c =100a, i e =0 v (br)cbo 500 - - v collector-emitter breakdown voltage i c =1ma, i b =0 v (br)ceo 400 - - v emitter-base breakdown voltage i e =10a, i c =0 v (br)ebo 6 - - v collector cut-off current v cb =400v, i e =0 i cbo - - 0.1 a emitter cut-off current v eb =4v, i c =0 i ebo - - 0.1 a dc current gain v ce =10v, i c =1ma h fe1 * 40 - - v ce =10v, i c =10ma h fe2 * 50 - 200 v ce =10v, i c =50ma h fe3 * 45 - - v ce =10v, i c =100ma h fe4 * 40 - - collector-emitter saturation voltage i c =1ma, i b =0.1ma v ce(sat)1 * - - 0.4 v i c =10ma, i b =1ma v ce(sat)2 * - - 0.5 v i c =50ma, i b =5ma v ce(sat)3 * - - 0.75 v base-emitter saturation voltage i c =10ma, i b =1ma v be(sat) * - - 0.75 v output capacitance v cb =20v, i e =0, f=1mhz c obo - - 7 pf input capacitance v eb =0.5v, i c =0, f=1mhz c ibo - - 130 pf *pulse test so t -23 ref. millimete r ref. millimete r min. max. min. max. a 2.70 3.04 g - 0.18 b 2.10 2.80 h 0.40 0.60 c 1.20 1.60 j 0.08 0.20 d 0.89 1.40 k 0.6 ref. e 1.78 2.04 l 0.85 1.15 f 0.30 0.50 top view a l c b d g h j f k e 1 2 3 1 2 3
MMBTA44 npn silicon 500v, 0.1a, 350mw epitaxial transistor elektronische bauelemente 21-sep-2010 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of MMBTA44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X