Part Number Hot Search : 
67040 223988 00VDC GZF51C SM101 A1405 MUR160 LC863
Product Description
Full Text Search
 

To Download KIA78R05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/ 7 1a low dropout voltage regulator with on/off control kia78rxx descriptions the kia78rxx is a low drop voltage regulator suitable for various electronic equipment. the output current is up to 1.0a and dropout voltage is 0.5v typ. at io=1.0a. this regulator has various function such as peak current protection, thermal shut down, over voltage protection and output disable function. the kia78rxx i s a v a i l a b l e i n to - 2 5 2 - 5 l to-220f-4 power package. features z 1.0a output low drop voltage regulator. z built in on/off control terminal. z built in over current protection, over heat protection function. block diagram tiger electronic co.,ltd
kia78rxx 2/7 pin configuration ordering information absolute maximum ratings (ta=25 c) characteristic value unit input voltage 35 v on/off control volatge 35 v package marking output voltage package type kia78r25 fxx 2.5v to-252-5l kia78r33 fxx 3.3 v to-252-5l KIA78R05 fxx 5.0v to-252-5l kia78r06 fxx 6.0v to-252-5l kia78r08 fxx 8.0v to-252-5l kia78r09 fxx 9.0 v to-252-5l kia78r10 fxx 10.0v to-252-5l kia78r12 fxx 12.0v to-252-5l kia78r15 fxx 15.0v to-252-5l kia78r25api 2.5v to-220f-4 kia78r33api 3.3 v to-220f-4 KIA78R05api 5.0v to-220f-4 kia78r06api 6.0v to-220f-4 kia78r08api 8.0v to-220f-4 kia78r09api 9.0 v to-220f-4 kia78r10api 10.0v to-220f-4 kia78r12api 12.0v to-220f-4 kia78r15api 15.0v to-220f-4 pin function 1. vin 2. gnd 3. vout 4. nc 5. on/off control
kia78rxx 3/7 output current 1 a power dissipation 1 (no heatsink) 1.5 w to-252-5l 10 power dissipation 2 (with heatsink) to-220f-4 15 w junction temperature 125 c operating temperature -20 80 c storage temperature -30 125 c soldering temperature (10sec) 260 c electrical characteristics (unless otherwise specified: io=0.5a,ta=25 c) characteristics symbol test conditions min typ max unit output voltage vout note1 -2%vo 2%vo v load regulation rload io=5ma 2a 0.1 2.0 % line regulation rline note2 0.5 2.5 % temperature coefficient of output voltage tcvo tj=0 125 c 0.02 0.05 %/ ripple rejection r.r 45 55 db drop out voltage v d io=1a,note3 0.5 v output on state for control voltage v c(on) 2.0 v output on state for control current i c(on) vc=2.7v 20 a output off state for control voltage v c (off) 0.8 v output off state for control current i c(off) vc=0.4vo -0.4 ma quiescent current i q note1,io=0 10 ma note:
kia78rxx 4/7 test circuit standard test circuit ripple rejection test circuit note1 note2 note3 kia78r 25 vin=4.5v vin=3.5~9.5v kia78r33 vin=5.0v vin=4.3~10.3v kia78r 05 vin=7.0v vin=6~12v kia78r 06 vin=8.0v vin=7~15v kia78r 08 vin=10v vin=9~25v kia78r 09 vin=15v vin=10~25v kia78r 10 vin=16v vin=11~26v kia78r 12 vin=18v vin=13~29v kia78r15 vin=21v vin=16~32v vout=0.95vo
kia78rxx 5/7 application circuit to-252-5l
kia78rxx 6/7 outline drawing to220f-4l
kia78rxx 7/7


▲Up To Search▲   

 
Price & Availability of KIA78R05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X