Part Number Hot Search : 
PL001 RT1N241U 0190670 LBT14087 RC606 1102A IRFP460N LY6264UL
Product Description
Full Text Search
 

To Download JANS1N6320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voidless-hermetically-sealed 500 mw glass zener diodes microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 1 copyright ? 2008 4-24-2008 rev b www. microsemi . com scottsdale division 1n6309 thru 1n6355 1n6309 thru 1n6355 description appearance t his zener voltage regulator series is military qualified to mil-prf- 19500/533 and is ideal for high-reliability applications where a failure cannot be tolerated. these industry-recognized 0.5 watt zener voltage regulators are hermetically sealed with voidless-glass construction using an internal metallurgical bond. it includes zener selections from 2.4 to 200 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. they are also available in surface-mount packages (see separat e data sheet for 1n6309us thru 1n6355us). microsemi also offers numerous other zener products to meet higher and lower power ratings in both thru-hole and surface mount packages. important: for the most current data, consult microsemi?s website: http://www.microsemi.com do-35 (?b? package) features applications / benefits ? popular jedec registered series ? voidless hermetically sealed glass package ? triple-layer passivation ? internal ? category i? metallurgical bonds for 1n6320 thru 1n6355 and ? category iii? for 1n6309 thru 1n6319 ? jan, jantx, jantxv, and jans available per mil- prf-19500/533 for 1n6309 to 1n6336 ? jans types available per mil-s-19500/533 for 1n6320 to 1n6336. ? surface mount equivalents also available in a square end-cap melf configuration with a ?us? suffix (see separate data sheet for 1n6309us thru 1n6355us) ? small do-35 size package (or ?b? package) ? regulates voltage over a broad operating current and temperature range ? extensive selection from 2.4 to 200 v ? standard voltage tolerances are plus/minus 5% with no suffix ? tight tolerances available in plus or minus 2% or 1% with c or d suffix respectively ? extremely robust construction ? flexible axial-lead mounting terminals ? nonsensitive to esd per mil-std-750 method 1020 ? inherently radiation hard as described in microsemi micronote 050 maximum ratings mechanical and packaging ? operating temperature: -65 o c to +175 o c ? storage temperature: -65 o c to +175 o c ? power dissipation: 0.5 watts @ t l = 75 o c ? thermal resistance: 200 o c/w junction to lead at 3/8 inch (10 mm) from body ? thermal impedance: 15 o c/w at 10 ms ? forward voltage: 1.4 v at 1.0 a ? case: hermetically sealed voidless hard glass with tungsten slugs ? terminations: axial-leads are tin/lead (sn/pb) over copper clad steel ? marking: body painted and part number, etc. ? polarity: cathode indicated by band ? tape & reel option: standard per eia-296 ? weight: 150 mg
voidless-hermetically-sealed 500 mw glass zener diodes www. microsemi . com scottsdale division 1n6309 thru 1n6355 1n6309 thru 1n6355 electrical characteristics v z2 nom. +/-5% @ i z2 v z 1 min. @ i z 1 250 ua test current i z2 dynamic impedance z z @ i z2 dynamic impedance z zk @ 250 a max. current i zm voltage reg. v z (reg) ( v z ) note 2 max. surge current i zsm reverse voltage v r max. reverse current i r 1 @ v r 25 o c max. reverse current i r2 @ v r 150 o c maximum noise density n d @ 250 a 1 to 3 khz max. temp. coeff. of zener voltage vz max. cap. @ o v type note 1 volts volts ma ohms ohms ma volts amps volts a a v / hz %/ o c pf 1n6309 1n6310 1n6311 1n6312 2.4 2.7 3.0 3.3 1.1 1.2 1.3 1.5 20 20 20 20 30 30 29 24 1200 1300 1400 1400 177 157 141 128 1.5 1.5 1.5 1.6 2.5 2.2 2.0 1.8 1.0 1.0 1.0 1.0 100 60 30 5.0 200 150 100 20 1.0 1.0 1.0 1.0 -.085 -.080 -.075 -.065 2000 1900 1800 1650 1n6313 3.6 1.8 20 22 1400 109 1.6 1.65 1.0 3.0 12 1.0 -.055 +.020 1600 1n6314 3.9 2.0 20 20 1700 118 1.6 1.5 1.0 2.0 12 1.0 -.043 +.025 1400 1n6315 4.3 2.4 20 18 1400 99 0.9 1.4 1.0 2.0 12 1.0 -.030 +.030 1350 1n6316 4.7 2.8 20 16 1500 90 0.5 1.27 1.5 5.0 12 1.0 -.028 +.032 1300 1n6317 1n6318 1n6319 1n6320 5.1 5.6 6.2 6.8 3.3 4.3 5.2 6.0 20 20 20 20 14 8.0 3.0 3.0 1300 1200 800 400 83 76 68 63 0.4 0.4 0.3 0.35 1.17 1.10 0.97 1.23 2.0 2.5 3.5 4.0 5.0 5.0 5.0 2.0 12 10 10 10 1.0 2.0 5.0 5.0 +.045 +.050. +060 +.062 1200 1150 1050 1000 1n6321 1n6322 1n6323 1n6324 7.5 8.2 9.1 10 6.6 7.5 8.4 9.1 20 20 20 20 4.0 5.0 6.0 6.0 400 400 500 500 57 52 47 43 0.4 0.4 0.5 0.5 1.16 1.07 0.97 .89 5.0 6.0 7.0 8.0 2.0 1.0 1.0 1.0 10 10 10 10 5.0 20 40 80 +.068 +.075 +.076 +.079 900 800 700 600 1n6325 1n6326 1n6327 1n6328 11 12 13 15 10 11 11.9 13.8 20 20 9.5 8.5 7.0 7.0 8.0 10 550 550 550 600 39 35 33 28 0.5 0.55 0.55 .70 .83 .77 .71 .62 8.5 9.0 9.9 11 1.0 1.0 .05 .05 10 10 10 10 100 100 100 100 +.082 +.083 +.079 +.082 500 450 400 350 1n6329 1n6330 1n6331 1n6332 16 18 20 22 14.7 16.6 18.5 20.4 7.8 7.0 6.2 5.6 12 14 18 20 600 600 500 500 27 24 21 19 .75 .85 .95 1.05 .58 .52 .47 .43 12 14 15 17 .05 .05 .05 .05 10 10 10 10 100 100 100 100 +.083 +.085 +.086 +.087 325 300 275 260 1n6333 1n6334 1n6335 1n6336 24 27 30 33 22.3 25.2 28 30.9 5.2 4.6 4.2 3.8 24 27 32 40 500 500 500 600 18 16 14 13 1.15 1.30 1.45 1.60 .39 .35 .31 .28 18 21 23 25 .05 .05 .05 .05 10 10 10 10 100 100 100 100 +.088 +.090 +.091 +.092 240 220 200 185 1n6337 1n6338 1n6339 1n6340 36 39 43 47 33.7 36.6 40.4 44.2 3.4 3.2 3.0 2.7 50 55 65 75 600 700 800 900 12 11 9.9 9.0 1.75 1.90 2.10 2.25 .26 .24 .22 .20 27 30 33 36 .05 .05 .05 .05 10 10 10 10 100 100 80 80 +.093 +.094 +.095 +.095 175 170 165 155 1n6341 1n6342 1n6343 1n6344 51 56 62 68 48 52.7 58.4 64.1 2.5 2.2 2.0 1.8 85 100 125 155 1000 1200 1300 1500 8.3 7.6 6.8 6.3 2.50 2.70 2.90 3.20 .18 .17 .15 .13 39 43 47 52 .05 .05 .05 .05 10 10 10 10 80 80 80 80 +.096 +.097 +.097 +.098 145 135 130 120 1n6345 1n6346 1n6347 1n6348 75 82 91 100 70.8 77.4 86 94.5 1.7 1.5 1.4 1.3 180 220 270 340 1600 1800 2100 2400 5.7 5.2 4.7 4.3 3.40 3.80 4.20 4.40 .125 .115 .100 .095 56 62 69 76 .05 .05 .05 .05 10 10 10 10 80 80 80 80 +.098 +.099 +.099 +.110 110 105 100 95 1n6349 1n6350 1n6351 1n6352 110 120 130 150 104 113 122 141 1.1 1.0 0.95 .85 500 600 850 1000 2800 3200 4100 4500 3.9 3.5 3.3 2.8 4.80 5.20 5.60 7.00 .085 .080 .070 .065 84 91 99 114 .05 .05 .05 .05 10 10 10 10 80 80 80 80 +.110 +.110 +.110 +.110 90 70 70 65 1n6353 1n6354 1n6355 160 180 200 151 170 189 .80 .68 .65 1200 1500 1800 5000 5600 6500 2.7 2.4 2.1 7.50 9.00 12.0 .060 .050 .045 122 137 152 .05 .05 .05 10 10 10 80 80 80 +.110 +.110 +.110 65 60 55 note 1: tight tolerances av ailable in plus or minus 2% or 1% with c or d suffix respectively, e.g. 1n6309c, 1n6335d, e tc. note 2: voltage regulation v z(reg) is the measured voltage change at thermal equilibrium between the current of 10% and 50% of maximum microsemi scottsdale division page 2 zener current i zm when the lead temperature is maintained at 25 c =+8 c, -2 c. copyright ? 2008 4-24-2008 rev b 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
voidless-hermetically-sealed 500 mw glass zener diodes www. microsemi . com scottsdale division 1n6309 thru 1n6355 1n6309 thru 1n6355 graphs maximum power dissipation - milliwatts lead temperature ? degrees celsius package dimensions microsemi scottsdale division page 3 copyright ? 2008 4-24-2008 rev b 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of JANS1N6320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X