Part Number Hot Search : 
AN30X0A T1501 SA3418B HA13135 70N20 PT2329 LM64C391 BUJ105AX
Product Description
Full Text Search
 

To Download HEF4069UBTT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the hef4069ub is a general purpose hex in verter. each inverter has a single stage. it operates over a recommended v dd power supply range of 3 v to 15 v referenced to v ss (usually ground). unused inputs must be connected to v dd , v ss , or another input. it is also suitable for use over both the industrial ( ? 40 c to +85 c) and automotive ( ? 40 c to +125 c) temperature ranges. 2. features and benefits ? fully static operation ? 5 v, 10 v, and 15 v parametric ratings ? standardized symmetrical output characteristics ? operates across the automotive temperature range from ? 40 c to +125 c ? complies with jedec standard jesd 13-b 3. applications ? automotive and industrial ? oscillator 4. ordering information hef4069ub hex inverter rev. 7 ? 11 may 2011 product data sheet table 1. ordering information all types operate from ? 40 c to +125 c. type number package name description version hef4069ubp dip14 plastic dual in-line package; 14 leads (300 mil) sot27-1 hef4069ubt so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 HEF4069UBTT tssop14 plastic thin shrink small ou tline package; 14 leads; body width 4.4 mm sot402-1
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 2 of 17 nxp semiconductors hef4069ub hex inverter 5. functional diagram 6. pinning information 6.1 pinning 6.2 pin description fig 1. functional diagram fig 2. schematic diagram (one inverter) 001aag15 2 1 1a 1y 2 3 2a 2y 4 5 3a 3y 6 9 4a 4y 8 11 5a 5y 10 13 6a 6y 12 001aag15 4 v dd v ss y a fig 3. pin configuration hef4069ub 1a v dd 1y 6a 2a 6y 2y 5a 3a 5y 3y 4a v ss 4y 001aag153 1 2 3 4 5 6 7 8 10 9 12 11 14 13 table 2. pin description symbol pin description 1a to 6a 1, 3, 5, 9, 11, 13 input 1y to 6y 2, 4, 6, 8, 10, 12 output v ss 7 ground (0 v) v dd 14 supply voltage
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 3 of 17 nxp semiconductors hef4069ub hex inverter 7. limiting values [1] for dip14 packages: above t amb = 70 c, p tot derates linearly with 12 mw/k. [2] for so14 packages: above t amb = 70 c, p tot derates linearly with 8 mw/k. [3] for tssop14 packages: above t amb = 60 c, p tot derates linearly with 5.5 mw/k. 8. recommended operating conditions table 3. limiting values in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit v dd supply voltage ? 0.5 +18 v i ik input clamping current v i < ? 0.5 v or v i >v dd + 0.5 v - 10 ma v i input voltage ? 0.5 v dd + 0.5 v i ok output clamping current v o < ? 0.5 v or v o >v dd + 0.5 v - 10 ma i i/o input/output current - 10 ma i dd supply current - 50 ma t stg storage temperature ? 65 +150 c t amb ambient temperature ? 40 +125 c p tot total power dissipation t amb = ? 40 c to +125 c dip14 [1] -750mw so14 [2] -500mw tssop14 [3] -500mw p power dissipation per output - 100 mw table 4. recommended operating conditions symbol parameter conditions min typ max unit v dd supply voltage 3 - 15 v v i input voltage 0 - v dd v t amb ambient temperature in free air ? 40 - +125 c
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 4 of 17 nxp semiconductors hef4069ub hex inverter 9. static characteristics table 5. static characteristics v ss = 0 v; v i =v ss or v dd ; unless otherwise specified. symbol parameter conditions v dd t amb = ? 40 c t amb = +25 c t amb = +85 c t amb = +125 c unit min max min max min max min max v ih high-level input voltage | i o | <1 a5v4-4-4-4-v 10v8-8-8-8-v 15 v 12.5 - 12.5 - 12.5 - 12.5 - v v il low-level input voltage | i o | <1 a5v-1-1-1-1v 10v-2-2-2-2v 15 v - 2.5 - 2.5 - 2.5 - 2.5 v v oh high-level output voltage | i o | <1 a 5 v 4.95 - 4.95 - 4.95 - 4.95 - v 10 v 9.95 - 9.95 - 9.95 - 9.95 - v 15 v 14.95 - 14.95 - 14.95 - 14.95 - v v ol low-level output voltage | i o | <1 a 5 v - 0.05 - 0.05 - 0.05 - 0.05 v 10 v - 0.05 - 0.05 - 0.05 - 0.05 v 15 v - 0.05 - 0.05 - 0.05 - 0.05 v i oh high-level output current v o = 2.5 v 5 v - ? 1.7 - ? 1.4 - ? 1.1 - ? 1.1 ma v o = 4.6 v 5 v - ? 0.64 - ? 0.5 - ? 0.36 - ? 0.36 ma v o = 9.5 v 10 v - ? 1.6 - ? 1.3 - ? 0.9 - ? 0.9 ma v o = 13.5 v 15 v - ? 4.2 - ? 3.4 - ? 2.4 - ? 2.4 ma i ol low-level output current v o = 0.4 v 5 v 0.64 - 0.5 - 0.36 - 0.36 - ma v o = 0.5 v 10 v 1.6 - 1.3 - 0.9 - 0.9 - ma v o = 1.5 v 15 v 4.2 - 3.4 - 2.4 - 2.4 - ma i i input leakage current 15 v - 0.1 - 0.1 - 1.0 - 1.0 a i dd supply current all valid input combinations; i o =0a 5 v - 0.25 - 0.25 - 7.5 - 7.5 a 10 v - 0.5 - 0.5 - 15.0 - 15.0 a 15 v - 1.0 - 1.0 - 30.0 - 30.0 a c i input capacitance digital inputs - - - 7.5 - - - - pf
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 5 of 17 nxp semiconductors hef4069ub hex inverter 10. dynamic characteristics [1] the typical value of the propagation delay and output transi tion time can be calculated with the extrapolation formula (c l in pf). table 6. dynamic characteristics t amb = 25 c; for waveforms see figure 4 ; for test circuit see figure 5 . symbol parameter conditions v dd extrapolation formula [1] min typ max unit t phl high to low propagation delay na to ny; 5 v 18 ns + (0.55 ns/pf)c l -4590ns 10 v 9 ns + (0.23 ns/pf)c l -2040ns 15 v 7 ns + (0.16 ns/pf)c l -1525ns t plh low to high propagation delay na to ny 5 v 13 ns + (0.55 ns/pf)c l -4080ns 10 v 9 ns + (0.23 ns/pf)c l -2040ns 15 v 7 ns + (0.16 ns/pf)c l -1530ns t thl high to low output transition time output ny 5 v 10 ns + (1.00 ns/pf)c l - 60 120 ns 10 v 9 ns + (0.42 ns/pf)c l -3060ns 15 v 6 ns + (0.28 ns/pf)c l -2040ns t tlh low to high output transition time output ny 5 v 10 ns + (1.00 ns/pf)c l - 60 120 ns 10 v 9 ns + (0.42 ns/pf)c l -3060ns 15 v 6 ns + (0.28 ns/pf)c l -2040ns table 7. dynamic power dissipation v ss = 0 v; t r = t f 20 ns; t amb = 25 c. symbol parameter v dd typical formula where p d dynamic power dissipation 5 v p d = 600 f i + (f o c l ) v dd 2 ( w) f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; (f o c l ) = sum of the outputs; v dd = supply voltage in v. 10 v p d = 4000 f i + (f o c l ) v dd 2 ( w) 15 v p d = 22000 f i + (f o c l ) v dd 2 ( w)
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 6 of 17 nxp semiconductors hef4069ub hex inverter 11. waveforms measurement points: v m = 0.5v dd . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 4. propagation delay and transition times 001aag18 5 t plh t phl t tlh 90 % 10 % t thl t r t f 90 % 10 % v m v m input output 0 v v i v oh v ol definitions for test circuit: c l = load capacitance including jig and probe capacitance; r t = termination resistance should be equal to the output impedance z o of the pulse generator; for test data refer to ta b l e 8 . fig 5. test circuit for measuring switching times v dd v i v o 001aag18 2 dut c l r t g table 8. test data supply voltage input load v dd v i t r , t f c l 5 v to 15 v v ss or v dd 20 ns 50 pf
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 7 of 17 nxp semiconductors hef4069ub hex inverter 11.1 transfer characteristics a. v dd = 5 v; i o = 0 a b. v dd = 10 v; i o = 0 a c. v dd = 15 v; i o = 0 a (1) v o = output voltage. (2) i d = drain current. fig 6. typical transfer characteristics v i (v) 0 5.0 2.5 001aag159 2.5 5.0 v o (v) i d ( a) 0 250 500 0 (2) (2) (1) v i (v) 010 5 001aag160 5 10 v o (v) i d (ma) 0 5 10 0 (2) (2) (1) v i (v) 020 10 001aag161 10 20 v o (v) i d (ma) 0 10 20 0 (2) (2) (1)
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 8 of 17 nxp semiconductors hef4069ub hex inverter 12. application information some examples of applications for the hef4069ub. figure 7 shows an astable relaxation oscillato r using two hef4069ub inverters and 2 baw62 diodes. the oscilla tion frequency is mainly determined by r1 c1, provided r1 << r2 and r2 c2 << r1 c1. the function of r2 is to minimize the influenc e of the forward voltage across the protection diodes on the frequency; c2 is a stray (parasitic) capacitance. the period t p is given by t p =t 1 +t 2 , where: v st = the signal threshold level of the inverter. the period is fairly independent of v dd , v st and temperature. the duty factor, however, is influenced by v st . t 1 r1c1in v dd v st + v st -------------------------- = t 2 r1c1in 2v dd v st ? v dd v st ? ----------------------------- = fig 7. astable relaxation oscillator 001aag16 2 forward voltage clamping diode d c b a c2 c1 b a c d r2 r1 v dd v dd 0 v v dd 0 v 1.5v dd v dd 0.5v dd 0 v ? 0.5v dd v dd 0.5v dd 0 v v ss 1/6 hef4069ub 1/6 hef4069ub
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 9 of 17 nxp semiconductors hef4069ub hex inverter figure 8 shows a crystal oscillator for frequenc ies up to 10 mhz using two hef4069ub inverters. the second in verter amplifies the oscillator output voltage to a level sufficient to drive other local oxidation cmos (locmos) circuits. figure 9 and figure 10 show voltage gain and supply current. figure 11 shows the test set-up and an example of an analog amplifier using one hef4069ub. the output inverter is used to amplify the oscillator output volt age to a level sufficient to drive other locmos circuits. fig 8. crystal oscillator 001aag1 55 2.2 k 100 pf 22 pf 2 mhz 1 m 1 m 22 pf 1/6 hef4069ub 1/6 hef4069ub fig 9. typical voltage gain as a function of supply voltage fig 10. typical supply current as a function of supply voltage v dd (v) 015 10 5 001aag156 25 50 typ 75 gain (v o /v i ) 0 001aag157 v dd (v) 015 10 5 10 5 15 20 i dd (ma) 0 typ fig 11. test set-up 001aag15 8 330 k 1/6 hef4069ub
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 10 of 17 nxp semiconductors hef4069ub hex inverter figure 12 shows typical forward transconductance and figure 13 shows the test set-up. (1) average +2 ; where: ? ? is the standard deviation. (2) average. (3) average ? 2 ; where: ? ? is the standard deviation. at v o is constant. f i .= 1 khz fig 12. typical forward transconductance as a function of supply voltage at t amb = 25 c fig 13. test set-up 001aag164 v dd (v) 015 10 5 5.0 2.5 7.5 10 g fs (ma/v) 0 (1) (2) (3) 001aag16 3 v dd v ss input output 100 f r bias = 560 k 0.47 f i o v i a g fs di o dv i -------- =
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 11 of 17 nxp semiconductors hef4069ub hex inverter 13. package outline fig 14. package outline sot27-1 (dip14) unit a max. 1 2 (1) (1) b 1 cd (1) z ee m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot27-1 99-12-27 03-02-13 a min. a max. b max. w m e e 1 1.73 1.13 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2.2 4.2 0.51 3.2 0.068 0.044 0.021 0.015 0.77 0.73 0.014 0.009 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.087 0.17 0.02 0.13 050g04 mo-001 sc-501-14 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 14 1 8 7 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. d ip14: plastic dual in-line package; 14 leads (300 mil) sot27 -1
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 12 of 17 nxp semiconductors hef4069ub hex inverter fig 15. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale s o14: plastic small outline package; 14 leads; body width 3.9 mm sot108 -1
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 13 of 17 nxp semiconductors hef4069ub hex inverter fig 16. package outline sot402-1 (tssop14) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402 -1 a max. 1.1 pin 1 index
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 14 of 17 nxp semiconductors hef4069ub hex inverter 14. revision history table 9. revision history document id release date data sheet status change notice supersedes hef4069ub v.7 20110511 product data sheet - hef4069ub v.6 modifications: ? figure note 1 and 2 of figure 12 swapped (errata). hef4069ub v.6 20091208 product data sheet - hef4069ub v.5 modifications: ? section 8 ? recommended operating conditions ? t/ v values removed. ? section 12 ? application information ? figure 13 ? te s t s e t - u p ? updated. ? section 15 ? legal information ? export control statement added. hef4069ub v.5 20090723 product data sheet - hef4069ub v.4 hef4069ub v.4 20080704 product data sheet - hef4069ub_cnv v.3 hef4069ub_cnv v.3 19950101 product specification - hef4069ub_cnv v.2 hef4069ub_cnv v.2 19950101 product specification - -
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 15 of 17 nxp semiconductors hef4069ub hex inverter 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
hef4069ub all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 7 ? 11 may 2011 16 of 17 nxp semiconductors hef4069ub hex inverter export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors hef4069ub hex inverter ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 11 may 2011 document identifier: hef4069ub please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 1 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 recommended operating conditions. . . . . . . . 3 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 5 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 11.1 transfer characteristics . . . . . . . . . . . . . . . . . . 7 12 application information. . . . . . . . . . . . . . . . . . . 8 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 15 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 15 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 16 16 contact information. . . . . . . . . . . . . . . . . . . . . 16 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


▲Up To Search▲   

 
Price & Availability of HEF4069UBTT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X