Part Number Hot Search : 
BDW52C CR200 00TTS SQZ300 PE38752H 24LC01B 15U48S15 EC12E12
Product Description
Full Text Search
 

To Download EC3900ETTS-98304M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ec39 series ? rohs compliant (pb-free) ? lvcmos output ? 1.8v supply voltage ? ceramic smd package ? stability to 20ppm ? standby function ? available on tape and reel ecliptek corp. oscillator ec39 ceramic 1.8v os1f 08/08 oscillator ec39 electrical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. h 1.3 l 5.0 w 3.2 frequency range (f o ) operating temperature range (otr) storage temperature range (str) supply voltage (v dd ) input current (i dd ) frequency tolerance/stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time (t r /t f ) duty cycle (sym) load drive capability (c load ) tri-state input voltage standby current start up time (t s ) rms phase jitter 2.500mhz to 10.000mhz 10.001mhz to 34.999mhz 35.000mhz to 50.000mhz 50.001mhz to 70.000mhz 70.001mhz to 90.000mhz 90.001mhz to 106.250mhz inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration i oh = -4.0ma i ol = +4.0ma 20% to 80% of waveform < 40.000mhz 20% to 80% of waveform > 40.000mhz at 50% of waveform no connection v ih : 90% of v dd minimum v il : 10% of v dd maximum disabled output: high impedance 12khz to 20mhz offset frequency 2.5mhz to 80mhz and 98.304mhz, 100mhz, 106.250mhz -10c to 70c -40c to 85c -55c to 125c 1.8v dc 5% 3ma maximum 4ma maximum 8ma maximum 10ma maximum 18ma maximum 25ma maximum 100ppm, 50ppm, 25ppm, or 20ppm maximum 90% of v dd minimum 10% of v dd maximum 6 nseconds maximum 3 nseconds maximum 50 10(%) (standard) 50 5(%) (optional) 15pf maximum enables output enables output disables output: high impedance 10a maximum 10 mseconds maximum 1pseconds maximum notes _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______________________________________________________________________________________________________________________________ _______
manufacturer category series package voltage class rev . date ecliptek corp. oscillator ec39 ceramic 1.8v os1f 08/08 ec39 00 et t ts - 30.000m tr frequency tolerance / stability 00=100ppm maximum (standard) 45=50ppm maximum 25=25ppm maximum 20=20ppm maximum operating temperature range blank=-10c to 70c (standard) et=-40c to 85c part numbering guide *compliant to eia 481a mechanical dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications suggested solder pad layout all dimensions in millimeters tape and reel dimensions all dimensions in millimeters tolerances= + 0.1 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. pin 1: tri-state pin 2: case ground pin 3: output pin 4: supply voltage packaging options blank=bulk (standard) tr=tape and reel frequency duty cycle blank=50 10(%) (standard) t=50 5(%) marking orientation 3.20 0.20 5.00 0.20 1.3 max note: pin 1 chamfer not shown. 2.20 0.15 2.54 0.15 4 3 1 2 1.00 0.20 (x4) 1.20 0.20 1.20 0.20 (x4) m n o p q 1.5 min 50 min 20.2 min 13.00.2 40 min r s t u v qty/reel 2.5 min 10 min 18.4 max 180 max 12.4+2-0 1,000 reel a b c d e f 16.00.3 7.50.1 6.750.1 4.00.1 2.00.1 f g h j k l 8.00.1 b0* 1.5 +0.1- 0.0 a0* 0.30 0.1 k0* tape line 1: e xx.xxx frequency in mhz (5 digits maximum + decimal) line 2: xx y zz week of year last digit of year ecliptek manufacturing identifier characteristic specification esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a


▲Up To Search▲   

 
Price & Availability of EC3900ETTS-98304M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X