Part Number Hot Search : 
MC1384 AN181 N0468 N0468 BAR43A P4KE24 200100 7F185ML
Product Description
Full Text Search
 

To Download DS1809Z-010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 9 011501 features  64-position linear taper  two nonvolatile wiper storage options  operates from +4.5 to +5.5-volt supplies  operating temperature range: - industrial: -40 c to +85 c  electronic interface provides either digital or pushbutton control  low-cost alternative to mechanical solutions  standard resistance values - ds1809-010 10 k ? - ds1809-050 50 k ? - ds1809-100 100 k ? pin desciption v cc - supply voltage r h - high end of resistor r l - low end of resistor r w - wiper terminal uc - up control input dc - down control input str - storage enable input gnd - ground pin assignment description the ds1809 dallastat is a nonvolatile digitally controlled potentiometer that provides 64 uniform wiper positions over the entire resistor range; including the high-end and low-end terminals of the device. the ds1809 is a low power device capable of operating from power supplies of +4.5v to +5.5v. the device is ideal for low-power, portable, or battery powered applications. wiper position is maintained in the absence of power. this is accomplished via the use of an eeprom cell array. the device provides for two storage methods, which include an auto-store capability and a command-initiated storage function. the eeprom cell array is specified to accept greater than 50k writes. storage of the wiper position is discussed in the wiper storage section of this datasheet. wiper positioning is controlled via a patented dual pushbutton (or contact closure) interface. for simple pushbutton-controlled applications or cpu-generated control signals, external debounce circuitry is not needed. the control interface will support both repetitive pulse inputs and continuous pulse (?push-and- hold?) inputs. repetitive pulse and continuous pulse control as well as timing diagrams are discussed in the section entitled ?operation.? ds1809 dallastat www.dalsemi.com r h 1 8v cc uc 2 7 dc str 3 6 r w r l 4 5 gnd 8-pin dip 8-pin soic (150-mil) 8-pin sop (118-mil)
ds1809 2 of 9 the ds1809 is available in standard 10 k ? , 50 k ? , and 100 k ? = resistor versions. the ds1809 is provided as an industrial temperature grade part only. available packaging for the ds1809 include an 8- lead (300-mil) dip an 8-lead (150-mil) soic, and an 8-lead (118-mil) sop. block diagram figure 1 operation the ds1809 dallastat is a digitally controlled, nonvolatile potentiometer. a block diagram of the ds1809 is shown in figure 1. the ds1809 is a linear potentiometer providing 64-uniform wiper positions over the entire resistor range including the end-terminals. all three potentiometer terminals of the device are accessible. these terminals include r h , r l , and r w . r h and r l are the end-terminals of the potentiometer. these terminals will have a constant resistance between them as defined by the potentiometer value chosen: 10 k ? , 50 k ? , or the 100 k ? = version. functionally, r h and r l are interchangeable. the wiper terminal, r w , is the multiplexed terminal and can be set to one of the 64 total positions that exist on the resistor ladder including the r h and r l terminals. control of the wiper (r w ) position setting is accomplished via the two inputs uc and dc. the uc and dc control inputs, when active, determine the direction on the resistor array that the wiper position will move. the uc (up control) control input is used to move the wiper position towards the r h terminal. the dc (down control) control input is used to move wiper position towards the r l terminal. the control inputs uc and dc are active low inputs that interpret input pulse widths as the means of controlling wiper movement. internally, these inputs are pulled up to v cc via a 100 k ? = resistance. a transition from a high-to-low on these inputs is considered the beginning of pulse input activity. a single pulse on the uc or dc input is defined as being greater than 1 millisecond but lasting no longer that ? second. this type pulse input will cause the wiper position of the dallastat to move one position. multiple pulse inputs (repetitive pulse inputs) can be used to step through each wiper position of the device. the requirement for a repetitive pulse train on the uc or dc inputs is that pulses must be separated by a minimum high time of 1 millisecond. if this is not the case the dallastat will ignore that pulse input. a continuous pulse input (?push and hold?) is defined as lasting longer that ? second. a continuous pulse input will cause the wiper position to move one position every 100 milliseconds following the initial ?-
ds1809 3 of 9 second hold time. the total time to transcend the entire potentiometer given a continuous pulse input is provided by the equation: ?(second) + 62 x 100 ms = 6.7 (seconds) if the wiper position of the ds1809 is incremented to an end-position, it will stay at that position until the device receives an opposite direction input pulse command over the uc or dc inputs. for example, if the wiper position is incremented to the r h terminal using the uc input control, it will stay at that position until uc is first deactivated, and then the dc input is activated to move the wiper position towards the r l terminal. the uc and dc control inputs are designed to support simple pushbutton inputs or cpu generated inputs. figure 2 illustrates the requirements for pushbutton generated controls. for manual pushbutton controls all that is required are the desired pushbuttons to implement contact closure. no external debounce or timing circuitry is needed to support the pushbutton operation. applications using cpu generated controls must power the uc and dc control pins in a high state to avoid any inadvertent wiper position movement. to help prevent inadvertent wiper position movement during a power-up, the ds1809 locks out the control port inputs for a minimum time of 10 ms. wiper storage as stated earlier, the ds1809 provides for two methods of nonvolatile wiper storage using internal eeprom memory cells. these two methods include an autostore configuration and a command initiated storage operation, both of which utilize the str input pin. the eeprom cell array of the ds1809 is designed to accept greater than 50k writes. autostorage the autostore configuration is designed to provide wiper position storage as the part powers down; writing the current wiper position into memory. the configuration for initiating the automatic storage capability of the ds1809 is shown in figure 3. as shown in this configuration, two external devices are required to insure proper wiper storage. this includes a schottky diode and a 10-uf capacitor. the automatic store configuration will cause the ds1809 to initiate storage of wiper position when power (v cc ) to the device is removed. the 10-uf capacitor and schottky diode are used to provide supplemental power for wiper storage. command-initiated wiper storage the ds1809 will also support a command-initiated wiper storage operation during powered conditions. for command initiated storage the str pin should be held in a low state on power-up; otherwise the part will assume an autostore configuration. as shown in figure 5, a low-to-high pulse lasting at least 1 s on the str input will cause the ds1809 to initiate the storage of the current wiper position into eeprom when v cc is present.
ds1809 4 of 9 pushbutton configuration figure 2 it is assumed that the str input will be controlled by either external logic or cpu driven. no external capacitors or diodes are needed for the command-initiated storage operation. the str input will take precedence over the pushbutton inputs uc and dc. autostore configuration figure 3
ds1809 5 of 9 pushbutton timing diagrams figure 4 if during any pushbutton activity the str input is activated, pushbutton operation will be suspended until the storage of eeprom has been completed. once complete, pushbutton inputs, if still active, will resume from the point of suspension. command initiated storage operations will require a minimum of 4 ms to complete the storage operation. this 4 ms is measured from the rise of str input (see figure 5). for applications not requiring or using the nonvolatile memory feature of the ds1809, it is recommended that the str input be connected to gnd. command initiated wiper storage - figure 5
ds1809 6 of 9 absolute maximum ratings* voltage on any pin relative to ground -1.0v to +7.0v operating temperature -40c to +85c; industrial storage temperature -55c to +125c soldering temperature see j-std-020a specification * this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. recommended dc operating conditions (-40 c to +85 c) parameter symbol min typ max units notes supply voltage v cc +4.5 5.5 v 1 resistor inputs r l ,r h ,r w gnd-0.5 v cc +0.5 v 2 gnd gnd gnd gnd 1 dc electrical conditions (-40 c to +85 c) parameter symbol min typ max units notes supply current active i cc 500 1000 a 5 standby current i stby 25 a 6 logic input high v ih +2.0 v cc +0.5 v 6,11 logic input low v il -0.5 +0.8 +0.6 v 6,11 input leakage i il -1 +1 a 3 wiper resistance r wiper 400 ? wiper current i w 1ma storage pin current (str) i sp 5 8 a 12,18 wiper storage time t wst 4ms19
ds1809 7 of 9 ac electrical conditions parameter symbol min typ max units notes single input pulse width t pw 1 dc ms 4,5,7,9 repetitive pulse high time t hpw 1dcms 4,5,7,8,9 continuous pulse t ccp 1 dc ms 4,5,7,8,9 storage control pulse t str 1 s 10,12 capacitance c in 510pf10 analog resistor characteristics electrical conditions parameter symbol min typ max units notes end-to-end resistor tolerance -20 +20 % 14 absolute linearity -0.6 +0.6 lsb 15 relative linearity -0.25 +0.25 lsb 16 -3 db cutoff frequency f cutoff mhz 17 temperature coefficient 750 ppm/o c 14 notes: 1. all voltages are referenced with respect to ground. 2. voltages across the potentiometer terminals (r l , r w , r h ) cannot exceed v cc or go below ground by 0.5v. 3. inputs uc and dc are internally pulled-up with resistance of 100 k ? . 4. uc and dc inputs are internally pulled-up to v cc via a 100 k ? = resistor. 5. active current is specified when the inputs uc or dc are active. 6. standby current is the current consumed when the uc, dc, and str inputs are inactive. 7. input pulse width is the minimum time required for an input to cause an increment or decrement. 8. repetitive pulse inputs on uc or dc will be recognized as long as they are within 500 milliseconds of each other. pulses occurring faster than 1 ms apart may not be recognized as individual and separate pulses. 9. input pulse timing has tolerances to 10%. 10. capacitance values apply at 25c. 11. for v cc = 5v10%, maximum v il =+0.8v. input logic levels are referenced to ground. 12. if not used str should be connected to ground. 13. the ds1809 is offered in three values: 10 k ? , 50 k ? , and 100 k ? .
ds1809 8 of 9 14. valid at 25 c only. 15. absolute linearity is used to compare measured wiper voltage versus expected wiper voltage as determined by wiper position. the ds1809 is specified to provide a absolute linearity of 0.60 lsb. 16. relative linearity is used to determine the change in voltage between successive tap positions. the ds1809 is specified to provide a relative linearity specification of 0.25 lsb. 17. -3 db cutoff frequency characteristics for the ds1809 depend on the potentiometer?s total resistance. ds1809-010: 1 mhz; ds1809-050: 200 khz; and the ds1809-100: 100 khz. 18. current leakage on the input control storage pin will require a typical 5 a and maximum 8 a to implement the auto-storage feature. 19. a minimum time of 4 milliseconds between 2.2 volts and 1.7 volts is required on the input to the str terminal when using the part in the auto-storage configuration. the 2.2-volt to 1.7-volt range is a worst case condition for meeting the power-down storage requirements of the part.
ds1809 9 of 9 ordering information ordering number package operating temperature version ds1809-010 8-pin dip -40c to +85c 10 k ? ds1809-050 8-pin dip -40c to +85c 50 k ? ds1809-100 8-pin dip -40c to +85c 100 k ? ds1809u-010 8-pin sop -40c to +85c 10 k ? ds1809u-050 8-pin sop -40c to +85c 50 k ? ds1809u-100 8-pin sop -40c to +85c 100 k ? DS1809Z-010 8-pin soic -40c to +85c 10 k ? ds1809z-050 8-pin soic -40c to +85c 50 k ? ds1809z-100 8-pin soic -40c to +85c 100 k ?


▲Up To Search▲   

 
Price & Availability of DS1809Z-010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X