Part Number Hot Search : 
HCTS21D 708V6Q 4AHCT1 HD74HC04 TPD4104 F2004 PS104RS N27C25
Product Description
Full Text Search
 

To Download DNF18-250FIM-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  23 disco-lok ? female disconnects nylon fully pre-insulated ? positive locking mechanism: design allows for low insertion force (mating) and locking withdrawal force (separation) ? plus, all of the following features: ? fully pre-insulated (color coded) ? integrated funnel entry insulation grip ? tab size markings ? tin plated brass stamping ? internal wire barrel serrations nylon fully-insulated disconnects part number wire range color code max. ins. dim. (in.) ta b si z e std. pkg. qty. std. ctn. qty. bulk pkg. qty. bulk ctn. qty. awf dng18-187fb-c 22-18 red .128 .89 .29 .22 .187x.032 (4.7x.8) 100 1000 1000 6000 dng18-188fb-c red .128 .89 .29 .22 .187x.020 (4.7x.5) 100 1000 1000 6000 dng18-250fb-c red .126 .93 .35 .22 .250x.032 (6.3x.8) 100 1000 1000 6000 dng14-187fb-c 16-14 blue .128 .89 .29 .22 .187x.032 (4.7x.8) 100 1000 1000 6000 dng14-188fb-c blue .128 .89 .29 .25 .187x.020 (4.7x.5) 100 1000 1000 6000 dng14-250fb-c blue .153 .93 .35 .25 .250x.032 (6.3x.8) 100 1000 1000 6000 order the number of pieces required in multiples of standard package quantities. c = 100 pcs. and m = 1000 pcs. listed certified part number wire range color code max. ins. dim. (in.) ta b s i z e ty p e std. pkg. qty. std. ctn. qty. bulk pkg. qty. bulk ctn. qty. aw f DNF18-250FIM-C 22-18 red .136 .90 .42 .27 .250 x .032 male 100 1000 1000 6000 dnf18-250fib-c red .136 .84 .35 .22 .250 x .032 female 100 1000 1000 6000 dnf14-250fim-c 16-14 blue .160 .90 .42 .27 .250 x .032 male 100 1000 1000 6000 dnf14-250fib-c blue .160 .84 .35 .22 .250 x .032 female 100 1000 1000 6000 order the number of pieces required in multiples of standard package quantities. c = 100 pcs. and m = 1000 pcs. panduits patented supra-grip fully pre-insulated disconnects offer a funnel entry metal insulation grip. part number wire range color code max. ins. dim. (in.) ta b si z e std. pkg. qty. std. ctn. qty. bulk pkg. qty. bulk ctn. qty. awf dng18-187fb-c 22-18 red .128 .89 .29 .22 .187x.032 (4.7x.8) 100 1000 1000 6000 dng18-188fb-c red .128 .89 .29 .22 .187x.020 (4.7x.5) 100 1000 1000 6000 dng18-250fb-c red .126 .93 .35 .22 .250x.032 (6.3x.8) 100 1000 1000 6000 dng14-187fb-c 16-14 blue .128 .89 .29 .22 .187x.032 (4.7x.8) 100 1000 1000 6000 dng14-188fb-c blue .128 .89 .29 .25 .187x.020 (4.7x.5) 100 1000 1000 6000 dng14-250fb-c blue .153 .93 .35 .25 .250x.032 (6.3x.8) 100 1000 1000 6000 order the number of pieces required in multiples of standard package quantities. c = 100 pcs. and m = 1000 pcs. disco-lok is the worlds first fully pre-insulated positive locking disconnect receptacle. ideal for high vibration applications where ease of insertion is important and security of connection is mandatory. this patented locking feature provides benefits to all markets. part number wire range color code max. ins. dim. (in.) ta b si z e in. (mm) std. pkg. qty. std. ctn. qty. bulk pkg. qty. bulk ctn. qty. awf dng18-250fl-c 22-18 red .126 .97 .36 .24 .250 x .032 (6.3x.8) 100 1000 1000 6000 dng14-250fl-c 16-14 blue .150 .97 .36 .25 .250 x .032 (6.3x.8) 100 1000 1000 6000 order the number of pieces required in multiples of standard package quantities. c = 100 pcs. and m = 1000 pcs. part number wire range color code max. ins. dim. (in.) ta b si z e std. pkg. qty. std. ctn. qty. bulk pkg. qty. bulk ctn. qty. awf dnf18-250fimb-l 22-18 red .136 .91 .45 .35 .250 x .032 50 500 500 3000 dnf14-250fimb-l 16-14 blue .160 .91 .45 .34 .250 x .032 50 500 500 3000 *oversized housing design will mate with receptacles up to .390" wide and . 235" high (.285" high for parts with orientation bump). order the number of pieces required in multiples of standard package quantities. l = 50 pcs., d = 500 pcs., and m = 1000 pcs. * * listed certified certified recognized pan-term ? disconnects supra-grip ? female disconnects nylon fully pre-insulated ? funnel entry ? integrated metal insulation grip to meet double crimp requirements ? color coded insulation ? internal wire barrel serrations for maximum wire tensile strength ? tab size clearly marked on insulation housing ? tin plated brass stamping ? wire stop male/female couplers nylon fully pre-insulated - funnel entry ? insulation support ? internal wire stop forms in-line disconnectable splice. helps prevent shorting or shocks when disconnecting live circuits. keyed for proper orientation. each can be used alone as a fully pre-insulated disconnect.


▲Up To Search▲   

 
Price & Availability of DNF18-250FIM-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X