Part Number Hot Search : 
120N1 TYN606 E28F400 3LC76BT FDG63 PCP1203 FSM105 LA1175
Product Description
Full Text Search
 

To Download CE451100151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   power entry modules with line filter ce www.schurter.com/pg0 6 emc products iec appliance inlet c14 with filter, fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without vol - tage selector (series-parallel) fuse drawer and voltage selector insert must be ordered separately. standard- or medical-filter c14 70 c description - panel mount: screw-on mounting from front side - 4 functions: appliance inlet, fuseholder with interchangeable fuse drawer for fuse- links 5 x 20 mm or 6.3 x 32 mm 1- or 2-pole, voltage selectors (se - ries-parallel), line filter in standard and medical version - quick connect terminals 4.8 x 0.8 mm approvals - vde certificate number: 40004665 (fka, fkb) - ul file number: e72928 (fka, fkb) characteristics - all single elements are already partially wired - for added safety "extra-safe" fuse drawers are available fuse drawer meets requirements of medical standard iec/en 60601-1 the fuse drawer can only be opened with the aid of a tool the fuseholder is accessible from the equipment front - qualified for use in equipment according iec/en 60950 references alternative: version without line filter k e weblinks pd f , general product informatio n , approval s , roh s , china-roh s , mating connector s , e-stor e , schurter-stock-chec k , distributor- stock-chec k , accessorie s newly available variants corresponding to v-lock mating cordset. the connector is equipped with a notch intended for use with the latching cordset. the cord latching system prevents against accidental removal of the cordset. technical data ratings iec 1 - 10 a @ ta 40 c / 250 vac; 50 hz ratings ul/csa 1 - 10 a @ ta 40 c / 125 vac; 60 hz leakage current standard < 0.5 ma (250 v / 60 hz) medical < 5 a (250 v / 60 hz) dielectric strength > 1.7 kvdc between l-n > 2.7 kvdc between l/n-pe test voltage (2 sec) allowable operation temp. -25 c to 85 c climatic category 25/085/21 acc. to iec 60068-1 degree of protection from front side ip 40 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal quick connect terminals 4.8 x 0.8 mm panel thickness s screw: max 8 mm mounting screw torque max 0.5 nm material: housing thermoplastic, black, ul 94v-0 appliance-inlet/-outlet c14 acc. to iec/en 60320-1, ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 1 fuseholder 1 or 2 pole, shocksafe category pc2 acc. to iec 60127-6, for fuse-links 5 x 20 or 6.3 x 32 mm rated power acceptance @ ta 23 c 5 x 20: 2.5 w (1 pole)/ 2 w (2-pole) per pole 6.3 x 32: 3.15 w (1 pole)/ 2.5 w (2-pole) per pole power acceptance @ ta > 23c admissible power acceptance at hig - her ambient temperature see derating curves voltage selectors series-parallel, 4, 3 or 2 switch positions or usable as 2-pole change-over switch line filter standard and medical version, iec 60939, iec 60601-1, ul 1283, ul 544, en 133 200, csa c22.2 no. 8 technical detail s mtbf > 1'400'000 h acc. to mil-hb-217 f
 power entry modules with line filter ce www.schurter.com/pg0 6 emc products dimensions 69 mm 52.2 61.5 30 55 r 4.5 r 6 r 3.1 53.5 +0.3 0 0.15 69.5 27.2 ? 3.2 ? 6.3x90? 28.5 +0.3 0 r 3 0 -0.2 61.5 230 m3/? 3.6 69 2.8 56 2 4.8x0.8 4.8x0.8 technical data of filter-components rated current [a] filter-type inductances l [mh] capacitance cx [nf] capacitance cy [nf] r [m ? ] 1 standard version 2 x 10 68 2.2 - 2 standard version 2 x 4 68 2.2 - 4 standard version 2 x 1.5 68 2.2 - 6 standard version 2 x 0.8 68 2.2 - 10 standard version 2 x 0.3 68 2.2 - 1 medical version (m5) 2 x 10 68 - 1 2 medical version (m5) 2 x 4 68 - 1 4 medical version (m5) 2 x 1.5 68 - 1 6 medical version (m5) 2 x 0.8 68 - 1 10 medical version (m5) 2 x 0.3 68 - 1 2 medical version (m80) 2 x 4 68 0.47 1 diagrams standard version 1) line 2) load x) external connection to be made by the customer medical version 1) line 2) load x) external connection to be made by the customer derating curves fuses 5 x 20 mm (1-pole) admissible power ac - ceptance in watt 1.5 1.0 0.5 0.0 2.5 2.0 0 2 0 4 0 6 0 8 0 100 i = < < i n i = 0.7 i n i = 1.0 i n ambient air temperature ta c fuses 5 x 20 mm (2-pole, per pole) admissible power ac - ceptance in watt per pole 0 2 0 4 0 6 0 8 0 100 i = < < i n i = 0.7 i n i = 1.0 i n 2.0 1.5 1.0 0.5 0.0 ambient air temperature ta c fuses 6.3 x 32 mm (1-pole) admissible power ac - ceptance in watt 0 2 0 4 0 6 0 8 0 1 00 1.5 1.0 0.5 0.0 2.5 3.15 2.0 i = < < i n i = 0.7 i n i = 1.0 i n ambient air temperature ta c fuses 6.3 x 32 mm (2-pole, per pole) admissible power ac - ceptance in watt per pole 1.5 1.0 0.5 0.0 2.5 2.0 0 2 0 4 0 6 0 8 0 100 i = < < i n i = 0.7 i n i = 1.0 i n ambient air temperature ta c
 power entry modules with line filter ce www.schurter.com/pg0 6 emc products attenuation loss - - - - differential mode _____ common mode standard version 1 a 2 a 4 a 6 a 10 a medical version (m5) 1 a 2 a 4 a 6 a 10 a variants fuse drawer and voltage selector insert must be ordered separately. rated current [a] filter-type fuseholder order number 1 standard version 1-pole ce16.5100.151 2 standard version 1-pole ce26.5100.151 4 standard version 1-pole ce36.5100.151 6 standard version 1-pole ce45.1100.151 6 standard version 1-pole ce46.5100.151 10 standard version 1-pole ce66.5100.151 1 standard version 2-pole ce10.6100.151 2 standard version 2-pole ce20.6100.151 4 standard version 2-pole ce30.6100.151 6 standard version 2-pole ce40.6100.151 10 standard version 2-pole ce60.6100.151 1 medical version (m5) 2-pole ceg0.6100.151 2 medical version (m5) 2-pole cea0.6100.151 4 medical version (m5) 2-pole cec0.6100.151 6 medical version (m5) 2-pole cee0.6100.151 10 medical version (m5) 2-pole cel0.6100.151 technical data of filter-components rated current [a] filter-type inductances l [mh] capacitance cx [nf] capacitance cy [nf] r [m ? ] 1 standard version 2 x 10 68 2.2 - 2 standard version 2 x 4 68 2.2 - 4 standard version 2 x 1.5 68 2.2 - 6 standard version 2 x 0.8 68 2.2 - 10 standard version 2 x 0.3 68 2.2 - 1 medical version (m5) 2 x 10 68 - 1 2 medical version (m5) 2 x 4 68 - 1 4 medical version (m5) 2 x 1.5 68 - 1 6 medical version (m5) 2 x 0.8 68 - 1 10 medical version (m5) 2 x 0.3 68 - 1 2 medical version (m80) 2 x 4 68 0.47 1
 power entry modules with line filter ce www.schurter.com/pg0 6 emc products rated current [a] filter-type fuseholder order number 2 medical version (m80) 2-pole ceb0.6100.151 packaging unit 10 pcs required accessor y description jumper wire 1 connection with stranded cable type a, 70 0881.0074 type a, 100 0881.0075 type b, 70 0881.0076 type b, 100 0881.0077 fusedrawer 1 fusedrawer for fuse links 5x20mm resp.. 6.3x32mm 5 x 20, 2-pole 4305.0001 5 x 20, 1-pole 4305.0006 6.3 x 32, 2-pole 4305.0011 6.3 x 32, 1-pole 4305.0016 ... voltage selectors insert 1 voltage selector insert to ke, ce, kg, cg 3 or 4 switch positions 4305.0048.00 1, 3 or 4 switch positions, 100, 120, 220, 240 4305.0048.01 3, 3 or 4 switch positions, 130, 110, 240, 220 4305.0048.02 2, 2 switch positions, 110, 220 4305.0048.03 ... accessorie s assorted cover s rear cover 0859.0108 cord retaining kit s cord retaining strain relief flat head, a 4700.0001
 power entry modules with line filter ce www.schurter.com/pg0 6 emc products mating outlets/connector s category / description appliance outletoverview complet e iec appliance outlet f, screw-on mounting, front side, solder terminal 478 7 iec appliance outlet f, snap-in mounting, front side, solder or quick-connect terminal 478 8 iec appliance outlet f or h, screw-on mounting, front side, solder, pcb or quick-connect terminal 509 1 iec appliance outlet f or h, screw-on mounting, front side, solder or quick-connect terminal 509 2 appliance outletfurther types toc e connectoroverview complet e iec connector c15, rewireable, straight 010 1 iec connector c15a, rewireable, straight 010 2 iec connector c15a, rewireable, straight 0102- g iec connector c15a, rewireable, angled 011 2 iec connector c13, rewireable, angled 401 2 connectorfurther types toc e ... power cordoverview complet e power cord with iec connector c13, angled 031 1 power cord with iec connector c13, angled 301 1 power cord with iec connector c13, angled 301 2 power cord with iec connector c13, angled 301 3 power cord with iec connector c13 302 0 power cordfurther types toc e ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of CE451100151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X