Part Number Hot Search : 
ZMY36B C015B 1C101 UPC8126K SOT539A 2N6285 1CQ2D TFS70AG
Product Description
Full Text Search
 

To Download CD214A-F150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CD214A-F150~f1600 fast response rectifiers *rohs directive 2002/95/ec jan 27 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. features lead free device (rohs compliant*) glass passivated chip low reverse leakage current low forward voltage drop high current capability general information electrical characteristics (@ t a = 25 ? unless otherwise noted) the markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. bourns offers glass passivated rectifiers for rectification applications, in compac t chip do-214ac (sma) size format, which offer pcb real estate savings and are considerably smaller than most competitive parts. the g lass passivated rectifier diodes offer a forward current of 1.0 a with a choice of repetitive peak reverse voltage of 50 v up to 600 v. bourns chip diodes conform to jedec standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. thermal characteristics (@ t a = 25 ? unless otherwise noted) parameter symbol cd214a- unit f150 f1100 f1150 f1200 f1400 f1600 maximum repetitive peak reverse voltage v rrm 50 100 150 200 400 600 v maximum rms voltage v rms 35 70 105 140 280 420 v maximum dc blocking voltage v dc 50 100 150 200 400 600 v maximum average forward rectified current 1 i (av) 1.0 a dc reverse current @ rated dc blocking voltage (@t j = 25 ?) i r 5.0 ? dc reverse current @ rated dc blocking voltage (@t j = 125 ?) i r 50.0 ? typical junction capacitance 2 c j 10 pf maximum instantaneous forward voltage @ 1 a v f 0.95 1.25 1.7 v typical thermal resistance 3 r ja 34 ?/w peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 25 a maximum reverse recovery time 4 t rr 35 ns notes: 1 see forward derating curve. 2 measured at 1 mhz and an applied reverse voltage of 4.0 v. 3 thermal resistance from junction to ambient and from junction to lead p.c.b. mounted on 0.2 x 0.2 ? (5.0 x 5.0 mm) copper pad areas. 4 reverse recovery test condition: if 0.5 a, ir = 1.0 a, irr = 0.25 a. parameter symbol CD214A-F150~f1600 unit operating temperature range t j -55 to +150 ? storage temperature range t stg -55 to +150 ? *rohs compliant
CD214A-F150~f1600 fast response rectifiers recommended pad layout how to order cd 214a - f 1 400 common code cd = chip diode package 214a = do214ac model series f = fast response forward current 1 = 1 a reverse voltage 50 = 50 v 100 = 100 v 150 = 150 v 200 = 200 v 400 = 400 v 600 = 600 v CD214A-F150 ............................................................................ f1a cd214a-f1100 .......................................................................... f1b cd214a-f1150 .......................................................................... f1c cd214a-f1200 .......................................................................... f1d cd214a-f1400 .......................................................................... f1g cd214a-f1600 .......................................................................... f1j typical part marking product dimensions this is a lead free product using 100 % sn termination. it is a molded plastic package. a cathode band indicates the polarity. the package weighs approximately 0.064 g. the package and dimensions are shown below. 4.00 - 4.60 (0.160 - 0.180) 2.29 - 2.92 (0.090 - 0.115) 2.00 - 2.43 (0.079 - 0.103) 0.76 - 1.27 (0.03 - 0.06) 4.83 - 5.59 (0.190 - 0.220) 0.05 - 0.20 (0.002 - 0.008) 0.15 - 0.31 (0.006 - 0.012) 1.27 - 1.63 (0.05 - 0.064) mm (inches) dimensions: mm (inches) dimensions: 2.69 (0.106) max. 2.10 (0.083) min. 1.27 (0.050) min. specifications are subject to change without notice. customers should verify actual device performance in their specific applications.
CD214A-F150~f1600 fast response rectifiers packaging information the product will be dispensed in tape and reel format (see diagram below). ....... ....... ....... ....... ....... ....... ....... ....... p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d devices are packed in accordance with eia standard rs-481-a and specifications shown here. mm (inches) dimensions: item symbol sma (do-214ac) carrier width a 2.90 ?.10 (0.114 ?.004) carrier length b 5.59 ?.10 (0.220 ?.004) carrier depth c 2.36 ?.10 (0.093 ?.004) sprocket hole d 1.55 ?.05 (0.061 ?.002) reel outside diameter d 330 (12.992) reel inner diameter d 1 50.0 (1.969) min. feed hole diameter d 2 13.0 ?.20 (0.512 ?.008) sprocket hole position e 1.75 ?.10 (0.069 ?.004) punch hole position f 5.50 ?.05 (0.217 ?.002) punch hole pitch p 4.00 ?.10 (0.157 ?.004) sprocket hole pitch p 0 4.00 ?.10 (0.157 ?.004) embossment center p 1 2.00 ?.05 (0.079 ?.002) overall tape thickness t 0.30 ?.10 (0.012 ?.004) tape width w 12.00 ?.20 (0.472 ?.008) reel width w 1 18.4 (0.724) max. quantity per reel 5,000 specifications are subject to change without notice. customers should verify actual device performance in their specific applications.
CD214A-F150~f1600 fast response rectifiers specifications are subject to change without notice. customers should verify actual device performance in their specific applications. performance graphs reliable electronic solutions asia-pacific: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com copyright? 2005, bourns, inc. litho in u.s.a., ipa0508 10/05 forward current derating curve maximum non-repetitive surge current typical forward characteristics typical reverse characteristics typical junction capacitance ambient temperature (c) 70 150 130 0 50 110 90 170 resistive or inductive load average forward current (amps) 1.0 0.5 0 1 10 100 number of cycles at 60 hz pulse width 8.3 ms single half sine-wave (jedec method) 30 20 25 15 5 10 0 peak forward surge current (amps) f1100-f1400 f1600 0.2 0.6 1.4 1.0 1.8 2.2 instantaneous forward voltage (volts) pulsewidth: 300 s 1% duty cycle 10.00 1.00 0.10 0.01 instantaneous forward current (amps) f50-f100 f600 f200- f400 0.1 1.0 10 100 instantaneous reverse leakage current (ma) 0 20 40 60 80 100 110 percent of rated peak reverse voltage (%) tj = 100 c tj = 125 c 0.1 0.4 4 40 0.2 2 20 10 1.0 100 reverse voltage (volts) 200 10 20 40 60 100 1 2 4 6 junction capacitance (pf) t j = 25 c


▲Up To Search▲   

 
Price & Availability of CD214A-F150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X