Part Number Hot Search : 
AK439312 AT40K05 PCA9553 27C020 E5027 BT159 SCS210AM 74LS33
Product Description
Full Text Search
 

To Download CAT5411YI-00-T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 january, 2011 ? rev. 11 1 publication order number: cat5411/d cat5411 dual digitally program- mable potentiometers (dpp  ) with 64 taps and spi interface description the cat5411 is two digitally programmable potentiometers (dpps  ) integrated with control logic and 16 bytes of nvram memory. each dpp consists of a series of 63 resistive elements connected between two externally accessible end points. the tap points between each resistive element are connected to the wiper outputs with cmos switches. a separate 6 ? bit control register (wcr) independently controls the wiper tap switches for each dpp. associated with each wiper control register are four 6 ? bit non ? volatile memory data registers (dr) used for storing up to four wiper settings. writing to the wiper control register or any of the non ? volatile data registers is via a spi serial bus. on power ? up, the contents of the first data register (dr0) for each of the two potentiometers is automatically loaded into its respective wiper control register. the cat5411 can be used as a potentiometer or as a two terminal, variable resistor. it is intended for circuit level or system level adjustments in a wide variety of applications. features ? two linear ? taper digitally programmable potentiometers ? 64 resistor taps per potentiometer ? end to end resistance 2.5 k  , 10 k  , 50 k  or 100 k  ? potentiometer control and memory access via spi interface: mode (0, 0) and (1, 1) ? low wiper resistance, typically 80  ? nonvolatile memory storage for up to four wiper settings for each potentiometer ? automatic recall of saved wiper settings at power up ? 2.5 to 6.0 volt operation ? standby current less than 1  a ? 24 ? lead soic and 24 ? lead tssop ? industrial temperature ranges ? these devices are pb ? free, halogen free/bfr free and are rohs compliant http://onsemi.com tssop ? 24 y suffix case 948ar pin connections soic ? 24 (w) (top view) nc v cc r l0 r h0 1 r w0 cs nc nc nc a 0 soic ? 24 w suffix case 751bk see detailed ordering and shipping information in the package dimensions section on page 15 of this data sheet. ordering information so hold sck nc nc wp si a 1 r l1 r h1 cat5411 nc nc r w1 gnd tssop ? 24 (y) (top view) cat5411 wp cs r w0 r h0 r l0 v cc nc nc nc nc a 0 so si a 1 r l1 r h1 r w1 gnd nc nc nc nc sck hold 1
cat5411 http://onsemi.com 2 l = assembly location 3 = lead finish ? matte ? tin b = product revision (fixed as ?b?) cat = fixed as ?cat? 5411w = device code t = temperature range (i = industrial) ? = dash rr = resistance 25 = 2.5 k  10 = 10 k  50 = 50 k  00 = 100 k  y = production year (last digit) m = production month (1 ? 9, o, n, d) xxxx = last four digits of assembly lot number l3b cat5411wt ? rrymxxxx r = resistance 1 = 2.5 k  2 = 10 k  4 = 50 k  5 = 100 k  l = assembly location b = product revision (fixed as ?b?) cat5411y = device code t = temperature range (i = industrial) 3 = lead finish ? matte ? tin y = production year (last digit) m = production month (1 ? 9, o, n, d) xxx = last three digits of assembly lot number rlb cat5411yt 3ymxxx marking diagrams (tssop ? 24) (soic ? 24)
cat5411 http://onsemi.com 3 figure 1. functional diagram so si sck a0 a1 nonvolatile data registers wiper control registers control logic spi bus interface r w0 r w1 r h0 r h1 r l0 r l1 wp cs pin descriptions si: serial input si is the serial data input pin. this pin is used to input all opcodes, byte addresses and data to be written to the cat5411. input data is latched on the rising edge of the serial clock. so: serial output so is the serial data output pin. this pin is used to transfer data out of the ca t5411. during a read cycle, data is shifted out on the falling edge of the serial clock. sck: serial clock sck is the serial clock pin. this pin is used to synchronize the communication between the microcontroller and the cat5411. opcodes, byte addresses or data present on the si pin are latched on the rising edge of the sck. data on the so pin is updated on the falling edge of the sck. a0, a1: device address inputs these inputs set the device address when addressing multiple devices. a total of four devices can be addressed on a single bus. a match in the slave address must be made with the address input in order to initiate communication with the cat5411. r h , r l : resistor end points the four sets of r h and r l pins are equivalent to the terminal connections on a mechanical potentiometer. r w : wiper the four r w pins are equivalent to the wiper terminal of a mechanical potentiometer. cs : chip select cat5251 and cs high disables the cat5411. cs high takes the so output pin to high impedance and forces the devices into a standby mode (unless an internal write operation is underway). the ca t5411 draws zero current in the standby mode. a high to low transition on cs is required prior to any sequence being initiated. a low to high transition on cs after a valid write sequence is what initiates an internal write cycle. wp : write protect wp is the write protect pin. the write protect pin will allow normal read/write operations when held high. when wp is tied low, all non ? volatile write operations to the data registers are inhibited (change of wiper control register is allowed). wp going low while cs is still low will interrupt a write to the registers. if the internal write cycle has already been initiated, wp going low will have no effect on any write operation. hold : hold the hold pin is used to pause transmission to the cat5411 while in the middle of a serial sequence without having to re ? transmit entire sequence at a later time. to pause, hold must be brought low while sck is low. the so pin is in a high impedance state during the time the part is paused, and transitions on the si pins will be ignored. to resume communication, hold is brought high, while sck is low. (hold should be held high any time this function is not being used.) hold may be tied high directly to v cc or tied to v cc through a resistor.
cat5411 http://onsemi.com 4 table 1. pin connections pin soic pin tssop name function 1 19 v cc supply voltage 2 20 r l0 low reference terminal for potentiometer 0 3 21 r h0 high reference terminal for potentiometer 0 4 22 r w0 wiper terminal for potentiometer 0 5 23 cs chip select 6 24 wp write protection 7 1 si serial input 8 2 a 1 device address 9 3 r l1 low reference terminal for potentiometer 1 10 4 r h1 high reference terminal for potentiometer 1 11 5 r w1 wiper terminal for potentiometer 1 12 6 gnd ground 13 7 nc no connect 14 8 nc no connect 15 9 nc no connect 16 10 nc no connect 17 11 sck bus serial clock 18 12 hold hold 19 13 so serial data output 20 14 a 0 device address, lsb 21 15 nc no connect 22 16 nc no connect 23 17 nc no connect 24 18 nc no connect device operation the cat5411 is two resistor arrays integrated with spi serial interface logic, two 6 ? bit wiper control registers and eight 6 ? bit, non ? volatile memory data registers. each resistor array contains 63 separate resistive elements connected in series. the physical ends of each array are equivalent to the fixed terminals of a mechanical potentiometer (r h and r l ). r h and r l are symmetrical and may be interchanged. the tap positions between and at the ends of the series resistors are connected to the output wiper terminals (r w ) by a cmos transistor switch. only one tap point for each potentiometer is connected to its wiper terminal at a time and is determined by the value of the wiper control register. data can be read or written to the wiper control registers or the non ? volatile memory data registers via the spi bus. additional instructions allow data to be transferred between the wiper control registers and each respective potentiometer?s non ? volatile data registers. also, the device can be instructed to operate in an ?increment/decrement? mode. serial bus protocol the cat5041 supports the spi bus data transmission protocol. the synchronous serial peripheral interface (spi) helps the cat5411 to interface directly with many of today?s popular microcontrollers. the cat5041 contains an 8 ? bit instruction register. the instruction set and the operation codes are detailed in the instruction set table 12. after the device is selected with cs going low the first byte will be received. the part is accessed via the si pin, with data being clocked in on the rising edge of sck. the first byte contains one of the six op ? codes that define the operation to be performed. table 2. reliability characteristics (over recommended operating conditions unless otherwise stated.) symbol parameter reference test method min typ max units n end (note 1) endurance mil ? std ? 883, test method 1033 1,000,000 cycles/byte tdr (note 1) data retention mil ? std ? 883, test method 1008 100 years v zap (note 1) esd susceptibility mil ? std ? 883, test method 3015 2000 volts i lth (note 1) latch ? up jedec standard 17 100 ma 1. this parameter is tested initially and after a design or process change that affects the parameter.
cat5411 http://onsemi.com 5 table 3. absolute maximum ratings parameters ratings units temperature under bias ? 55 to +125 c storage temperature range ? 65 to +150 c voltage to any pins with respect to v ss (notes 2, 3) ? 2.0 to v cc +2.0 v v cc with respect to gnd ? 2.0 to +7.0 v package power dissipation capability (t a = 25 c) 1.0 w lead soldering temperature (10 s) 300 c wiper current 12 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 2. the minimum dc input voltage is ?0.5 v. during transitions, inputs may undershoot to ?2.0 v for periods of less than 20 ns. m aximum dc voltage on output pins is v cc +0.5 v, which may overshoot to v cc +2.0 v for periods of less than 20 ns. 3. latch ? up protection is provided for stresses up to 100 ma on address and data pins from ?1 v to v cc +1 v. table 4. recommended operating conditions parameters ratings units v cc +2.5 to 6.0 v industrial temperature ? 40 to +85 c table 5. potentiometer characteristics (over recommended operating conditions unless otherwise stated.) symbol parameter test conditions min typ max units r pot potentiometer resistance ( ? 00) 100 k  r pot potentiometer resistance ( ? 50) 50 k  r pot potentiometer resistance ( ? 10) 10 k  r pot potentiometer resistance ( ? 25) 2.5 k  potentiometer resistance tolerance +20 % r pot matching 1 % power rating 25 c, each pot 50 mw i w wiper current +6 ma r w wiper resistance i w = +3 ma @ v cc = 3 v 300  r w wiper resistance i w = +3 ma @ v cc = 5 v 80 150  v term voltage on any r h or r l pin v ss = 0 v gnd v cc v v n noise (note 4) nv/ hz resolution 1.6 % absolute linearity (note 5) r w(n)(actual) ? r (n)(expected) (note 8) +1 lsb (note 7) relative linearity (note 6) r w(n+1) ? [r w(n)+lsb ] (note 8) +0.2 lsb (note 7) tc rpot temperature coefficient of r pot (note 4) +300 ppm/ c tc ratio ratiometric temp. coefficient (note 4) 20 ppm/ c c h /c l /c w potentiometer capacitances (note 4) 10/10/25 pf fc frequency response r pot = 50 k  (note 4) 0.4 mhz 4. this parameter is tested initially and after a design or process change that affects the parameter. 5. absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer. 6. relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. it is a measure of the error in step size. 7. lsb = r tot / 63 or (r h ? r l ) / 63, single pot 8. n = 0, 1, 2, ..., 63
cat5411 http://onsemi.com 6 table 6. d.c. operating characteristics (over recommended operating conditions unless otherwise stated.) symbol parameter test conditions min max units i cc power supply current f sck = 2 mhz, so open inputs = gnd 1 ma i sb standby current (v cc = 5 v) v in = gnd or v cc ; so open 1  a i li input leakage current v in = gnd to v cc 10  a i lo output leakage current v out = gnd to v cc 10  a v il input low voltage ? 1 v cc x 0.3 v v ih input high voltage v cc x 0.7 v cc + 1.0 v v ol1 output low voltage (v cc = 3 v) i ol = 3 ma 0.4 v table 7. pin capacitance (note 9) (applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +5.0 v (unless otherwise noted).) symbol test conditions min typ max units conditions c out output capacitance (so) 8 pf v out = 0 v c in input capacitance (cs , sck, si, wp , hold ) 6 pf v in = 0 v table 8. power up timing (note 9) (over recommended operating conditions unless otherwise stated.) symbol parameter min typ max units t pur (note 10) power ? up to read operation 1 ms t puw (note 10) power ? up to write operation 1 ms 9. this parameter is tested initially and after a design or process change that affects the parameter. 10. t pur and t puw are the delays required from the time v cc is stable until the specified operation can be initiated.
cat5411 http://onsemi.com 7 table 9. electrical characteristics (over recommended operating conditions unless otherwise stated.) symbol parameter test conditions min typ max units t su data setup time 50 ns t h data hold time 50 ns t wh sck high time 125 ns t wl sck low time 125 ns f sck clock frequency dc 3 mhz t lz hold to output low z 50 ns t ri (note 11) input rise time 2  s t fi (note 11) input fall time 2  s t hd hold setup time c l = 50 pf 100 ns t cd hold hold time 100 ns t wc write cycle time 5 ms t v output valid from clock low 250 ns t ho output hold time 0 ns t dis output disable time 250 ns t hz hold to output high z 100 ns t cs cs high time 250 ns t css cs setup time 250 ns t csh cs hold time 250 ns 11. this parameter is tested initially and after a design or process change that affects the parameter. table 10. potentiometer ac characteristics symbol parameter max units t wrl wiper response time after instruction issued (all load instructions) 10  s t wrid wiper response time from an active sck edge (increment/decrement instruction) 5  s valid in hi ? z hi ? z sck si so figure 2. synchronous data timing t dis t csh v ih v il v ih v il v ih v il cs t css v oh v ol t cs t ho t wl t v t ri t fi t su t h t wh
cat5411 http://onsemi.com 8 figure 3. hold timing sck so high impedance t lz t hd t cd t hd t cd t hz hold cs instruction and register description device type / address byte the first byte sent to the cat5411 from the master/ processor is called the device address byte. the most significant four bits of the device type address are a device type identifier. these bits for the cat5411 are fixed at 0101[b] (refer to figure 4). the two least significant bits in the slave address byte, a1 ? a0, are the internal slave address and must match the physical device address which is defined by the state of the a1 ? a0 input pins for the cat5411 to successfully continue the command sequence. only the device which slave address matches the incoming device address sent by the master executes the instruction. the a1 ? a0 inputs can be actively driven by cmos input signals or tied to v cc or v ss . the remaining two bits in the device address byte must be set to 0. instruction byte the next byte sent to the ca t5411 contains the instruction and register pointer information. the four most significant bits used provide the instruction opcode i [3:0]. the r1 and r0 bits point to one of the four data registers of each associated potentiometer. the least two significant bits point to one of two w iper control registers. the format is shown in figure 5. table 11. data register selection data register selected r1 r0 dr0 0 0 dr1 0 1 dr2 1 0 dr3 1 1 figure 4. identification byte format 0101 device type identifier (msb) id3 id2 id1 id0 0 0 a1 a0 0101 (msb) (lsb) device type identifier slave address figure 5. instruction byte format i3 i2 i1 i0 r1 r0 0 p0 (msb) (lsb) instruction opcode data register selection wcr/pot selection figure 6. potentiometer timing (for all load instructions) sck si lsb msb so high impedance cs v w /r w . . . . . . t wrl
cat5411 http://onsemi.com 9 wiper control and data registers wiper control register (wcr) the cat5411 contains two 6 ? bit wiper control registers, one for each potentiometer. the wiper control register output is decoded to select one of 64 switches along its resistor array. the contents of the wcr can be altered in four ways: it may be written by the host via write wiper control register instruction; it may be written by transferring the contents of one of four associated data registers via the xfr data register instruction, it can be modified one step at a time by the increment/decrement instruction (see instruction section for more details). finally, it is loaded with the content of its data register zero (dr0) upon power ? up. the wiper control register is a volatile register that loses its contents when the ca t5411 is powered ? down. although the register is automatically loaded with the value in dr0 upon power ? up, this may be dif ferent from the value present at power ? down. data registers (dr) each potentiometer has four 6 ? bit non ? volatile data registers. these can be read or written directly by the host. data can also be transferred between any of the four data registers and the associated wiper control register. any data changes in one of the data registers is a non ? volatile operation and will take a maximum of 5 ms. write in process the contents of the data registers are saved to nonvolatile memory when the cs input goes high after a write sequence is received. the status of the internal write cycle can be monitored by issuing a read status command to read the write in process (wip) bit. instructions four of the ten instructions are three bytes in length. these instructions are: ? read wiper control register ? read the current wiper position of the selected potentiometer in the wcr ? write wiper control register ? change current wiper position in the wcr of the selected potentiometer ? read data register ? read the contents of the selected data register ? write data register ? write a new value to the selected data register ? read status ? read the status of the wip bit which when set to ?1? signifies a write cycle is in progress. table 12. instruction set ( note: 1/0 = data is one or zero) instruction instruction set operations i3 i2 i1 i0 r1 r0 0 wcr 0 / p0 read wiper control register 1 0 0 1 0 0 0 1/0 read the contents of the wiper control register pointed to by p0 write wiper control register 1 0 1 0 0 0 0 1/0 write new value to the wiper control register pointed to by p0 read data register 1 0 1 1 1/0 1/0 0 1/0 read the contents of the data register pointed to by p0 and r1 ? r0 write data register 1 1 0 0 1/0 1/0 0 1/0 write new value to the data register pointed to by p0 and r1 ? r0 xfr data register to wiper control register 1 1 0 1 1/0 1/0 0 1/0 transfer the contents of the data register pointed to by p0 and r1 ? r0 to its associated wiper control register xfr wiper control register to data register 1 1 1 0 1/0 1/0 0 1/0 transfer the contents of the wiper control register pointed to by p0 to the data register pointed to by r1 ? r0 global xfr data registers to wiper control registers 0 0 0 1 1/0 1/0 0 0 transfer the contents of the data registers pointed to by r1 ? r0 of all four pots to their respective wiper control registers global xfr wiper control registers to data register 1 0 0 0 1/0 1/0 0 0 transfer the contents of both wiper control registers to their respective data registers pointed to by r1 ? r0 of all four pots increment/decrement wiper control register 0 0 1 0 0 0 0 1/0 enable increment/decrement of the control latch pointed to by p0 read status 0 1 0 1 0 0 0 1 read wip bit to check internal write cycle status
cat5411 http://onsemi.com 10 the basic sequence of the three byte instructions is illustrated in figure 8. these three ? byte instructions exchange data between the wcr and one of the data registers. the wcr controls the position of the wiper. the response of the wiper to this action will be delayed by t wrl . a transfer from the wcr (current wiper position), to a data register is a write to non ? volatile memory and takes a minimum of t wr to complete. the transfer can occur between one of the four potentiometers and one of its associated registers; or the transfer can occur between all potentiometers and one associated register. four instructions require a two ? byte sequence to complete, as illustrated in figure 7. these instructions transfer data between the host/processor and the ca t5411; either between the host and one of the data registers or directly between the host and the wiper control register. these instructions are: ? xfr data register to wiper control register this transfers the contents of one specified data register to the associated wiper control register. ? xfr wiper control register to data register this transfers the contents of the specified wiper control register to the specified associated data register. ? global xfr data register to wiper control register this transfers the contents of all specified data registers to the associated wiper control registers. ? global xfr wiper counter register to data register this transfers the contents of all wiper control registers to the specified associated data registers. increment/decrement command the final command is increment/decrement (figures 9 and 10). the increment/decrement command is different from the other commands. once the command is issued the master can clock the selected wiper up and/or down in one segment steps; thereby providing a fine tuning capability to the host. for each sck clock pulse (t high ) while si is high, the selected wiper will move one resistor segment towards the r h terminal. similarly, for each sck clock pulse while si is low, the selected wiper will move one resistor segment towards the r l terminal. see instructions format for more detail. 0101 a2 a0 i2 i1 i0 r1 r0 0 si id3 id1 p0 device id internal instruction opcode address register address pot/wcr address a1 a3 i3 00 figure 7. two ? byte instruction sequence i3 i2 i1 i0 r1 r0 id3 id2 id1 id0 device id internal instruction opcode address data register address pot/wcr address wcr[7:0] or data register d[7:0] 0 10100 a2 a1 a0 0p0 si d7 d6 d5 d4 d3 d2 d1 d0 a3 figure 8. three ? byte instruction sequence i3 i2 i1 i0 id3 id2 id1 device id internal instruction opcode address data register address pot/wcr address 010100 a2 a1 a0 r0 0 p0 si i n c 1 i n c 2 i n c n d e c 1 d e c n r1 a3 figure 9. increment/decrement instruction sequence id2 id0 id0
cat5411 http://onsemi.com 11 sck si inc/dec command issued voltage out figure 10. increment/decrement timing limits t wrl r w instruction format table 13. read wiper control register (wcr) cs device address instruction data cs 0 1 0 1 0 0 a1 a0 1 0 0 1 0 0 0 p0 7 6 5 4 3 2 1 0 0 0 table 14. write wiper control register (wcr) cs device address instruction data cs 0 1 0 1 0 0 a1 a0 1 0 1 0 0 0 0 p0 7 6 5 4 3 2 1 0 0 0 table 15. read data register (dr) cs device address instruction data cs 0 1 0 1 0 0 a1 a0 1 0 1 1 r1 r0 0 p0 7 6 5 4 3 2 1 0 table 16. write data register (dr) cs device address instruction data cs high voltage write cycle 0 1 0 1 0 0 a1 a0 1 1 0 0 r1 r0 0 p0 7 6 5 4 3 2 1 0 table 17. read status (wip) cs device address instruction data cs 0 1 0 1 0 0 a1 a0 0 1 0 1 0 0 0 1 7 6 5 4 3 2 1 w 0 0 i p
cat5411 http://onsemi.com 12 instruction format (continued) table 18. global transfer data register (dr) to wiper control register (wcr) cs device address instruction cs 0 1 0 1 0 0 a1 a0 0 0 0 1 r1 r0 0 0 table 19. global transfer wiper control register (wcr) to data register (dr) cs device address instruction cs high voltage write cycle 0 1 0 1 0 0 a1 a0 1 0 0 0 r1 r0 0 0 table 20. transfer wiper control register (wcr) to data register (dr) cs device address instruction cs high voltage write cycle 0 1 0 1 0 0 a1 a0 1 1 1 0 r1 r0 0 p0 table 21. transfer data register (dr) to wiper control register (wcr) cs device address instruction cs 0 1 0 1 0 0 a1 a0 1 1 0 1 r1 r0 0 p0 table 22. increment (i)/decrement (d) wiper control register (wcr) cs device address instruction data cs 0 1 0 1 0 0 a1 a0 0 0 1 0 0 0 0 p0 i/d i/d i/d i/d . . . note: any write or transfer to the non ? volatile data registers is followed by a high voltage cycle after cs goes high.
cat5411 http://onsemi.com 13 package dimensions soic ? 24, 300 mils case 751bk ? 01 issue o e1 e a1 a2 e pin#1 identification b d c a top view side view end view  1  1 h h l notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec ms-013.  symbol min nom max a a1 b c d e e1 e h 0o 8o 0.10 0.31 0.20 0.25 15.20 10.11 7.34 1.27 bsc 2.65 0.30 0.51 0.33 0.75 15.40 10.51 7.60 l 0.40 1.27 2.35 a2 2.05 2.55 1 5o 15o
cat5411 http://onsemi.com 14 package dimensions tssop24, 4.4x7.8 case 948ar ? 01 issue a 1 a1 a2 d top view side view end view e e1 e b l c l1 a symbol min nom max a a1 a2 b c d e e1 e l1 0o 8o l 0.05 0.80 0.19 0.09 0.50 7.70 6.25 4.30 0.65 bsc 1.00 ref 1.20 0.15 1.05 0.30 0.20 0.70 7.90 6.55 4.50 notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-153. 0.60 7.80 6.40 4.40
cat5411 http://onsemi.com 15 example of ordering information (note 14) prefix device # suffix company id cat 5411 w product number 5411 i ? t1 package i = industrial ( ? 40 c to +85 c) temperature range w: soic y: tssop t: tape & reel 1: 1,000 units / reel (soic) 2: 2,000 units / reel (tssop) tape & reel (note 15) (optional) ? 10 resistance ? 25: 2.5 k  ? 10: 10 k  ? 50: 50 k  ? 00: 100 k  table 23. ordering information orderable part number resistance (k  ) package lead finish cat5411wi-25-t1 2.5 soic matte-tin cat5411wi-10-t1 10 cat5411wi-50-t1 50 cat5411wi-00-t1 100 cat5411yi-25-t2 2.5 tssop cat5411yi-10-t2 10 cat5411yi-50-t2 50 CAT5411YI-00-T2 100 cat5411wi25 2.5 soic cat5411wi10 10 cat5411wi50 50 cat5411wi00 100 cat5411yi25 2.5 tssop cat5411yi10 10 cat5411yi50 50 cat5411yi00 100 12. all packages are rohs ? compliant (lead ? free, halogen ? free). 13. the standard lead finish is matte ? tin. 14. the device used in the above example is a cat5411wi ? 10 ? t1 (soic, industrial temperature, 10 k  , tape & reel, 1,000/reel). 15. for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and ree l packaging specifications brochure, brd8011/d. on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. cat5411/d dpp is a trademark of semiconductor components industries, llc. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of CAT5411YI-00-T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X