Part Number Hot Search : 
A9557D ATC900C P100D 9575GI SWF634 89LPC925 MN103S U834BS
Product Description
Full Text Search
 

To Download BZX84B3V9W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0.2-oct.5.2009 bzx84b2v4w series surface mount silicon zener diodes voltage 2.4 to 75 volts power 200 mwatts features ? planar die construction ? 200mw power dissipation ? ideally suited for automated assembly processes ? in compliance with eu rohs 2002/95/ec directives mechanical data ? case: sot-323, molded plastic ? terminals: solderable per mil-std-750, method 2026 ? polarity: see diagram below ? approx. weight: 0.0048 grams ? mounting position: any maximum ratings and electrical characteristics notes: a. mounted on 5.0mm 2 (.013mm thick) land areas. single r e t e m a r a pl o b m y s e u l a vs t i n u t @ n o i t a p i s s i d r e w o p a 5 2 = o ) a e t o n ( cp d 0 0 2w m e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p o t j 0 5 1 + o t 5 5 - o c
page . 2 rev.0.2-oct.5.2009 bzx84b2v4w series r e b m u n t r a p e g a t l o v r e n e z l a n i m o ne c n a d e p m i r e n e z . x a m e s r e v e r x a m t n e r r u c e g a k a e l g n i k r a m e d o c v z @i zt z zt @i zt z zk @i zk i r @v r v . m o nv . n i mv . x a m a m a m a v s e d o i d r e n e z s t t a w m 0 0 2 w 4 v 2 b 4 8 x z b4 . 25 3 . 25 4 . 20 0 10 . 50 0 60 0 . 10 50 . 11 w w 7 v 2 b 4 8 x z b7 . 24 6 . 25 7 . 20 0 10 . 50 0 60 0 . 10 20 . 12 w w 3 b 4 8 x z b0 . 34 9 . 26 0 . 35 90 . 50 0 60 0 . 10 10 . 13 w w 3 v 3 b 4 8 x z b3 . 33 2 . 37 3 . 35 90 . 50 0 60 0 . 10 . 50 . 14 w w 6 v 3 b 4 8 x z b6 . 32 5 . 37 6 . 30 90 . 50 0 60 0 . 10 . 50 . 15 w w 9 v 3 b 4 8 x z b9 . 32 8 . 38 9 . 30 90 . 50 0 60 0 . 10 . 30 . 16 w w 3 v 4 b 4 8 x z b3 . 41 2 . 49 3 . 40 90 . 50 0 60 0 . 10 . 30 . 17 w w 7 v 4 b 4 8 x z b7 . 41 6 . 49 7 . 40 80 . 50 0 50 0 . 10 . 30 . 28 w w 1 v 5 b 4 8 x z b1 . 50 0 . 50 2 . 50 60 . 50 8 40 0 . 10 . 20 . 29 w w 6 v 5 b 4 8 x z b6 . 59 4 . 51 7 . 50 40 . 50 0 40 0 . 10 . 10 . 2a w w 2 v 6 b 4 8 x z b2 . 68 0 . 62 3 . 60 10 . 50 5 10 0 . 10 . 30 . 4b w w 8 v 6 b 4 8 x z b8 . 66 6 . 64 9 . 65 10 . 50 80 0 . 10 . 20 . 4c w w 5 v 7 b 4 8 x z b5 . 75 3 . 75 6 . 75 10 . 50 80 0 . 10 . 10 . 5d w w 2 v 8 b 4 8 x z b2 . 84 0 . 86 3 . 85 10 . 50 80 0 . 17 . 00 . 5e w w 7 v 8 b 4 8 x z b7 . 83 5 . 87 8 . 85 10 . 50 0 10 0 . 17 . 00 . 5c 7 8 w 1 v 9 b 4 8 x z b1 . 92 9 . 88 2 . 95 10 . 50 0 10 0 . 15 . 00 . 6f w w 0 1 b 4 8 x z b0 10 8 . 90 2 . 0 10 20 . 50 5 10 0 . 12 . 00 . 7g w w 1 1 b 4 8 x z b1 18 7 . 0 12 2 . 1 10 20 . 50 5 10 0 . 11 . 00 . 8h w w 2 1 b 4 8 x z b2 16 7 . 1 14 2 . 2 15 20 . 50 5 10 0 . 11 . 00 . 8i w w 3 1 b 4 8 x z b3 14 7 . 2 16 2 . 3 10 30 . 50 7 10 0 . 11 . 00 . 8k w w 4 1 b 4 8 x z b4 12 7 . 3 18 2 . 4 10 30 . 50 7 10 0 . 11 . 00 . 0 1j w w 5 1 b 4 8 x z b5 10 7 . 4 10 3 . 5 10 30 . 50 0 20 0 . 11 . 05 . 0 1l w w 6 1 b 4 8 x z b6 18 6 . 5 12 3 . 6 10 40 . 50 0 20 0 . 11 . 02 . 1 1m w w 7 1 b 4 8 x z b7 16 6 . 6 14 3 . 7 10 40 . 50 0 20 0 . 11 . 02 . 2 1c 7 1 w 8 1 b 4 8 x z b8 14 6 . 7 16 3 . 8 15 40 . 55 2 20 0 . 11 . 06 . 2 1n w w 0 2 b 4 8 x z b0 20 6 . 9 10 4 . 0 25 50 . 55 2 20 0 . 11 . 00 . 4 1o w w 2 2 b 4 8 x z b2 26 5 . 1 24 4 . 2 25 50 . 50 5 20 0 . 11 . 04 . 5 1p w w 4 2 b 4 8 x z b4 22 5 . 3 28 4 . 4 20 70 . 50 5 20 0 . 11 . 08 . 6 1r w w 7 2 b 4 8 x z b7 26 4 . 6 24 5 . 7 20 80 . 50 0 30 0 . 11 . 09 . 8 1s w w 8 2 b 4 8 x z b8 24 4 . 7 26 5 . 8 20 80 . 50 0 30 0 . 11 . 05 . 0 2c 8 2 w 0 3 b 4 8 x z b0 30 4 . 9 20 6 . 0 30 80 . 50 0 30 0 . 11 . 00 . 1 2t w w 3 3 b 4 8 x z b3 34 3 . 2 36 6 . 3 30 80 . 55 2 30 0 . 11 . 01 . 3 2u w w 6 3 b 4 8 x z b6 38 2 . 5 32 7 . 6 30 90 . 50 5 30 0 . 11 . 02 . 5 2w w w 9 3 b 4 8 x z b9 32 2 . 8 38 7 . 9 30 3 10 . 50 5 30 0 . 11 . 03 . 7 2x w w 3 4 b 4 8 x z b3 44 1 . 2 46 8 . 3 40 5 10 . 55 7 30 0 . 11 . 01 . 0 3y w w 7 4 b 4 8 x z b7 46 0 . 6 44 9 . 7 40 7 10 . 55 7 30 0 . 11 . 09 . 2 3z w w 1 5 b 4 8 x z b1 58 9 . 9 42 0 . 2 50 0 10 . 50 0 40 0 . 11 . 00 . 8 3a x w 6 5 b 4 8 x z b6 58 8 . 4 52 1 . 7 55 3 15 . 20 0 0 10 0 . 11 . 00 . 2 42 x w 2 6 b 4 8 x z b2 66 7 . 0 64 2 . 3 60 5 15 . 20 0 0 10 0 . 11 . 00 . 6 43 x w 8 6 b 4 8 x z b8 64 6 . 6 66 3 . 9 60 0 25 . 20 0 0 10 0 . 11 . 00 . 1 54 x w 5 7 b 4 8 x z b5 70 5 . 3 70 5 . 6 70 5 25 . 20 0 0 10 0 . 11 . 00 . 6 55 x
page . 3 rev.0.2-oct.5.2009 bzx84b2v4w series 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o 100 10 1 10 100 0.6 0.5 0.4 0.3 0.2 0.1 0 125 100 75 50 25 0 150 fig.2 temperature coefficent s fig.4 typica l forward vo l ta g e fig.1 s teady s tate power deratin g nomina l zener vo l ta g e,vo l t s forward vo l ta g e, vo l t s temperature ( c) o temperature coefficient,(mv/ c) o power di ss ipation, watts forward current,ma 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80 70 60 50 40 30 20 10 0 +150 c o +25 c o -55 c o fig.3 typica ll eaka g e current l eaka g e current,ua norma l zener vo l ta g e, vo l t s
page . 4 rev.0.2-oct.5.2009 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7? plastic reel order information legal statement copyright panjit international, inc 2009 the information presented in this document is believed to be accurate and reliable. the specifications and information herein are subject to change without notice. pan jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. pan jit products are not authorized for use in life support devices or systems. pan jit does not convey any license under its patent rights or rights of others. bzx84b2v4w series


▲Up To Search▲   

 
Price & Availability of BZX84B3V9W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X