Part Number Hot Search : 
DA152M APL5501 NTB18N06 DHCR15 BAV99S L4005 Z5221B 300DT
Product Description
Full Text Search
 

To Download BAS70SG-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd bas70x diode www.unisonic.com.tw 1 of 3 copyright ? 2012 unisonic technologies co., ltd qw-r601-017,c schottky barrier diodes ? description planar schottky barrier diodes encapsulated in the sot-23 small plastic smd package. single diodes and dual diodes with different pin configuration are available. ? features * low turn-on voltage * fast switching * ultra-small surface mount package * also available in lead free version ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 bas70l-ae3-r bas70g-ae3-r sot-23 x a k tape reel bas70al-ae3-r bas70ag-ae3-r sot-23 k1 k2 a2a1 tape reel bas70cl-ae3-r bas70cg-ae3-r sot-23 a1 a2 k2k1 tape reel bas70sl-ae3-r BAS70SG-AE3-R sot-23 k1 a2 k2a1 tape reel note: pin assignment: a: anode k: cathode x:nc
bas70x diode unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r601-017,c ? diode configuration and symbol bas70 bas70a bas70c bas70s 2 3 1 n.c ? marking bas70 bas70a bas70c bas70s g0 g: halogen free l: lead free ga g: halogen free l: lead free gc g: halogen free l: lead free gs g: halogen free l: lead free
bas70x diode unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r601-017,c ? absoluate maximum ratings ( t a =25 , unless otherwise specified) parameter symbol ratings units dc voltage v r 70 v forward continuous current i f 70 ma power dissipation p d 200 mw junction temperature t j -55 ~ + 150 storage temperature t stg -55 ~ +150 note absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25 , unless otherwise specified) parameter symbol test conditions min typ max unit reverse breakdown voltage bv r i r = 10 a 70 v reverse voltage leakage current i r v r =50v 100 na forward voltage v f i f =1ma 410 mv i f =15ma 1000 mv diode capacitance c d v r =0v, f=1mhz 2 pf reveres recovery time t rr i f =i r =10ma, i rr =0.1xi r , r l =100 ? 5 ns
bas70x diode unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r601-017,c ? typical characteristics utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of BAS70SG-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X