Part Number Hot Search : 
162244 AT83C DTA144W 2N4361 0NF03L FCD860 W1900 SN74L
Product Description
Full Text Search
 

To Download AT22V10L-25GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high speed uv erasable programmable logic device description the at22v10 and at22v10l are cmos high performance eprom-based programma- ble logic devices (plds). speeds down to 15 ns and power dissipation as low as 12 ma are offered. all speed ranges ar e specified over the full 5 v 10% range. all pins offer a low 10 a leakage. the at22v10l provides the optimum low power cmos pld solution, with low dc power (8 ma typical) and full cmos output levels. the at22v10l significantly reduces total system power and enhances system reliability. full cmos output levels help reduce power in many other system components. the at22v10 and at22v10l incorporate a variabl e product term architecture. each out- put is allocated from eight to 16 product term s, which allows highly complex logic functions to be realized. two additional product terms are included to provide synchronous preset and asynchro- nous reset. these terms are common to all 10 registers. all regist ers are automatically cleared upon power up. register preload simplifies testing. a secu rity fuse prevents unauthorized copying of pro- grammed fuse patterns. pin configurations pin name function clk/in clock and logic input in logic inputs i/o bidirectional buffers * no internal connection vcc +5 v supply features ? high speed programmable logic device 15 ns max propagation delay 5 v 10% operation ? low power cmos operation speed "l" -15,-20 all others temp com./mil. com./mil. i cc (ma) 12/15 90/100 55 ? cmos and ttl compatible inputs and outputs 10 a leakage maximum ? reprogrammable - tested 100% for programmability ? high reliability cmos technology 2000 v esd protection 200 ma latchup immunity ? full military, commercial and industrial temperature ranges ? dual-in-line and surface mount packages programmable interconnect and combinatorial logic array logic option (up t0 10 flip-flops) output option 8to16 product terms oe product terms 10 i/o pins 12 input pins 1 logic diagram * gnd in i/o i/o in vcc * clk/in i/o i/o in in 1 15 22 8 gnd 15 16 17 18 19 20 21 22 23 24 14 13 12 11 10 9 8 7 6 5 4 3 2 1 in vcc i/o i/o i/o i/o i/o i/o i/o i/o i/o i/o in clk/in in in in in in in in in in in i/o i/o i/o i/o i/o i/o * in in in in in in * dip/soic plcc 0023c at22v10/l 1-97
i/o oe logic from option output options to output output from logic options i/o oe from logic option q sp d ar q ck to output d.c. and a.c. operating conditions commercial at22v10/l -15, -20, -25 industrial at22v10/l -15, -20, -25 military at22v10/l -15, -20, -25, -30 operating temperature (case) 0 o c - 70 o c-40 o c - 85 o c-55 o c - 125 o c v cc power supply 5 v 10% 5 v 10% 5 v 10% temperature under bias.................-55 o c to +125 o c storage temperature......................-65 o c to +150 o c voltage on any pin with respect to ground........................ -2.0 v to +7.0 v (1) voltage on input pins with respect to ground during programming................... -2.0 v to +14.0 v (1) programming voltage with respect to ground...................... -2.0 v to +14.0 v (1) integrated uv erase dose .............. 7258 w ? sec/cm 2 *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional op- eration of the device at these or any other conditions be- yond those indicated in the operational sections of this specification is not implied. exposure to absolute maxi- mum rating conditions for extended periods may affect note: 1. minimum voltage is -0.6 v dc which may undershoot to - 2.0 v for pulses of less than 20 ns. maximum output pin voltage is v cc +0.75 v dc which may overshoot to +7.0 v for pulses of less than 20 ns. absolute maximum ratings* 1-98 at22v10/l
d.c. characteristics symbol parameter condition min typ max units i li input load current v in = -0.1 v to v cc +1 v 10 a i lo output leakage current v out = -0.1 v to v cc +0.1 v 10 a i cc power supply current v cc = max, v in = gnd, outputs open at22v10-15,-20 com. 90 ma ind., mil. 100 ma at22v10-25,-35 (2) 55 ma at22v10l (2) com. 1.7 12 ma ind., mil. 2.0 15 ma i cc2 clocked power supply current v cc = max, outputs open at22v10l (2) com. 2.0 ma/mhz ind., mil. 2.0 ma/mhz i os ( 1 ) output short circuit current v out = 0.5 v -120 ma v il input low voltage -0.6 0.8 v v ih input high voltage 2.0 v cc +0.75 v v ol output low voltage v in = v ih or v il , v cc = min i ol = 16 ma com.,ind. 0.5 v i ol = 12 ma mil. 0.5 v i ol = 24 ma com. 0.8 v v oh output high voltage v in =v ih or v il , v cc =min i oh = -100 a v cc -0.3 v i oh = -4.0 ma 2.4 v 2. see i cc vs. frequency curves in the back of this data sheet. notes: 1. not more than one output at a time should be shorted. duration of short circuit test should not exceed 30 sec. a.c. characteristics, co mmercial and industrial at22v10-15 at22v10/l-20 at22v10/l-25 symbol parameter min typ max min typ max min typ max units t pd input or feedback to non-registered output 10 15 12 20 15 25 ns t ea input to output enable 10 15 20 15 25 ns t er input to output disable 10 15 20 15 25 ns t cf clock to feedback 0 1 2. 50480510ns t co clock to output 0 7 10 0 8 12 0 10 15 ns t s input or feedback setup time 10 8 12 8 15 12 ns t h hold time 0 0 0 ns t p clock period 12 20 24 ns t w clock width 6 10 12 ns f max external feedback 1/(t s +t co ) 50.0 41.6 33.3 mhz internal feedback 1/(t s + t cf ) 80.0 50.0 40.0 mhz no feedback 1/(t p ) 83.3 50.0 41.6 mhz t aw asynchronous reset width 15 8 20 9 25 10 ns t ar asynchronous reset, synchronous preset, recovery time 15 8 2012 2515 ns t ap asynchronous reset to registered output reset 12 20 15 22 18 25 ns at22v10/l 1-99
a.c. characteristics, military at22v10-15 at22v10/l-20 at22v10/l-25 at22v10/l-30 symbol parameter min typ max min typ max min typ max min typ max units t pd input or feedback to non-registered output 10 15 12 20 15 25 20 30 ns t ea input to output enable 10 15 20 15 25 20 30 ns t er input to output disable 10 15 20 15 25 20 30 ns t cf clock to feedback 0 1 2.5 048051001015ns t co clock to output 0 7 10 0 8 15 0 10 15 0 12 20 ns t sf feedback setup time 10 8 12 10 15 12 18 15 ns t s input setup time 10 8 17 14 18 15 20 15 ns t h hold time 0 000ns t p clock period 12 20 24 30 ns t w clock width 6 10 12 15 ns f max external feedback 1/(t s +t co ) 50.0 31.2 30.3 25.0 mhz internal feedback 1/(t sf + t cf ) 80.0 50.0 40.0 30.0 mhz no feedback 1/(t p ) 83.3 50.0 41.6 33.3 mhz t aw asynchronous reset width 15 8 20 9 25 10 30 15 ns t ar asynchronous reset recovery time 15 8 2012 2515 3018 ns t ap asynchronous reset to registered output reset 12 20 15 22 18 25 20 30 ns output pin 5.0v cl= 50pf r1= 338 r2= 248 ? military ac measurement level ac driving levels 0.0v 3.0v 1.5v tr, tf < 5 ns (10% to 90%) input test waveforms and measurement levels note: 1. timing measurement reference is 1.5 v. input ac driving levels are 0.0 v and 3. 0 v, unless otherwise speci- a.c. waveforms (1) output pin 5.0v cl= 50pf r1= 250 r2= 167 ? ? output test loads: commercial 1-100 at22v10/l
functional logic diagram at22v10/l at22v10/l 1-101
pin capacitance (f = 1 mhz, t = 25c) (1) typ max units conditions c in 58pfv in = 0 v c out 68pfv out = 0 v note: 1. typical values for nominal supply voltage. this parameter is only sampled and is not 100% tested. power up reset the registers in the at 22v10 and at22v10l are designed to reset during power up. at a point delayed slightly from v cc crossing 3.8 v, all registers will be reset to the low state. the output state will depend on the polarity of the output buffer. this feature is critical for state machine initialization. how- ever, due to the asynchronous nature of reset and the uncer- tainty of how v cc actually rises in the system, the following conditions are required: 1) the v cc rise must be monotonic, 2) after reset occurs, all input and feedback setup times must be met before driving the clock pin high, and 3) the clock must remain stable during t pr . parameter description min typ max units t pr power-up reset time 600 1000 ns clock 3.8 v power registered outputs ts tpr tw erasure characteristics the entire fuse array of an at22v10 or at22v10l is erased after exposure to ultraviolet light at a wavelength of 2537 ?. complete erasure is assured after a minimum of 20 minutes exposure using 12,000 w/cm 2 intensity lamps spaced one inch away from the chip. minimum erase time for lamps at other intensity ratings can be calculated from the minimum integrated erasure dose of 15 w ? sec/cm 2 . to prevent unin- tentional erasure, an opaque label is recommended to cover the clear window on any uv erasable pld which will be sub- jected to continuous fluorescent indoor lighting or sunlight. preload of registered outputs the registers in the at 22v10 and at22v10l are provided with circuitry to allow loading of each register asynchro- nously with either a high or a low. this feature will simplify testing since any state can be forced into the registers to con- trol test sequencing. a v ih level on the i/o pin will force the register high; a v il will force it low, independent of the polarity bit (c0) setting. the preload state is entered by placing an 11.5-v to 13-v signal on pin 8 on dips, and pin 10 on smps. when the clock pin is pulsed high, the data on the i/o pins is placed into the ten registers. clock vh outputs disabled preload clocked in preload data preload registered voltage removed td td td td td output force i/o?s to vih or vil preload ena. outputs dis. t dmin = 100 ns level forced on registered output pin during preload cycle register state after cycle v ih high v il low 1-102 at22v10/l
output source current vs. output voltage (ta = 25c, vcc = 5v) -60 -50 -40 -30 -20 -10 0 o u t p u t c u r r e n t 012345 output voltage (v) (ma) output source current vs. supply voltage (voh = 2.4v) -45 -30 -15 0 o u t p u t c u r r e n t 4.0 4.5 5.0 5.5 6.0 supply voltage (v) (ma) output sink current vs. output voltage (ta = 25c, vcc = 5v) 0 30 60 90 120 150 o u t p u t c u r r e n t 012345 output voltage (v) (ma) output sink current vs. supply voltage (vol = 0.5v) 28 29 30 31 32 33 34 o u t p u t c u r r e n t 4.0 4.5 5.0 5.5 6.0 supply voltage (v) (ma) normalized icc vs. ambient temp. f = 30 mhz 0.6 0.8 1.0 1.2 1.4 n o r m a l i z e d i c c -55 -25 5 35 65 95 125 ambient temperature (c) normalized supply current vs. supply voltage 0.6 0.8 1.0 1.2 1.4 n o r m a l i z e d i c c 4.0 4.5 5.0 5.5 6.0 supply voltage (v) supply current vs. input frequency at22v10l (ta = 25c, vcc = 5v) 0 20 40 60 i c c m a 0 1020304050 frequency (mhz) supply current vs. input frequency at22v10 (ta = 25c, vcc = 5v) 0 20 40 60 i c c m a 0 1020304050 frequency (mhz) at22v10/l 1-103
delta tco vs. output loading ( vcc = 4.5v, output load = commercial ) -3 0 3 6 9 12 d e l t a t c o n s 0 100 200 300 400 output load (jig included) capacitance pf delta tpd vs. output loading (vcc = 4.5v, output load = commercial) -4 0 4 8 12 d e l t a t p d n s 0 100 200 300 400 output load (jig included) capacitance pf normalized ts vs. temperature 0.7 0.9 1.1 1.3 n o r m a l i z e d t s -55 -25 5 35 65 95 125 ambient temperature (c) normalized ts vs. supply voltage 0.7 0.8 0.9 1.0 1.1 1.2 n o r m a l i z e d t s 4.0 4.5 5.0 5.5 6.0 supply voltage (v) normalized tco vs. temperature 0.9 1.1 1.3 1.5 n o r m a l i z e d t c o -55 -25 5 35 65 95 125 ambient temperature (c) normalized tco vs. supply voltage 0.9 1.0 1.1 1.2 n o r m a l i z e d t c o 4.0 4.5 5.0 5.5 6.0 supply voltage (v) normalized tpd vs. temperature 0.7 0.9 1.1 1.3 1.5 n o r m a l i z e d t p d -55 -25 5 35 65 95 125 ambient temperature (c) normalized tpd vs. supply voltage 0.9 1.0 1.1 1.2 1.3 n o r m a l i z e d t p d 4.0 4.5 5.0 5.5 6.0 supply voltage (v) 1-104 at22v10/l
ordering information t pd (ns) t s (ns) t co (ns) ordering code package operation range military/883c 15 10 10 at22v10-15dc 24dw3 commercial at22v10-15gc 24d3 (0 c to 70 c) at22v10-15jc 28j at22v10-15pc 24p3 at22v10-15sc 24s at22v10-15di 24dw3 industrial at22v10-15gi 24d3 (-40 c to 85 c) at22v10-15ji 28j at22v10-15pi 24p3 at22v10-15si 24s at22v10-15dm 24dw3 military at22v10-15gm 24d3 (-55 c to 125 c) at22v10-15lm 28lw at22v10-15nm 28l at22v10-15dm/883 24dw3 military/883c at22v10-15gm/883 24d3 (-55 c to 125 c) at22v10-15lm/883 28lw class b, fully compliant at22v10-15nm/883 28l 25 15 15 at22v10-25dc 24dw3 commercial at22v10-25gc 24d3 (0 c to 70 c) at22v10-25jc 28j at22v10-25pc 24p3 at22v10-25sc 24s at22v10-25di 24dw3 industrial at22v10-25gi 24d3 (-40 c to 85 c) at22v10-25ji 28j at22v10-25pi 24p3 at22v10-25si 24s 25 18 15 at22v10-25dm 24dw3 military at22v10-25gm 24d3 (-55 c to 125 c) at22v10-25lm 28lw at22v10-25nm 28l at22v10-25dm/883 24dw3 military/883c at22v10-25gm/883 24d3 (-55 c to 125 c) at22v10-25lm/883 28lw class b, fully compliant at22v10-25nm/883 28l 25 18 15 5962-87539 01 la 24dw3 military/883c 5962-87539 01 3x 28lw (-55 c to 125 c) class b, fully compliant military/883c 15 10 10 5962-87539 05 la 24dw3 (-55 c to 125 c) 5962-87539 05 3x 28lw class b, fully compliant 15 10 10 5962-88670 05 la 24d3 military/883c 5962-88670 05 3x 28l (-55 c to 125 c) class b, fully compliant 25 18 15 5962-88670 01 la 24d3 military/883c 5962-88670 01 3x 28l (-55 c to 125 c) class b, fully compliant at22v10/l 1-105
ordering information t pd (ns) t s (ns) t co (ns) ordering code package operation range 20 12 15 at22v10l-20dc 24dw3 commercial at22v10l-20gc 24d3 (0 c to 70 c) at22v10l-20jc 28j at22v10l-20pc 24p3 at22v10l-20sc 24s at22v10l-20di 24dw3 industrial at22v10l-20gi 24d3 (-40 c to 85 c) at22v10l-20ji 28j at22v10l-20pi 24p3 at22v10l-20si 24s 20 17 15 at22v10l-20dm 24dw3 military at22v10l-20gm 24d3 (-55 c to 125 c) at22v10l-20lm 28lw at22v10l-20nm 28l at22v10l-20dm/883 24dw3 military/883c at22v10l-20gm/883 24d3 (-55 c to 125 c) at22v10l-20lm/883 28lw class b, fully compliant at22v10l-20nm/883 28l 25 15 15 at22v10l-25dc 24dw3 commercial at22v10l-25gc 24d3 (0 c to 70 c) at22v10l-25jc 28j at22v10l-25pc 24p3 at22v10l-25sc 24s at22v10l-25di 24dw3 industrial at22v10l-25gi 24d3 (-40 c to 85 c) at22v10l-25ji 28j at22v10l-25pi 24p3 at22v10l-25si 24s 25 18 15 at22v10l-25dm 24dw3 military AT22V10L-25GM 24d3 (-55 c to 125 c) at22v10l-25lm 28lw at22v10l-25nm 28l at22v10l-25dm/883 24dw3 military/883c AT22V10L-25GM/883 24d3 (-55 c to 125 c) at22v10l-25lm/883 28lw class b, fully compliant at22v10l-25nm/883 28l 20 17 15 5962-88724 04 la 24dw3 military/883c 5962-88724 04 3x 28l (-55 c to 125 c) class b, fully compliant 25 18 15 5962-88724 01 la 24dw3 military/883c 5962-88724 01 3x 28lw (-55 c to 125 c) class b, fully compliant 20 17 15 5962-89755 04 la 24d3 military/883c 5962-89755 04 3x 28l (-55 c to 125 c) class b, fully compliant 25 18 15 5962-89755 01 la 24d3 military/883c 5962-89755 01 3x 28l (-55 c to 125 c) class b, fully compliant 1-106 at22v10/l
package type 24dw3 24 lead, 0.300" wide, windowed, ceramic dual inline package (cerdip) 24d3 24 lead, 0.300" wide, non-windowed (otp), ceramic dual inline package (cerdip) 28j 28 lead, plastic j-leaded chip carrier otp (plcc) 28lw 28 pad, windowed, ceramic leadless chip carrier (lcc) 28l 28 pad, non-windowed, ceramic leadless chip carrier otp (lcc) 24p3 24 lead, 0.300" wide, plastic dual inline package otp (pdip) 24s 24 lead, 0.300" wide, plastic gull wing small outline otp (soic) at22v10/l 1-107


▲Up To Search▲   

 
Price & Availability of AT22V10L-25GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X