Part Number Hot Search : 
PIC16F 72C334 1002D E005233 166TQC 15510 1002D 22000
Product Description
Full Text Search
 

To Download AM1DR-1212S-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  22 to order call 1-888-9-aimtec am1dr-n series 1 watt dc-dc converters ? 7pin sip package ? regulated output voltage ? low ripple & noise ? high efficiency up to 79% ? input/output isolation: 1000vdc ? operating temperature: -40c ... +85c ? pin-compatible with multiple manufacturers ? ul94-vo package general description our am1dr-n series is a family of cost effective 1w single output isolated dc-dc converters. these converters achieve low cost and ultra-miniature sip7 pin size without compromising performance and reliability. twelve models operates from input voltages of 5, 12 & 24vdc; producing regulated output voltage levels of 5, 9, 12, 15vdc. full smd-design and a 100% production test of parameters ensures a high reliability in this product. electrical specifications specifications typical at +25c, nominal input voltage, rated output current unless otherwise specified mtbf: > 900,000 hrs (mil-hdbk-217f, ground benign, t=+25oc) specifications are subject to change without notification dc-dc converters isolation specifications: rated voltage (60 sec) 1000vdc resistance > 1000mohm capacitance 60pf, typ. environmental specifications: operating temperature (ambient) -40c ... +85c storage temperature -55c ... +125c case temperature +95c, max. derating none required humidity (non-condensing) up to 90% cooling free-air convection input specifications: voltage range 5% filter capacitor output specifications: voltage accuracy 3%, max. ripple & noise (at 20mhz bw) 50 mvp-p, typ. short circuit protection 1 sec. line voltage regulation 0.5%, max. load voltage regulation 0.5%, max. temperature coefficient 0.02%/oc, typ. general specifications: efficiency 72% to 79% switching frequency 100khz, typ. 100% load physical specifications: dimensions 19.6x6.0x10.2mm 0.77x0.24x0.4inches weight 2.7g case material plastic ul94-vo outline dimensions & pin connections pin 1 2 4 5 6 7 +v input -v input -v output omitted +v output omitted 1000vdc single
23 visit us at www.aimtec.ca models am1dr-n series dc-dc converters models input voltage ouput voltage ouput current max. am1dr-0505s-n am1dr-0509s-n am1dr-0512s-n am1dr-0515s-n am1dr-1205s-n am1dr-1209s-n AM1DR-1212S-N am1dr-1215s-n am1dr-2405s-n am1dr-2409s-n am1dr-2412s-n am1dr-2415s-n 5vdc 9vdc 12vdc 15vdc 5vdc 9vdc 12vdc 15vdc 5vdc 9vdc 12vdc 15vdc 150ma 111ma 83ma 67ma 150ma 111ma 83ma 67ma 150ma 111ma 83ma 67ma 5v5% 12v5% 24v5% external capacitor table vin vout external capacitor external capacitor 5vdc 12vdc 24vdc - 4.7uf 2.2uf 1uf - 5vdc 9vdc 12vdc 15vdc 10uf 4.7uf 2.2uf 1uf typical characteristics filtering in some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the dc/dc output end and input end to reduce the noise and ripple. however, the capacitance of the output filter capacitor must be proper. if the capacitance is too big, a startup pr oblem might arise. for every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees t he external capacitor table. to get an extremely low ripple, an ?lc? filtering network may be connected to the input and output ends of the dc/dc converter, wh ich may produce a more significant filtering effect. it should also be noted that the inductance and the frequency of the ?lc? filtering network shoul d be staggered with the dc/dc frequency to avoid mutual interference (see figure 1). requirement on output load to ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of dc/dc converter in add ition to a maximum load (namely full load). during operation, make sure the specified range of input voltage is not exceeded, the minimum output load i s not less than 10% of the full load, and that this product should never be operated under no load! if the actual output power is very small, please conne ct a resistor with proper resistance at the output end in parallel to increase the load. application note


▲Up To Search▲   

 
Price & Availability of AM1DR-1212S-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X