Part Number Hot Search : 
HD75175 IR3553 V1620G TSOP11KS P2801 C5532 AOD414 P2801
Product Description
Full Text Search
 

To Download 559-2201-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  559-2101-00x r 1,3,7 650 7 10 2.2 2.55 3 50 20 -25/+85 -30/+100 559-2201-00x g 1,3,7 563 10 10 2.1 3 3 65 25 -25/+85 -30/+100 559-2301-00x y 1,3,7 585 6.3 10 2.1 3 3 50 20 -25/+85 -30/+100 559-2501-00x o 1,3,7 600 7 10 1.9 2.4 5 60 30 -55/+100 -55/+100 peak min viewing forward temperature c part termination wavelength lv if vf reverse angle current number color options (nm) (mcd) (ma) typ max voltage 2 q 1 / 2 (ma) operating storage 559-1101-00x r 1,3,7 635 2 2 1.8 2.2 5 50 7 -55/+100 -55/+100 559-1201-00x y 1,3,7 583 1.8 2 1.9 2.7 5 50 7 -55/+100 -55/+100 559-1301-00x g 1,3,7 565 1.8 2 1.8 2.2 5 50 7 -55/+100 -55/+100 typical operating characteristics (t a =25c) absolute low current, 2ma, diffused led maximum ratings high efficiency, diffused led 5mm led panel mount indicator 2ma and high efficiency leds .250 mounting hole, snap in mounting 559 series dialight benefits ? available with a variety of leds ? designed for quick positive insertions in panels from .787mm [.031] through 1.57mm [.062] thick. recommended hole size from 6.32mm [.249] to 6.40mm [.252]. ? front panel mounting ? uniform illumination ? snap-in mounting requires no additional hardware ? ic compatible ? housing meets ul94v-0 ? high reliability - 100,000 hour life ? black housing enhances led contrast ? straight terminals suitable for wire-wrapping custom capabilities connectors and terminals can be added to wire leads 559 xxxx 00x @@@@@@@@e? @@@@@@@@e? @@h? @@h? @@h? @@h? @@h? @@h? @@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e? @@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e? @@@@@@@@ @@@@@@@@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ ?@@ ?@@ ?@@ ?@@ ?@@ ?@@ ?@@@@@@@@ ?@@@@@@@@ ?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@ ?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@ @@g @@g @@g @@g @@g @@g @@@@@@@@ @@@@@@@@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ termination option 1 = straight terminals 3 = 6 wire leads 7 = 14 wire leads part number ordering code series C C color codes: r red g green y yellow o orange 7.41 [.281] 15.88 [.625] 5.33 [.210] 7.62 [.300] .46/.69 [.018/.02] sq. 3.18 [.125] cathode lead ( C ) 12.70 [.500] 1.47 [.058] 3.18 [.125] 355.60 [14.0] note: wire lead colors red (anode) & black (cathode) 7.41 [.281] straight terminals C terminal option 1 24 awg wire leads C terminal option 3 for 6 terminal option 7 for 14 max max min 1.27 [.050] dialight corporation ? 1501 state route 34 ? farmingdale, nj 07727 ? tel: (732) 919-3119 ? fax: (732) 751-5778 ? www.dialight.com example


▲Up To Search▲   

 
Price & Availability of 559-2201-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X