Part Number Hot Search : 
GDZJ11 SAA56XX Z0109 F71872FG MAA02012 1N6302 2SK30 24SR12
Product Description
Full Text Search
 

To Download 559-0103-003F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits p rohs compliant p long life - typically 100k hours p low power consumption - uses up to 90% less energy than an incandescent indicator p front panel snap-in mounting requires no additional hardware p no heat generated p resistant to shock and vibration p termination - straight terminals for wire wrapping or lead wire for soldering or optional terminals p colors include - red, green, yellow 559 series 5v,12v,24v - operation snap-in led - .250 mounting hole panel mount indicators dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel559siir001_b applications dialight's 559 series led panel mount indicator is available with a variety of leds including alingap and ingan technology for high brightness applications, bicolor and integral resistors. these indicators are designed for a variety of applications such as: ? main and remote power indication ? maintenance and warning indication ? status indication ? instrumentation ..and many more! specifications p voltage requirements: p *operating temperature: -20c to +85c 5 & 12 vdc (no resistor required) include internal resistors p *storage temperature: -55c to +100c 24 vdc (no resistor required) include external resistor p electrical connection p mounting hole size: 0.249 -0.252" (6.32 - 6.40 mm) straight terminals for wire wrapping or either p panel thickness: 0.031-0.062" (.787 - 1.57 mm) 6 or 14 inch 24 awg lead wire p housing: black housing material meets ul94v-0 and enhances led contrast please see back of page for part numbers and additional specifications. dialight reserves the right to make changes at any time in order to supply the best product possible. straight terminals - termination option 001 **24 awg 6 wire leads - termination option 003 **24 awg 14 wire leads - termination option 007 note: wire lead color red (anode) and black (cathode) dimensions in inches [mm] .281[7.41] .025 [ 0.64] sq. anode .100 [2.54] .050 [1.25] .300 [7.62] min .210[5.33] max .625[15.88] max ref .125 [3.18] ref .500[12.70] typ ** * based on led color - contact factory for details
dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel559siir001_b 5 volt internal resistor part number color peak wavelength (nm) intensity typ. (mcd) voltage (vdc) current (ma) viewing angle 2? 1/2 maximum dc forward voltage termination rohs complaint 559-0102-001f red 635 8 5 10 60 7.5 straight terminals a 559-0202-001f green 565 8 5 10 60 7.5 straight terminals a 559-0302-001f yellow 583 8 5 10 60 7.5 straight terminals a 559-0102-003f red 635 8 5 10 60 7.5 6 inch wire leads a 559-0202-003f green 565 8 5 10 60 7.5 6 inch wire leads a 559-0302-003f yellow 583 8 5 10 60 7.5 6 inch wire leads a 559-0102-007f red 635 8 5 10 60 7.5 14 inch wire leads a 559-0202-007f green 565 8 5 10 60 7.5 14 inch wire leads a 559-0302-007f yellow 583 8 5 10 60 7.5 14 inch wire leads a 12 volt internal resistor part number color peak wavelength (nm) intensity typ. (mcd) voltage (vdc) current (ma) viewing angle 2? 1/2 maximum dc forward voltage termination rohs complaint 559-0103-001f red 635 8 12 13 60 15 straight terminals a 559-0203-001f green 565 8 12 13 60 15 straight terminals a 559-0303-001f yellow 583 8 12 13 60 15 straight terminals a 559-0103-003F red 635 8 12 13 60 15 6 inch wire leads a 559-0203-003f green 565 8 12 13 60 15 6 inch wire leads a 559-0303-003f yellow 583 8 12 13 60 15 6 inch wire leads a 559-0103-007f red 635 8 12 13 60 15 14 inch wire leads a 559-0203-007f green 565 8 12 13 60 15 14 inch wire leads a 559-0303-007f yellow 583 8 12 13 60 15 14 inch wire leads a typical operating characteristics (ta=25 o c) typical operating characteristics (ta=25 o c) 559 series 5v,12v,24v - operation snap-in led - .250 mounting hole panel mount indicators 24 volt external resistor part number color peak waveleng th (nm) intensity typ. (mcd) voltage (vdc) current (ma) viewing angle 2? 1/2 maximum dc forward voltage termination rohs complaint 559-6104-003f red 635 2100 24 20 15 28 6 inch wire leads a 559-6204-003f green 525 2200 24 18.5 30 28 6 inch wire leads a 559-5904-003f yellow 592 3100 24 20 15 28 6 inch wire leads a typical operating characteristics (ta=25 o c)


▲Up To Search▲   

 
Price & Availability of 559-0103-003F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X