Part Number Hot Search : 
TEH1221 00N6T L45GB G510230 10002 G510230 ULN20 2SK4070
Product Description
Full Text Search
 

To Download 559-0103-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5mm led panel mount indicator 5v or 12v integral resistor .250 mounting hole, snap in mounting 559 series dialight peak lv vf min viewing dc temperature c part termination wavelength typical volts if (ma) reverse angle forward number color options (nm) (mcd) (v) typ max voltage 2 q 1 / 2 voltage operating storage 559-0102-00x r 1,3,7 655 2 5 13 20 5 60 7.5 -40/+85 -55/+100 559-0103-00x r 1,3,7 655 2 12 13 20 5 60 15 -40/+85 -55/+100 559-0202-00x g 1,3,7 565 8 5 12 15 5 60 7.5 -20/+85 -55/+100 559-0203-00x g 1,3,7 565 4 12 13 20 5 60 15 -20/+85 -55/+100 559-0302-00x y 1,3,7 583 8 5 10 15 5 60 7.5 -40/+85 -55/+100 559-0303-00x y 1,3,7 583 8 12 13 20 5 60 15 -40/+85 -55/+100 typical operating characteristics (t a =25c) absolute diffused led maximum ratings color codes: rred g green y yellow benefits ? available with a variety of leds ? designed for quick positive insertions in panels from .787mm [.031] through 1.57mm [.062] thick. recommended hole size from 6.32mm [.249] to 6.40mm [.252]. ? front panel mounting ? uniform illumination ? snap-in mounting requires no additional hardware ? ic compatible ? housing meets ul94v-0 ? high reliability - 100,000 hour life ? black housing enhances led contrast ? straight terminals suitable for wire-wrapping custom capabilities connectors and terminals can be added to wire leads 559 xxxx 00x @@@@@@@@e? @@@@@@@@e? @@h? @@h? @@h? @@h? @@h? @@h? @@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e? @@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e? @@@@@@@@ @@@@@@@@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ ?@@ ?@@ ?@@ ?@@ ?@@ ?@@ ?@@@@@@@@ ?@@@@@@@@ ?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@ ?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@?e@@@@@@@@e?@@@@@@@@ @@g @@g @@g @@g @@g @@g @@@@@@@@ @@@@@@@@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ @@ termination option 1 = straight terminals 3 = 6 wire leads 7 = 14 wire leads part number ordering code series C C 7.41 [.281] 15.88 [.625] max 5.33 [.210] max 7.62 [.300] min 1.27 [.050] .46/.69 [.018/.02] sq. 3.18 [.125] cathode lead ( C ) 12.70 [.500] 1.47 [.058] 3.18 [.125] 355.60 [14.0] note: wire lead colors red (anode) & black (cathode) straight terminals C terminal option 1 24 awg wire leads C terminal option 3 for 6 terminal option 7 for 14 7.41 [.281] dialight corporation ? 1501 state route 34 ? farmingdale, nj 07727 ? tel: (732) 919-3119 ? fax: (732) 751-5778 ? www.dialight.com example


▲Up To Search▲   

 
Price & Availability of 559-0103-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X