Part Number Hot Search : 
TST1284B TA0826A 7C126 FAN3122C CM7214 584A5 A2240 LCE20
Product Description
Full Text Search
 

To Download 4730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   distribution units 4730 www.schurter.com/pg07_  connectors plug coupler iec c20 / iec j, screw-on mounting rear side c20 70 c description - panel mount: screw-on mounting from front or rear-side - appliance inlet, pin temperature 70 c, protection class i approvals - ul license number: e96454 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 16 a / 250 vac; 50 hz ratings ul/csa 20 a / 125 vac; 60 hz dielectric strength > 4 kvac between l-n > 6 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 40 acc. to iec 60529 from rear-side ip 40 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 panel thickness s screw: mounting screw torque max 0.5 nm material: housing thermoplastic, black, ul 94v-0 appliance inlet / appliance outlet c20 acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 16 a, protection class 1 dimensions 53 mm 1) 45.00 5.00 10.00 31.00 45.00 min. 33.95 min. 25.95 53.00 27.50 25.25 max. r 4.50 3.40 1) orientation hole variants panel mounting panel thickness s [mm] order number screw 8 4730.0100 packaging unit 100 pcs
 distribution units 4730 www.schurter.com/pg07_  connectors mating inlets/plug s category / description plug overview complet e iec plug i, cord connector (rewireable), straight 010 6 iec plug i, cord connector (rewireable), straight 092 2 iec plug i, cord connector (rewireable), angled 161 1 iec plug i, cord connector (rewireable), straight 161 2 iec plug i, cord connector (rewireable), angled 478 9 plug further types to 473 0 ... mating outlets/connector s connector overview complet e iec connector c19, rewireable, straight 010 4 iec connector c19, rewireable, angled 165 1 iec connector c19, rewireable, straight 165 2 iec connector c19, rewireable, angled 479 0 iec connector c19, rewireable, straight 479 5 connector further types to 473 0 power cord overview complet e power cord with iec connector c19, straight 165 4 power cord further types to 473 0 power supply or interconnection cord overview complet e divers power supply and interconnection cords 10 a 4300.092 0 divers power supply and interconnection cords 16 a 6009.519 5 power supply or interconnection cord further types to 473 0 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X