Part Number Hot Search : 
PHM022 HD14051 MC145 HD74LS12 MPL027 6KE30A LT1720 HD14051
Product Description
Full Text Search
 

To Download 2SB772SL-X-T92-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 2sb772s pnp silicon transistor www.unisonic.com.tw 1 of 3 copyright ? 2012 unisonic technologies co., ltd qw-r208-002.f medium power low voltage transistor ? description the utc 2sb772s is a medium power low voltage transistor, designed for audio power amplifier, dc-dc converter and voltage regulator. ? features * high current output up to 3a * low saturation voltage * complement to 2sd882s ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 2sb772sl-x-aa3-r 2sb772sg-x-aa3-r sot-223 b c e tape reel 2sb772sl-x-ab3-r 2sb772sg-x-ab3-r sot-89 b c e tape reel 2sb772sl-x-t92-b 2sb772sg-x-t92-b to-92 e c b tape box 2sb772sl-x-t92-k 2sb772sg-x-t92-k to-92 e c b bulk 2SB772SL-X-T92-R 2sb772sg-x-t92-r to-92 e c b tape reel
2sb772s pnp silicon transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r208-002.f ? absolute maximum ratings (t a = 25c) parameter symbol ratings unit collector-base voltage v cbo -40 v collector-emitter voltage v ceo -30 v emitter-base voltage v ebo -5 v peak collector current i cp -7 a dc collector current i c -3 a base current i b -0.6 a power dissipation sot-89 p d 0.5 w sot-223 1 w to-92 0.5 w junction temperature t j +150 c storage temperature t stg -55 ~ +150 c note: absolute maximum ratings are those values be yond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a = 25c, unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =-100 a, i e =0 -40 v collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -30 v emitter-base breakdown voltage bv ebo i e =-100 a, i c =0 -5 v collector cut-off current i cbo v cb =-30v, i e =0 -1000 na collector cut-off current i ceo v ce =-30v, i b =0 -1000 na emitter cut-off current i ebo v eb =-3v, i c =0 -1000 na dc current gain(note 1) h fe1 v ce =-2v, i c =-20ma 30 200 h fe2 v ce =-2v, i c =-1a 100 150 400 collector-emitter satu ration voltage v ce ( sat ) i c =-2a, i b =-0.2a -0.3 -0.5 v base-emitter satura tion voltage v be ( sat ) i c =-2a, i b =-0.2a -1.0 -2.0 v current gain bandwidth product f t v ce =-5v, i c =-0.1a 80 mhz output capacitance c ob v cb =-10v, i e =0, f=1mhz 45 pf note 1: pulse test: p w < 300 s, duty cycle < 2% ? classification of h fe2 rank q p e range 100 ~ 200 160 ~ 320 200 ~ 400
2sb772s pnp silicon transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r208-002.f typical characterics collector current, ic (ma) -10 0 -10 1 -10 2 -10 3 -10 4 -10 -1 -10 3 -10 2 -10 1 -1 collector-emitter saturation voltage vs. collector current 25c i c /i b =10 150c collector-emitter voltage, v ce (v) 01 2 3 45 0 0.4 0.8 1.6 2.0 1.2 collector current vs. collector-emitter voltage collector current, ic (ma) -10 -1 -10 0 -10 1 -10 2 -10 3 -10 4 0 200 400 600 800 v ce =-2v 150c 25c dc current gain vs. collector current collector current, ic (ma) -10 0 -10 1 -10 2 -10 3 -10 4 -10 -1 0 -0.4 -0.8 -1.2 base-emitter satura tion voltage vs. collector current i c /i b =10 25c 150c


▲Up To Search▲   

 
Price & Availability of 2SB772SL-X-T92-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X