Part Number Hot Search : 
TU601 VPA30 ST62T LMR56W A123J JA3508B AK5534VN LT555
Product Description
Full Text Search
 

To Download 0522072085 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0522072085 status: active overview: description: 1.00mm (.039") pitch ffc/fpc connector, smt, right angle, zif, top contact style receptacle, 20 circuits, lead-free, high barrier packaging agency certification csa lr19980 ul e29179 general product family ffc/fpc connectors series 52207 overview ffc_fpc_smt product name n/a physical circuits (loaded) 20 color - resin natural contact position top durability (mating cycles max) 30 entry angle 90 angle flammability 94v-0 mated height (in) 0.106 in mated height (mm) 2.70 mm material - metal phosphor bronze material - plating mating tin-bismuth material - resin nylon number of rows 1 orientation right angle pc tail length (in) 0.079 in pc tail length (mm) 2.00 mm pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm polarized to pcb yes stackable no temperature range - operating -30c to +85c termination interface: style surface mount wire/cable type ffc/fpc electrical current - maximum per contact 1a voltage - maximum 125v material info reference - drawing numbers packaging specification spk-52207-001, spk-52207-002 product specification ps-52207-047, rps-52207-063, rps-52207-065, rps-52207-067, rps-52207-069, rps-52207-072, rps-52207-079, rps-52207-080, rps-52207-081, rps-52207-082, rps-52207-083, rps-52207-086, rps-52207-087, rps-52207-088, rps-52207-091, rps-52207-093, rps-52207-096, rps-52207-097, eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52207 series
rps-52207-098, rps-52207-100, rps-52207-102, rps-52207-107 sales drawing sd-52207-060, sd-52207-061 this document was generated on 06/04/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 0522072085

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X