Part Number Hot Search : 
SR302 F4116 ICS8547 26LV400 XL4301E1 70XF6 BTA40 00TTS
Product Description
Full Text Search
 

To Download VSB-48STB-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n features l all or nothing relay l ul, csa, vde, sev, fimko, semko, imq, ?ve, bsi recognized l working class: c l type of service: continuous duty l heavy duty 16 a miniature power relay l ul class b (130 c) insulation l high isolation in small package insulation distance: 8 mm dielectric strength: 5,000 vac (between coil and contacts) surge strength: 10,000 v l low power consumption and high sensitivity type available vsb-s) l plastic sealed (with tape) type available l rohs compliant since date code:0523 please see page 6 for more information vsb series power relay 1 pole16 a (heavy power control) 1 rohs compliant (a) series name vsb: vsb series (b) nominal voltage refer to the coil data chart (c) coil type nil : standard type s : high sensitivity type (d) contact arrangement m : 1 form a (spst-no) t : 1 form c (spdt) (e) enclosure b : flux free type c : plastic sealed type (with tape) note: actual marking omits the hyphen (-) of ( * ) n ordering information vsb C 12 s t b [example] (a) ( * ) (b) (c) (d) (e)
2 vsb series n specifications standard type high sensitve type item vsb-( ) vsb-( )-s contact arrangement 1 form a (spst-no) or 1 form c (spdt) material silver alloy (agsno) style single resistance (initial) maximum 200 m w (at 1 a 6 vdc) rating (resistive) 16 a 250 vac/30 vdc maximum carrying current 16 a maximum switching power 4,000 va, 480 w maximum switching voltage 380 vac, 150 vdc maximum switching current 16 a minimum switching load* 1 100 ma 5 vdc coil nominal power (at 20 c) 0.7 to 0.75 w 0.53 w nominal voltage (at 20 c) 0.35 to 0.37 w 0.26 w operating temperature C40 c to +65 c (no frost) C40 c to +75 c (no frost) time value operate (at nominal voltage) maximum 15 ms release (at nominal voltage) maximum 10 ms insulation resistance (at 500 vdc) minimum 1,000 m w dielectric between open contacts 1,000 vac 1 minute strength between coil and contacts * 2 5,000 vac 1 minute surge strength* 3 10,000 v (at 1.2 x 50 m s) life mechanical 2 10 7 operations minimum electrical 1 10 5 operations minimum (contact rating) other vibration misoperation 10 to 55 hz (double amplitude of 1.5 mm) resistance endurance 10 to 55 hz (double amplitude of 1.5 mm) misoperation 100 m/s 2 (11 1 ms) resistance endurance 1,000 m/s 2 (6 1 ms) weight approximately 18 g * 1 minimum switching loads mentioned above are reference values. please perform the confirmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels. * 2 imq * 3 imq 2 0 nominal voltage contact rating 3 to 100 vdc 1/3 hp 125 vac/250 vac 16 a 30 vdc/250 vac resistive pilot duty c 150 n safety standard and file numbers ul508, 873 (file no. e56140, e108658) c22.2 no. 14 (file no. lr35579) vde0435, 0631, 0700 (file no. 11039-4940-0005/30k)
3 vsb series nominal coil resistance must operate must release nominal model voltage ( 10%) voltage voltage power vsb- 3 ( ) ( ) 3 vdc 12.5 w 2.1 vdc 0.3 vdc 0.72 w vsb- 5 ( ) ( ) 5 vdc 36 w 3.5 vdc 0.5 vdc 0.70 w vsb- 6 ( ) ( ) 6 vdc 50 w 4.2 vdc 0.6 vdc 0.72 w vsb- 9 ( ) ( ) 9 vdc 115 w 6.3 vdc 0.9 vdc 0.70 w vsb- 12 ( ) ( ) 12 vdc 200 w 8.4 vdc 1.2 vdc 0.72 w vsb- 14 ( ) ( ) 14 vdc 280 w 9.8 vdc 1.4 vdc 0.70 w vsb- 18 ( ) ( ) 18 vdc 460 w 12.6 vdc 1.8 vdc 0.70 w vsb- 24 ( ) ( ) 24 vdc 820 w 16.8 vdc 2.4 vdc 0.70 w vsb- 36 ( ) ( ) 36 vdc 1,850 w 25.2 vdc 3.6 vdc 0.70 w vsb- 48 ( ) ( ) 48 vdc 3,300 w 33.6 vdc 4.8 vdc 0.70 w vsb- 60 ( ) ( ) 60 vdc 5,100 w 42.0 vdc 6.0 vdc 0.70 w vsb-100 ( ) ( ) 100 vdc 13,400 w 70.0 vdc 10.0 vdc 0.75 w vsb- 3s ( ) ( ) 3 vdc 17 w 2.1 vdc 0.3 vdc 0.53 w vsb- 5s ( ) ( ) 5 vdc 47 w 3.5 vdc 0.5 vdc 0.53 w vsb- 6s ( ) ( ) 6 vdc 68 w 4.2 vdc 0.6 vdc 0.53 w vsb- 9s ( ) ( ) 9 vdc 155 w 6.3 vdc 0.9 vdc 0.53 w vsb- 12s ( ) ( ) 12 vdc 270 w 8.4 vdc 1.2 vdc 0.53 w vsb- 14s ( ) ( ) 14 vdc 370 w 9.8 vdc 1.4 vdc 0.53 w vsb- 18s ( ) ( ) 18 vdc 610 w 12.6 vdc 1.8 vdc 0.53 w vsb- 24s ( ) ( ) 24 vdc 1,100 w 16.8 vdc 2.4 vdc 0.53 w vsb- 36s ( ) ( ) 36 vdc 2,450 w 25.2 vdc 3.6 vdc 0.53 w vsb- 48s ( ) ( ) 48 vdc 4,400 w 33.6 vdc 4.8 vdc 0.53 w vsb- 60s ( ) ( ) 60 vdc 6,800 w 42.0 vdc 6.0 vdc 0.53 w vsb-100s ( ) ( ) 100 vdc 18,560 w 70.0 vdc 10.0 vdc 0.53 w n coil data chart standard type high sensitivity type note: all values in the table are measured at 20 c
4 vsb series n characteristic data n reference data
5 vsb series n dimensions l dimensions l schematics (bottom view) l pc board mounting hole layout (bottom view) vsb-m type vsb type vsb-mc type (plastic sealed type with tape) vsb-c type (plastic sealed type with tape) unit: mm
6 vsb series 1. general information l relays produced after the specific date code that is indicated on each data sheet are lead-free now. most of our signal and power relays are lead-free. please refer to lead-free status info. (http://www.fcai.fujitsu.com/pdf/leadfreeletter.pdf) l lead free solder paste currently used in relays is sn-3.0ag-0.5cu. from february 2005 forward sn-3.0cu-ni will be used for ftrb3 and ftr-b4 series relays. l most signal and some power relays also comply with rohs. please refer to individual data sheets. relays that are rohs compliant do not contain the 6 hazardous materials that are restricted by rohs directive (lead, mercury, cadmium, chromium iv, pbb, pbde). l it has been verified that using lead-free relays in leaded assembly process will not cause any problems (compatible). l lf is marked on each outer and inner carton. (no marking on individual relays). l to avoid leaded relays (for lead-free sample, etc.) please consult with area sales office. we will ship leaded relays as long as the leaded relay inventory exists. 2. recommended lead free solder profile l recommended solder paste sn-3.0ag-0.5cu and sn-3.0 cu-ni (only ftr-b3 and ftr-b4 from february 2005) rohs compliance and lead free relay information reflow solder condtion 3. moisture sensitivity l moisture sensitivity level standard is not applicable to electromechanical realys. 4. tin whisker l snagcu solder is known as low riskof tin whisker. no considerable length whisker was found by our in-house test. 5. solid state relays l each lead terminal will be changed from solder plating to sn plating and nickel plating. a layer of nickel plating is between the terminal and the sn plating to avoid whisker. we highly recommend that you confirm your actual solder conditions flow solder condtion: pre-heating: maximum 120?c soldering: dip within 5 sec. at 260?c soler bath solder by soldering iron: soldering iron temperature: maximum 360?c duration: maximum 3 sec. max. 120 sec. 9 0 ~ 120 sec. 20 ~ 3 0 sec. (dur a tion) cooling pre-heat ing s ol d er ing p ea k t em p . : max. 2 5 0 ?c 2 5 0 220 1 3 0 1 7 0 t em p e r a tur e ( ?c )
7 vsb series ? 2005 fujitsu components america, inc. all company and product names are trademarks or registered trademarks of their respective owners. rev. 07/19/2005. japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: marcom@fcai.fujitsu.com web: www.fcai.fujitsu.com europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info@fceu.fujitsu.com web: www.fceu.fujitsu.com asia pacific fujitsu components asia ltd. 102e pasir panjang road #04-01 citilink warehouse complex singapore 118529 tel: (65) 6375-8560 fax: (65) 6273-3021 email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com fujitsu components international headquarter offices


▲Up To Search▲   

 
Price & Availability of VSB-48STB-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X