|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
d a t a sh eet product speci?cation supersedes data of 2000 feb 09 file under integrated circuits, ic01 2000 jul 31 integrated circuits UDA1334ATS low power audio dac with pll
2000 jul 31 2 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS contents 1 features 1.1 general 1.2 multiple format data interface 1.3 dac digital features 1.4 advanced audio configuration 1.5 pll system clock generation 2 applications 3 general description 4 ordering information 5 quick reference data 6 block diagram 7 pinning 8 functional description 8.1 system clock 8.1.1 audio mode 8.1.2 video mode 8.2 interpolation filter 8.3 noise shaper 8.4 filter stream dac 8.5 power-on reset 8.6 feature settings 8.6.1 digital interface format select 8.6.2 de-emphasis control 8.6.3 mute control 9 limiting values 10 handling 11 thermal characteristics 12 quality specification 13 dc characteristics 14 ac characteristics 14.1 analog 14.2 timing 15 application information 16 package outline 17 soldering 17.1 introduction to soldering surface mount packages 17.2 reflow soldering 17.3 wave soldering 17.4 manual soldering 17.5 suitability of surface mount ic packages for wave and reflow soldering methods 18 data sheet status 19 definitions 20 disclaimers 2000 jul 31 3 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 1 features 1.1 general 2.4 to 3.6 v power supply voltage on-board pll to generate the internal system clock: C operates as an asynchronous dac, regenerating the internal clock from the ws signal (called audio mode) C generates audio related system clock (output) based on 32, 48 or 96 khz sampling frequency (called video mode). integrated digital filter plus dac supports sample frequencies from 16 to 100 khz in asynchronous dac mode no analog post filtering required for dac easy application ssop16 package. 1.2 multiple format data interface i 2 s-bus and lsb-justified format compatible 1f s input data rate. 1.3 dac digital features digital de-emphasis for 44.1 khz sampling frequency mute function. 1.4 advanced audio con?guration high linearity, wide dynamic range and low distortion. 1.5 pll system clock generation integrated low jitter pll for use in applications in which there is digital audio data present but the system cannot provide an audio related system clock. this mode is called audio mode. the pll can generate 256 48 khz and 384 48 khz from a 27 mhz input clock. this mode is called video mode. 2 applications this audio dac is excellently suitable for digital audio portable application, specially in applications in which an audio related system clock is not present. 3 general description the UDA1334ATS is a single chip 2 channel digital-to-analog converter employing bitstream conversion techniques, including an on-board pll. the extremely low power consumption and low voltage requirements make the device eminently suitable for use in low-voltage low-power portable digital audio equipment which incorporates a playback function. the UDA1334ATS supports the i 2 s-bus data format with word lengths of up to 24 bits and the lsb-justified serial data format with word lengths of 16, 20 and 24 bits. the UDA1334ATS has basic features such as de-emphasis (44.1 khz sampling frequency, only supported in audio mode) and mute. 4 ordering information type number package name description version UDA1334ATS ssop16 plastic shrink small outline package; 16 leads; body width 4.4 mm sot369-1 2000 jul 31 4 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 5 quick reference data note 1. the output voltage of the dac scales proportionally to the power supply voltage. symbol parameter conditions min. typ. max. unit supplies v dda dac analog supply voltage 2.4 3.0 3.6 v v ddd digital supply voltage 2.4 3.0 3.6 v i dda dac analog supply current audio mode - 3.5 - ma video mode - 3.5 - ma i ddd digital supply current audio mode - 2.5 - ma video mode - 4.5 - ma t amb ambient temperature - 40 - +85 c digital-to-analog converter (v dda =v ddd = 3.0 v) v o(rms) output voltage (rms value) at 0 db (fs) digital input; note 1 - 900 - mv (thd+n)/s total harmonic distortion-plus-noise to signal ratio f s = 44.1 khz; at 0 db -- 90 - db f s = 44.1 khz; at - 60 db; a-weighted -- 40 - db f s = 96 khz; at 0 db -- 85 - db f s = 96 khz; at - 60 db; a-weighted -- 38 - db s/n signal-to-noise ratio f s = 44.1 khz; code = 0; a-weighted - 100 - db f s = 96 khz; code = 0; a-weighted - 98 - db a cs channel separation - 100 - db power dissipation (at f s = 44.1 khz) p power dissipation audio mode - 18 - mw video mode - 24 - mw 2000 jul 31 5 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 6 block diagram handbook, full pagewidth mgl973 dac UDA1334ATS noise shaper interpolation filter de-emphasis 14 15 dac 6 digital interface pll 16 3 2 1 4 5 11 7 13 12 voutr bck v ssa ws voutl datai v dda v ddd 10 pll0 v ref(dac) v ssd sfor0 sysclk/pll1 8 mute 9 deem/clkout sfor1 fig.1 block diagram. 2000 jul 31 6 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 7 pinning note 1. because of test issues these pads are not 5 v tolerant and both pads should be at power supply voltage level or at a maximum of 0.5 v above that level. symbol pin pad type description bck 1 5 v tolerant digital input pad bit clock input ws 2 5 v tolerant digital input pad word select input datai 3 5 v tolerant digital input pad serial data input v ddd 4 digital supply pad digital supply voltage v ssd 5 digital ground pad digital ground sysclk/pll1 6 5 v tolerant digital input pad system clock input in video mode/pll mode control 1 input in audio mode sfor1 7 5 v tolerant digital input pad serial format select 1 input mute 8 5 v tolerant digital input pad mute control input deem/clkout 9 5 v tolerant digital input/output pad de-emphasis control input in audio mode/clock output in video mode pll0 10 3-level input pad; note 1 pll mode control 0 input sfor0 11 digital input pad; note 1 serial format select 0 input v ref(dac) 12 analog pad dac reference voltage v dda 13 analog supply pad dac analog supply voltage voutl 14 analog output pad dac output left v ssa 15 analog ground pad dac analog ground voutr 16 analog output pad dac output right handbook, halfpage UDA1334ATS mgl972 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 voutr bck v ssa ws voutl datai v dda v ddd v ref(dac) v ssd sfor0 sysclk/pll1 pll0 sfor1 deem/clkout mute fig.2 pin configuration. 2000 jul 31 7 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 8 functional description 8.1 system clock the UDA1334ATS incorporates a pll capable of generating the system clock. the UDA1334ATS can operate in 2 modes: it operates as an asynchronous dac, which means the device regenerates the internal clocks using a pll from the incoming ws signal. this mode is called audio mode. it generates the internal clocks from a 27 mhz clock input, based on 32, 48 and 96 khz sampling frequencies. this mode is called video mode. in video mode, the digital audio input is slave, which means that the system must generate the bck and ws signals from the output clock available at pin clkout of the UDA1334ATS. the digital audio signals should be frequency locked to the clkout signal. remarks: 1. the ws edge must fall on the negative edge of the bck at all times for proper operation of the digital i/o data interface 2. for lsb-justified formats it is important to have a ws signal with a duty factor of 50%. 8.1.1 a udio mode audio mode is enabled by setting pin pll0 to low. de-emphasis can be activated via pin deem/clkout according to table 5. in audio mode, pin sysclk/pll1 is used to set the sampling frequency range as given in table 1. table 1 sampling frequency range in audio mode 8.1.2 v ideo mode in video mode, the master clock is a 27 mhz external clock (as is available in video environment). a clock-out signal is generated at pin deem/clkout. the output frequency can be selected using pin pll0. the output frequency is either 12.228 mhz (256 48 khz) with pin pll0 being at mid level or 18.432 mhz (384 48 khz) with pin pll0 being high, as given in table 2. table 2 clock output selection in video mode notes 1. the supported sampling frequencies are: 96, 48 and 24 khz or 64, 32 and 16 khz. 2. the supported sampling frequencies are: 96, 48 and 24 khz; 72 and 36 khz or 32 khz. 8.2 interpolation ?lter the interpolation digital filter interpolates from 1f s to 64f s by cascading fir filters (see table 3). table 3 interpolation ?lter characteristics 8.3 noise shaper the 5th-order noise shaper operates at 64f s . it shifts in-band quantization noise to frequencies well above the audio band. this noise shaping technique enables high signal-to-noise ratios to be achieved. the noise shaper output is converted into an analog signal using a filter stream dac (fsdac). sysclk/pll1 selection low f s =16to50khz high f s = 50 to 100 khz pll0 selection mid 12.228 mhz clock; note 1 high 18.432 mhz clock; note 2 low audio mode item condition value (db) pass-band ripple 0f s to 0.45f s 0.02 stop band >0.55f s - 50 dynamic range 0f s to 0.45f s >114 2000 jul 31 8 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 8.4 filter stream dac the fsdac is a semi-digital reconstruction filter that converts the 1-bit data stream of the noise shaper to an analog output voltage. the filter coefficients are implemented as current sources and are summed at virtual ground of the output operational amplifier. in this way very high signal-to-noise performance and low clock jitter sensitivity is achieved. no post filter is needed due to the inherent filter function of the dac. on-board amplifiers convert the fsdac output current to an output voltage signal capable of driving a line output. the output voltage of the fsdac scales proportionally to the power supply voltage. 8.5 power-on reset the UDA1334ATS has an internal power-on reset circuit (see fig.3) which resets the test control block. the reset time (see fig.4) is determined by an external capacitor which is connected between pin v ref(dac) and ground. the reset time should be at least 1 m s for v ref(dac) < 1.25 v. when v dda is switched off, the device will be reset again for v ref(dac) < 0.75 v. during the reset time the system clock should be running. handbook, halfpage v dda v ref(dac) 3.0 v 13 12 mgt015 UDA1334ATS c1 > 10 m f reset circuit 50 k w 50 k w fig.3 power-on reset circuit. handbook, halfpage 3.0 v ddd (v) 1.5 0 t 3.0 v dda (v) 1.5 0 t 3.0 v ref(dac) (v) 1.5 1.25 0.75 0 t mgl984 > 1 m s fig.4 power-on reset timing. 2000 jul 31 9 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 8.6 feature settings 8.6.1 d igital interface format select the digital audio interface formats (see fig.5) can be selected via pins sfor1 and sfor0 as shown in table 4. for the digital audio interface holds that the bck frequency can be maximum 64 times ws frequency. the ws signal must change at the negative edge of the bck signal for all digital audio formats. table 4 data format selection 8.6.2 d e - emphasis control this function is only available in audio mode. in that case, pin deem/clkout can be used to activate the digital de-emphasis for 44.1 khz as given in table 5. table 5 de-emphasis control (audio mode) 8.6.3 m ute control the output signal can be soft muted by setting pin mute to high as given in table 6. table 6 mute control sfor1 sfor0 input format low low i 2 s-bus input low high lsb-justi?ed 16 bits input high low lsb-justi?ed 20 bits input high high lsb-justi?ed 24 bits input deem/clkout function low de-emphasis off high de-emphasis on mute function low mute off high mute on 2000 jul 31 10 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here inthis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force landscape pages to be ... ha ndbook, full pagewidth mgs752 16 b5 b6 b7 b8 b9 b10 left lsb-justified format 24 bits ws bck data right 15 18 17 20 19 22 21 23 24 2 1 b3 b4 msb b2 b23 lsb 16 b5 b6 b7 b8 b9 b10 15 18 17 20 19 22 21 23 24 21 b3 b4 msb b2 b23 lsb 16 msb b2 b3 b4 b5 b6 left lsb-justified format 20 bits ws bck data right 15 18 17 20 19 2 1 b19 lsb 16 msb b2 b3 b4 b5 b6 15 18 17 20 19 2 1 b19 lsb 16 msb b2 left lsb-justified format 16 bits ws bck data right 15 2 1 b15 lsb 16 msb b2 15 2 1 b15 lsb msb msb b2 2 1 > = 8 12 3 left i 2 s-bus format ws bck data right 3 > = 8 msb b2 fig.5 digital audio formats. 2000 jul 31 11 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 9 limiting values in accordance with the absolute maximum rating system (iec 60134). notes 1. all supply connections must be made to the same power supply. 2. esd behaviour is tested according to jedec ii standard. 3. short-circuit test at t amb =0 c and v dda = 3 v. dac operation after short-circuiting cannot be warranted. 10 handling inputs and outputs are protected against electrostatic discharge in normal handling. however, to be totally safe, it is desirable to take normal precautions appropriate to handling mos devices. 11 thermal characteristics 12 quality specification in accordance with snw-fq-611-e . 13 dc characteristics v ddd =v dda = 3.0 v; t amb =25 c; r l =5k w ; all voltages with respect to ground (pins v ssa and v ssd ); unless otherwise speci?ed. symbol parameter conditions min. max. unit v dd supply voltage note 1 - 4.0 v t xtal(max) maximum crystal temperature - 150 c t stg storage temperature - 65 +125 c t amb ambient temperature - 40 +85 c v es electrostatic handling voltage human body model; note 2 - 2000 +2000 v machine model; note 2 - 250 +250 v i sc(dac) short-circuit current of dac note 3 output short-circuited to v ssa - 450 ma output short-circuited to v dda - 300 ma symbol parameter conditions value unit r th(j-a) thermal resistance from junction to ambient in free air 145 k/w symbol parameter conditions min. typ. max. unit supplies v dda dac analog supply voltage note 1 2.4 3.0 3.6 v v ddd digital supply voltage note 1 2.4 3.0 3.6 v i dda dac analog supply current audio mode - 3.5 - ma video mode - 3.5 - ma i ddd digital supply current audio mode - 2.5 - ma video mode - 4.5 - ma 2000 jul 31 12 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS notes 1. all supply connections must be made to the same external power supply unit. 2. when the dac drives a capacitive load above 50 pf, a series resistance of 100 w must be used to prevent oscillations in the output operational amplifier. 14 ac characteristics 14.1 analog v ddd =v dda = 3.0 v; f i = 1 khz; t amb =25 c; r l =5k w ; all voltages with respect to ground (pins v ssa and v ssd ); unless otherwise speci?ed. digital input pins: ttl compatible v ih high-level input voltage 2.0 - 5.0 v v il low-level input voltage - 0.5 - +0.8 v ? i li ? input leakage current -- 1 m a c i input capacitance -- 10 pf 3-level input: pin pll0 v ih high-level input voltage 0.9v ddd - v ddd + 0.5 v v im mid-level input voltage 0.4v ddd - 0.6v ddd v v il low-level input voltage - 0.5 - +0.5 v digital output pins v oh high-level output voltage i oh = - 2 ma 0.85v ddd -- v v ol low-level output voltage i ol =2ma -- 0.4 v dac v ref(dac) reference voltage with respect to v ssa 0.45v dd 0.5v dd 0.55v dd v r o(ref) output resistance on pin v ref(dac) - 25 - k w i o(max) maximum output current (thd + n)/s < 0.1%; r l =5k w - 1.6 - ma r l load resistance 3 -- k w c l load capacitance note 2 -- 50 pf symbol parameter conditions typ. unit dac v o(rms) output voltage (rms value) at 0 db (fs) digital input; note 1 900 mv d v o unbalance between channels 0.1 db (thd + n)/s total harmonic distortion-plus-noise to signal ratio f s = 44.1 khz; at 0 db - 90 db f s = 44.1 khz; at - 60 db; a-weighted - 40 db f s = 96 khz; at 0 db - 85 db f s = 96 khz; at - 60 db; a-weighted - 38 db symbol parameter conditions min. typ. max. unit 2000 jul 31 13 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS note 1. the output voltage of the dac scales proportionally to the analog power supply voltage. 14.2 timing v ddd =v dda = 2.4 to 3.6 v; t amb = - 20 to +85 c; r l =5k w ; all voltages with respect to ground (pins v ssa and v ssd ); unless otherwise speci?ed; note 1. note 1. the typical value of the timing is specified for a sampling frequency of 44.1 khz. s/n signal-to-noise ratio f s = 44.1 khz; code = 0; a-weighted 100 db f s = 96 khz; code = 0; a-weighted 98 db a cs channel separation 100 db psrr power supply rejection ratio f ripple = 1 khz; v ripple = 30 mv (p-p) 60 db symbol parameter conditions min. typ. max. unit output clock timing in video mode (see fig.6) t sys output clock cycle f o = 12.228 mhz - 81.38 - ns f o = 18.432 mhz - 54.25 - ns t cwl output clock low time f o = 12.228 mhz 0.3t sys - 0.7t sys ns f o = 18.432 mhz 0.4t sys - 0.6t sys ns t cwh output clock high time f o = 12.228 mhz 0.3t sys - 0.7t sys ns f o = 18.432 mhz 0.4t sys - 0.6t sys ns serial input data timing (see fig.7) f bck bit clock frequency -- 64f s hz t bckh bit clock high time 50 -- ns t bckl bit clock low time 50 -- ns t r rise time -- 20 ns t f fall time -- 20 ns t su(datai) set-up time data input 20 -- ns t h(datai) hold time data input 0 -- ns t su(ws) set-up time word select 20 -- ns t h(ws) hold time word select 10 -- ns symbol parameter conditions typ. unit 2000 jul 31 14 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS handbook, full pagewidth mgr984 t sys t cwh t cwl fig.6 output clock timing. handbook, full pagewidth mgl880 t f t h(ws) t su(ws) t su(datai) t h(datai) t bckh t bckl t cy(bck) t r ws bck datai fig.7 serial interface timing. 2000 jul 31 15 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 15 application information handbook, full pagewidth mgl971 UDA1334ATS 6 sysclk/pll1 1 bck 2 ws 3 datai 14 voutl r3 100 w r1 220 k w 16 voutr r4 100 w r2 220 k w 7 sfor1 11 sfor0 9 deem/clkout 10 pll0 8 mute 47 m f (16 v) c4 47 m f (16 v) c3 left output right output 12 v ref(dac) c7 47 m f (16 v) c8 100 nf (63 v) 4 5 v ddd v ssd r6 1 w digital supply voltage c6 15 13 v ssa v dda r7 1 w c9 47 m f (16 v) c10 100 nf (63 v) 100 nf (63 v) analog supply voltage c5 47 m f (16 v) c1 10 nf (63 v) 10 nf (63 v) c2 fig.8 audio mode application diagram. in audio mode, the system does not need to supply a system clock. 2000 jul 31 16 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS handbook, full pagewidth mgl974 47 w r5 UDA1334ATS 6 sysclk/pll1 27 mhz clock 1 bck 2 ws 3 datai 14 voutl r3 100 w r1 220 k w 16 voutr r4 100 w r2 220 k w 7 sfor1 11 sfor0 9 audio clock i 2 s-bus (master) deem/clkout 10 pll0 8 mute mpeg decoder 47 m f (16 v) c4 47 m f (16 v) c3 left output right output 12 v ref(dac) c7 47 m f (16 v) c8 100 nf (63 v) 4 5 v ddd v ssd r6 1 w digital supply voltage c6 15 13 v ssa v dda r7 1 w c9 47 m f (16 v) c10 100 nf (63 v) 100 nf (63 v) analog supply voltage c5 47 m f (16 v) c1 10 nf (63 v) 10 nf (63 v) c2 fig.9 video mode application diagram. in video mode, a clock output signal is generated by the UDA1334ATS which is master for the audio signals in the system; the digital audio interface is slave, which means the system must generate the bck and ws signal from the UDA1334ATS output clock. 2000 jul 31 17 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 16 package outline unit a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec eiaj mm 0.15 0.00 1.4 1.2 0.32 0.20 0.25 0.13 5.30 5.10 4.5 4.3 0.65 6.6 6.2 0.65 0.45 0.48 0.18 10 0 o o 0.13 0.2 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.20 mm maximum per side are not included. 0.75 0.45 1.0 sot369-1 mo-152 95-02-04 99-12-27 w m q a a 1 a 2 b p d y h e l p q detail x e z e c l v m a x (a ) 3 a 0.25 18 16 9 pin 1 index 0 2.5 5 mm scale ssop16: plastic shrink small outline package; 16 leads; body width 4.4 mm sot369-1 a max. 1.5 2000 jul 31 18 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 17 soldering 17.1 introduction to soldering surface mount packages this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our data handbook ic26; integrated circuit packages (document order number 9398 652 90011). there is no soldering method that is ideal for all surface mount ic packages. wave soldering is not always suitable for surface mount ics, or for printed-circuit boards with high population densities. in these situations reflow soldering is often used. 17.2 re?ow soldering reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. typical reflow peak temperatures range from 215 to 250 c. the top-surface temperature of the packages should preferable be kept below 230 c. 17.3 wave soldering conventional single wave soldering is not recommended for surface mount devices (smds) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. to overcome these problems the double-wave soldering method was specifically developed. if wave soldering is used the following conditions must be observed for optimal results: use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. for packages with leads on two sides and a pitch (e): C larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; C smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves at the downstream end. for packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves downstream and at the side corners. during placement and before soldering, the package must be fixed with a droplet of adhesive. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. the package can be soldered after the adhesive is cured. typical dwell time is 4 seconds at 250 c. a mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. 17.4 manual soldering fix the component by first soldering two diagonally-opposite end leads. use a low voltage (24 v or less) soldering iron applied to the flat part of the lead. contact time must be limited to 10 seconds at up to 300 c. when using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 c. 2000 jul 31 19 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 17.5 suitability of surface mount ic packages for wave and re?ow soldering methods notes 1. all surface mount (smd) packages are moisture sensitive. depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). for details, refer to the drypack information in the data handbook ic26; integrated circuit packages; section: packing methods . 2. these packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. if wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. the package footprint must incorporate solder thieves downstream and at the side corners. 4. wave soldering is only suitable for lqfp, tqfp and qfp packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. wave soldering is only suitable for ssop and tssop packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. package soldering method wave reflow (1) bga, lfbga, sqfp, tfbga not suitable suitable hbcc, hlqfp, hsqfp, hsop, htqfp, htssop, sms not suitable (2) suitable plcc (3) , so, soj suitable suitable lqfp, qfp, tqfp not recommended (3)(4) suitable ssop, tssop, vso not recommended (5) suitable 2000 jul 31 20 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS 18 data sheet status note 1. please consult the most recently issued data sheet before initiating or completing a design. data sheet status product status definitions (1) objective speci?cation development this data sheet contains the design target or goal speci?cations for product development. speci?cation may change in any manner without notice. preliminary speci?cation quali?cation this data sheet contains preliminary data, and supplementary data will be published at a later date. philips semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. product speci?cation production this data sheet contains ?nal speci?cations. philips semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. 19 definitions short-form specification ? the data in a short-form specification is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values definition ? limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information ? applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. 20 disclaimers life support applications ? these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes ? philips semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. 2000 jul 31 21 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS notes 2000 jul 31 22 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS notes 2000 jul 31 23 philips semiconductors product speci?cation low power audio dac with pll UDA1334ATS notes ? philips electronics n.v. sca all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. internet: http://www.semiconductors.philips.com 2000 70 philips semiconductors C a worldwide company for all other countries apply to: philips semiconductors, marketing communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 3 figtree drive, homebush, nsw 2140, tel. +61 2 9704 8141, fax. +61 2 9704 8139 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 1 60 101 1248, fax. +43 1 60 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 20 0733, fax. +375 172 20 0773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 68 9211, fax. +359 2 68 9102 canada: philips semiconductors/components, tel. +1 800 234 7381, fax. +1 800 943 0087 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: sydhavnsgade 23, 1780 copenhagen v, tel. +45 33 29 3333, fax. +45 33 29 3905 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615 800, fax. +358 9 6158 0920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 4099 6161, fax. +33 1 4099 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 2353 60, fax. +49 40 2353 6300 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: pt philips development corporation, semiconductors division, gedung philips, jl. buncit raya kav.99-100, jakarta 12510, tel. +62 21 794 0040 ext. 2501, fax. +62 21 794 0080 ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, via casati, 23 - 20052 monza (mi), tel. +39 039 203 6838, fax +39 039 203 6800 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108-8507, tel. +81 3 3740 5130, fax. +81 3 3740 5057 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381, fax +9-5 800 943 0087 middle east: see italy netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 pakistan: see singapore philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland : al.jerozolimskie 195 b, 02-222 warsaw, tel. +48 22 5710 000, fax. +48 22 5710 001 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 319762, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 58088 newville 2114, tel. +27 11 471 5401, fax. +27 11 471 5398 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 93 301 6312, fax. +34 93 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 5985 2000, fax. +46 8 5985 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2741 fax. +41 1 488 3263 taiwan: philips semiconductors, 5f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2451, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 60/14 moo 11, bangna trad road km. 3, bagna, bangkok 10260, tel. +66 2 361 7910, fax. +66 2 398 3447 turkey: yukari dudullu, org. san. blg., 2.cad. nr. 28 81260 umraniye, istanbul, tel. +90 216 522 1500, fax. +90 216 522 1813 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 208 730 5000, fax. +44 208 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381, fax. +1 800 943 0087 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 3341 299, fax.+381 11 3342 553 printed in the netherlands 753503/25/02/pp 24 date of release: 2000 jul 31 document order number: 9397 750 07238 |
Price & Availability of UDA1334ATS |