Part Number Hot Search : 
M28W800T NDT451 LA76810A TMK316B 090663 03N60 BC107 TMK316B
Product Description
Full Text Search
 

To Download U74LVC1G126G-AE5-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd u74lvc1g126 cmos ic www.unisonic.com.tw 1 of 5 copyright ? 2011 unisonic technologies co., ltd qw-r502-398.c bus buffer/line driver; 3-state ? description the u74lvc1g126 is single bus buffer/line driver with 3-state output. the output is disabled w hen the output enable (oe) is low. when oe is high, true data is will pass a input to the y output. this device has power-down protective circuit preventing device from destruction when it is powered down. ? features * operate from 1.65v to 5.5v * inputs accept voltages to 5.5v * high noise immunity * low power dissipation * direct interface with ttl level ? ordering information ordering number package packing lead free halogen free u74lvc1g126l-ae5-r U74LVC1G126G-AE5-R sot-23-5 tape reel u74lvc1g126l-af5-r u74lvc1g126g-af5-r sot-25 tape reel u74lvc1g126l-al5-r u74lvc1g126g-al5-r sot-353 tape reel ? marking 3l6 3 2 1 4 5 g: halogen free l:lead free
u74lvc1g126 cmos ic unisonic technologies co., ltd 2 of 5 www.unisonic.com.tw qw-r502-398.c ? pin configuration 3 2 1 4 5 oe a gnd y v cc ? function table input(oe) input(a) output(y) h l l h h h l x z note: h: high voltage level; l: low voltage le vel; x=don?t care; z=hi gh-impedance off-state. ? logic diagram (positive logic) logic symbol iec logic symbol
u74lvc1g126 cmos ic unisonic technologies co., ltd 3 of 5 www.unisonic.com.tw qw-r502-398.c ? absolute maximum rating parameter symbol ratings unit supply voltage v cc -0.5 ~ +6.5 v input voltage v in -0.5 ~ +6.5 v output voltage enable mode v out -0.5 ~ v cc + 0.5 v disable mode -0.5 ~ +6.5 v power-down mode -0.5 ~ +6.5 v v cc or gnd current i cc 100 ma continuous output current (v out =0 to v cc) i out 50 ma input clamp current (v in <0) i ik -50 ma output clamp current (v out >v cc or v out <0) i ok 50 ma power dissipation (t a =-40c ~ +125c) sot-23-5 p d 300 mw sot-25 360 sot-353 250 operating temperature t opr -40 ~ +125 c storage temperature t stg -65 ~ +150 c note: absolute maximum ratings are those values beyo nd which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? recommended operating conditions parameter symbol test conditions min typ max unit supply voltage v cc operating 1.65 5.5 v input voltage v in 0 5.5 v output voltage v out v cc =1.65v ~ 5.5v; enable mode 0 v cc v v cc =1.65v ~ 5.5v; disable mode 0 5.5 v v cc =0v; power-down mode 0 5.5 v input transition rise or fall rate t r / t f v cc =1.65v ~ 2.7v 20 ns/v v cc =2.7v ~ 5.5v 10 ns/v ? electrical characteristics (t a =25c , unless otherwise specified) parameter symbol test conditions min typ max unit high-level input voltage v ih v cc =1.65v ~ 1.95v 0.65*v cc v v cc =2.3v ~ 2.7v 1.7 v v cc =2.7v ~ 3.6v 2 v v cc =4.5v ~ 5.5v 0.7*v cc v low-level input voltage v il v cc =1.65v ~ 1.95v 0.35*v cc v v cc =2.3v ~ 2.7v 0.7 v v cc =2.7v ~ 3.6v 0.8 v v cc =4.5v ~ 5.5v 0.3*v cc v high-level output voltage v oh i oh =-100 a v cc =1.65 ~ 5.5v v cc -0.1 v i oh =-4ma v cc =1.65v 1.2 v i oh =-8ma v cc =2.3v 1.9 v i oh =-12ma v cc =2.7v 2.2 v i oh =-24ma v cc =3.0v 2.3 v i oh =-32ma v cc =4.5v 3.8 v low-level output voltage v ol i ol =100 a v cc =1.65 ~ 5.5v 0.1 v i ol =4ma v cc =1.65v 0.45 v i ol =8ma v cc =2.3v 0.3 v i ol =12ma v cc =2.7v 0.4 v i ol =24ma v cc =3.0v 0.55 v i ol =32ma v cc =4.5v 0.55 v
u74lvc1g126 cmos ic unisonic technologies co., ltd 4 of 5 www.unisonic.com.tw qw-r502-398.c ? electrical characteristics(cont.) parameter symbol test conditions min typ max unit input leakage current i i ( leak ) v in =5.5v or gnd, v cc =5.5v 0.1 5 a power off leakage current i off v in or v out =5.5v, v cc =0v 0.1 10 a 3-state output off-state current i oz v in =v ih or v il , v out =v cc or gnd, v cc =5.5v 0.1 10 a quiescent supply current i cc v in =v cc or gnd, i out =0, v cc =5.5v 0.1 10 a additional quiescent supply current per input pin i cc v cc =2.3 ~ 5.5v, v in =v cc -0.6v, i out =0 5 500 a ? switching characteristics (t a =25 ) parameter symbol test conditions min typ max unit propagation delay from input a to output y t plh / t phl v cc =1.80.15v, r l =1k ? c l =30pf 1.0 3.0 8.0 ns v cc =2.50.2v, r l =500 ? 0.5 2.1 5.5 ns v cc =2.7v c l =50pf, r l =500 ? 0.5 2.3 5.5 ns v cc =3.30.3v 0.5 2.0 4.5 ns v cc =50.5v 0.5 1.7 4.0 ns 3-state output enable time from input oe to output y t pzh / t pzl v cc =1.80.15v, r l =1k ? c l =30pf 1.0 3.2 9.4 ns v cc =2.50.2v, r l =500 ? 0.5 2.2 6.6 ns v cc =2.7v c l =50pf, r l =500 ? 0.5 2.4 6.6 ns v cc =3.30.3v 0.5 2.1 5.3 ns v cc =50.5v 0.5 1.6 5.0 ns 3-state output disable time from input oe to output y t plz / t plh v cc =1.80.15v, r l =1k ? c l =30pf 1.0 4.3 9.2 ns v cc =2.50.2v, r l =500 ? 0.5 2.7 5.5 ns v cc =2.7v c l =50pf, r l =500 ? 0.5 3.4 5.5 ns v cc =3.30.3v 0.5 3.0 5.5 ns v cc =50.5v 0.5 2.2 4.2 ns
u74lvc1g126 cmos ic unisonic technologies co., ltd 5 of 5 www.unisonic.com.tw qw-r502-398.c ? test circuit and waveforms from output r l v load gnd open s test t plh /t phl t phz /t pzh t plz /t pzl s open gnd v load c l r l v cc inputs v m v load v c l r l v in t r , t f 1.8v0.15v v cc 2ns v cc /2 2 x v cc 0.15v 30pf 1k ? 2.5v0.2v v cc 2ns v cc /2 2 x v cc 0.15v 30pf 500 ? 2.7v 2.7v 2.5ns 1.5v 6v 0.3v 50pf 500 ? 3.3v0.3v 2.7v 2.5ns 1.5v 6v 0.3v 50pf 500 ? 5v0.5v v cc 2.5ns v cc /2 2 x v cc 0.3v 50pf 500 ? note: c l includes probe and jig capacitance. all input pulses are supplied by generators having the following characteristics: p rr 10mhz, z o = 50 ? . utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of U74LVC1G126G-AE5-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X